this document was generated on 04/15/2010 please check www.molex.com for latest part information part number: 0502247112 status: active description: ring tongue terminal for 16-22 awg, closed uninsulated brazed barrel, stud size 5 (m3), oxygen-free copper, length 12.00mm (.472") documents: drawing (pdf) product specification ps-50224-002 (pdf) product specification ps-50224-001 (pdf) rohs certificate of compliance (pdf) general product family ring and spade terminals series 50224 crimp quality equipment yes mil-spec n/a product name r (ring) type ring physical barrel type closed - brazed insulation none material - plating mating tin packaging type bag plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 stud size 5 (m3) termination interface: style crimp or compression wire size awg 16, 18, 20, 22 wire size mm2 0.25 - 1.65 material info reference - drawing numbers product specification ps-50224-001, ps-50224-002 sales drawing sd-50224-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 50224 series application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. japan description product # hand crimper for jis terminal 0572575000 hand crimper for jis terminal 0573435002 air type hand crimper for jis terminal 0573439005 this document was generated on 04/15/2010 please check www.molex.com for latest part information
|