Part Number Hot Search : 
V130LA2 BR1008S VNQ6004 S29AL0 R2030 IP1717 FMS6418 ALO40
Product Description
Full Text Search
 

To Download 2SK2603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK2603 2002-07-22 1 toshiba field effect transistor silicon n channel mos type ( ? mosiii) 2SK2603 chopper regulator, dc ? dc converter and motor drive applications  low drain ? source on resistance : r ds (on) = 3.0 ? (typ.)  high forward transfer admittance : |y fs | = 2.6 s (typ.)  low leakage current : i dss = 1 00 a (max) (v ds = 640 v)  enhancement ? mode : v th = 2.0~4.0 v (v ds = 1 0 v, i d = 1 ma) maximum ratings (ta = 25c) characteristics symbol rating unit drain ? source voltage v dss 800 v drain ? gate voltage (r gs = 20 k ? ) v dgr 800  v gate ? source voltage v gss 30 v dc (note 1) i d 3 drain current pulse (note 1) i dp 9 a drain power dissipation (tc = 25c) p d 100 w single pulse avalanche energy (note 2) e as 300 mj avalanche current i ar 3 a repetitive avalanche energy (note 3) e ar 10.0 mj channel temperature t ch 150 c storage temperature range t stg ? 55~150 c thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch ? c) 1.25 c / w thermal resistance, channel to ambient r th (ch ? a) 83.3 c / w note 1: please use devices on condition that the channel temperature is below 150c. note 2: v dd = 90 v, t ch = 25c (initial), l = 60.0 mh, i ar = 6 a, r g = 25 ? note 3: repetitive rating: pulse width limited by maximum channel temperature this transistor is an electrostatic sensitive device. please handle with caution. unit: mm jedec to-220ab jeita sc-46 toshiba 2-10p1b weight: 2.0 g (typ.)
2SK2603 2002-07-22 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 30 v, v ds = 0 v ? ? 10 a gate ? source breakdown voltage v (br) gss i g = 10 a, v ds = 0 v 30 ? ? v drain cut ? off current i dss v ds = 640 v, v gs = 0 v ? ? 100 a drain ? source breakdown voltage v (br) dss i d = 10 ma, v gs = 0 v 800 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 2.0 ? 4.0 v drain ? source on resistance r ds (on) v gs = 10 v, i d = 1.5 a, ? 3.0 3.6 ? forward transfer admittance |y fs | v ds = 20 v, i d = 1.5 a 0.65  2.6 ? s input capacitance c iss ? 750 ? reverse transfer capacitance c rss ? 10 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 70 ? pf  rise time t r ? 15 ? turn ? on time t on ? 55 ? fall time t f ? 30 ? switching time turn ? off time t off ? 110 ? ns  total gate charge (gate ? source plus gate ? drain) q g ? 25 ? gate ? source charge q gs ? 13 ? gate ? drain (?miller?) charge q gd v dd 400 v, v gs = 10 v, i d = 3 a ? 12 ? nc source ? drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 3 a pulse drain reverse current (note 1) i drp ? ? ? 9 a forward voltage (diode) v dsf i dr = 3 a, v gs = 0 v ? ? ? 1.9 v reverse recovery time t rr ? 900 ? ns reverse recovery charge q rr i dr = 3 a, v gs = 0 v, di dr / dt = 100 a / s ? 6 ? c marking
2SK2603 2002-07-22 3
2SK2603 2002-07-22 4
2SK2603 2002-07-22 5           dd vdss vdss as v b b i l 2 1 e 2 r g = 25 ? v dd = 90 v, l = 60 mh
2SK2603 2002-07-22 6  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SK2603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X