![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
!"" ! " # # "$ % # & # # &$ # & " # # &"$ '# ( ) *+ * % " ( " , " *+ "* ) ( * - . ( / # 0 % +# 1 $ 2 13 424,3 56 & / 2 7% 3 & # # &$ 23 7 4 # 88 "$ # " 7 %# 4 &$ # & 7 # 4 & 88 &"$ # &" 7 '# 4 ( 9 / :& # & 7 #0 7 , / :&; # & 7 #0 7 & # # & 23 7 , 4 # " & # # "& 23 " 7 4) 4 # / ! ,4, <. 7 , 4, " 7 4)0 "% 7 4% -4 : 8 ; 7 0 # ""% 7 -# 4, 1 10 100 2SC5382 0.001 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 5v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 12 collector current i c [a] dc current gain h fe 0 0.5 1 1.5 2 2.5 3 2SC5382 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 0.5a 1.5a 3a 6a 9a tc = 25 c saturation voltage 6 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v] 0.01 0.1 1 10 0 1 2 3 4 5 6 2SC5382 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 150v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s] 0.01 0.1 1 10 0 50 100 150 200 250 300 2SC5382 i c = 3a i b1 = 0.6a i b2 = 1.2a v bb2 = 4v tc = 25 c t s t on t f switching time - v cc collector voltage v cc [v] switching time t sw [ m s] 0.01 0.1 1 10 0 50 100 150 2SC5382 i c = 3a i b1 = 0.6a i b2 = 1.2a v bb2 = 4v r l = 50 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s] forward bias soa 0.01 0.1 1 10 1 10 100 2SC5382 100 m s tc = 25 c single pulse 200 m s 1ms 10ms dc 12 550 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit 0 20 40 60 80 100 0 50 100 150 2SC5382 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c] 0 2 4 6 8 10 12 0 100 200 300 400 500 600 700 800 2SC5382 i b1 = 0.3i c i b2 = 1.8a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a] transient thermal impedance 0.001 0.01 0.1 1 10 2SC5382 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w] |
Price & Availability of 2SC5382
![]() |