this document was generated on 03/15/2010 please check www.molex.com for latest part information part number: 0945404008 status: active description: 5.00mm (.197") pitch, wire-to-wire, wire-to-tab, receptacle, 8 circuits documents: drawing (pdf) rohs certificate of compliance (pdf) general product family crimp housings series 94540 product name n/a physical breakaway no gender female glow-wire compliant no number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.196 in pitch - mating interface (mm) 5.00 mm temperature range - operating n/a material info eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 94540 series mates with 94213 header use with 94518 terminal this document was generated on 03/15/2010 please check www.molex.com for latest part information
|