Part Number Hot Search : 
ST72F621 35020 010012TD R2016 04M86RQ P010008 EDI8M LC99154
Product Description
Full Text Search
 

To Download 0873401023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/03/2010 please check www.molex.com for latest part information part number: 0873401023 status: active description: 2.00mm (.079") pitch milli-grid? receptacle, surface mount (very low profile), top entry, with locating pegs, 0.76m (30") gold (au) plating, 10 circuits, lead-free, tube documents: 3d model product specification ps-87340 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 87340 application board-to-board product literature order no 987650-1991 product name milli-grid? physical circuits (loaded) 10 color - resin black durability (mating cycles max) 25 flammability 94v-0 glow-wire compliant no lock to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention none pcb thickness recommended (mm) 0.80 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 76 plating min: termination (m) 1.9 polarized to mating part no polarized to pcb no surface mount compatible (smc) n/a temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 1a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 14 lead-free process capability reflow capable (smt only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87340 series mates with 87759 vertical, surface mount, stackable pcb headers, 87760 right angle, through hole, stackable pcb headers, 87758 vertical, through hole, stackable pcb headers
max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers product specification ps-87340 sales drawing sd-87340-**01 this document was generated on 05/03/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0873401023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X