Part Number Hot Search : 
E103M D7802 BX9127 IC18F MAX232AC LVC11 L31HFP 74LVT543
Product Description
Full Text Search
 

To Download 0850400127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850400127 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 receptacle, style b, 64 circuits, lead free documents: 3d model product specification ps-85042-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85040 application daughtercard comments no mounting clips. no flux proof component type pcb receptacle overview din_41612 product name iec 603-2/din 41612 style b physical circuits (loaded) 64 circuits (maximum) 64 circuits detail standard contacts at a:a1-a32; b:b1-b32 durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes number of columns 32 number of pairs open pin field number of rows 2 orientation vertical pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.063 in, 0.157 in pcb thickness recommended (mm) 1.60 mm, 4.00 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1a data rate 622.0 mbps series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85040 series mates with din 41612 headers 85001 , 85011
real signals (per 25mm) 20 shielded no voltage - maximum 250v ac (rms) material info reference - drawing numbers product specification ps-85042-001 sales drawing sda-85040-0001, sda-85040-0127 this document was generated on 05/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0850400127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X