Part Number Hot Search : 
S10DC12 TAR5S27U SSCP485 FTS2022 W25Q1 063XW10 HEF4086B 31M10
Product Description
Full Text Search
 

To Download 0440500001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0440500001 status: active overview: modular_plugs_jacks description: modular jack, right angle, low profile, 8/8 documents: 3d model product specification ps-44050-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 44050 comments no external shield component type pcb jack magnetic no overview modular_plugs_jacks performance category 5 power over ethernet (poe) n/a product name rj45 physical boot color n/a color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch no lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation right angle (side entry) pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 50 plating min: mating (m) 1.25 plating min: termination (in) 100 plating min: termination (m) 2.5 ports 1 positions / loaded contacts 8/8 surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style through hole waterproof / dustproof no wire/cable type n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44050 series mates with fcc 68 plugs
electrical current - maximum per contact 1.5a grounding to pcb no grounding to panel none shielded yes voltage - maximum 150v ac (rms) solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-44050-004 product specification ps-44050-003 sales drawing sd-44050-002 test summary ts-44050-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0440500001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X