Part Number Hot Search : 
ST7537 22400 DS123 UPD5201C BQ2430 M4003 LED2000 IRF8327
Product Description
Full Text Search
 

To Download UF1600FCT09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-mar.05.2009 uf1600fct~uf1606fct features ? plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  low power loss, high efficiency.  low forwrd voltge, high current capability  high surge capacity.  ultra fast recovery times, high voltage.  in compliance with eu rohs 2002/95/ec directives ultrafast recovery rectifiers notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. reverse recovery test conditions: i f =.5a, i r =1a, irr=.25a. 3. thermal resistance from junction to case. mechancal data  case: ito-220ab plastic package  terminals: lead solderable per mil-std-750, method 2026  polarity: as marked.  standard packaging: any  weight: 0.055 ounces, 1.5615 grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% 50 to 600 volts 16 amperes current voltage r e t e m a r a pl o b m y s t c f 0 0 6 1 f ut c f 1 0 6 1 f ut c f 2 0 6 1 f ut c f 3 0 6 1 f ut c f 4 0 6 1 f ut c f 6 0 6 1 f u s t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv m r r 0 50 0 10 0 20 0 30 0 40 0 6v e g a t l o v s m r m u m i x a mv s m r 5 30 70 4 10 1 20 8 20 2 4v e g a t l o v g n i k c o l b c d m u m i x a mv c d 0 50 0 10 0 20 0 30 0 40 0 6v t t a t n e r r u c d r a w r o f e g a r e v a m u m i x a mc0 0 1 = o ci ( f) v a 6 1a - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w i m s f 5 2 1a a 0 . 8 t a e g a t l o v d r a w r o f m u m i x a mv f 0 . 10 3 . 10 7 . 1v t t n e r r u c e s r e v e r c d m u m i x a m j 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a j 5 2 1 = o c i r 0 . 1 0 0 5 a ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y tc j 0 7 10 3 1f p ) 2 e t o n ( e m i t y r e v o c e r e s r e v e r m u m i x a mt r r 0 50 0 1s n c n a t s i s e r l a m r e h t l a c i p y t) 3 e t o n ( er c j 2 o / c w e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p ot j t , g t s 0 5 1 + o t 5 6 - o c
page . 2 stad-mar.05.2009 uf1600fct~uf1606fct fig.3 forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitances fig.5 peak forward surge current fig.4 typical reverse characteristics forward voltage, volts reverse voltage, volts no. of cycles at 60hz case temperature, c o instantaneous forward current, amperes average forward current, amperes junction capacitance, pf forward surge current,amperes 25 100 300 40 250 200 20 10 4 100 150 2 50 1 0 0 4.0 8.0 12.0 16.0 20.0 24.0 50 75 100 125 150 175 1000 200 150 125 175 100 100 75 50 50 10 25 5 1 1 rating and characteristic curves single phase half wave 60hz resistive or inductive load t=25c j o t=25c 8.3ms single half since-wave jedec method j o 600v 50-400v 10 1 0.1 0.01 .4 .6 .8 1.0 1.2 1.6 1.8 1.4 100 2.0 600v 300-400v 50-200v t=25 c j o instantaneous reverse current,ua 1000 100 1.0 20 40 60 80 100 120 t=25 c j o t=125 c j o 1 0.1 10 40 percentage of peak reverse voltage,%


▲Up To Search▲   

 
Price & Availability of UF1600FCT09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X