Part Number Hot Search : 
LHLA4 2812D B100XXL ISG52124 P6SMB250 SWB403B FMT1080 143ZC
Product Description
Full Text Search
 

To Download TTF3A303K34D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ntc thermistor ttf type insulation film type for temperature sensing/compen sation thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2008.05  features 1. rohs compliant 2. radial leaded insulation film coated 3. -40 ~ +100 operating temperature range 4. agency recognition: ul /cul  recommended applications 1. home appliances (air conditioner, refrigerator, electric fan, electric cooker, washing machine, microwave oven, drinking machine, ctv, radio.) 2. computers 3. battery pack  part number code 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16  structure and dimensions product type ttf thinking ntc thermistor ttf type size 3 f 3mm zero power resistance at 25 (r 25 ) 102 1k 103 10k 473 47k tolerance of r 25 f 1% g 2% h 3% j 5% k 10% b value first two digits 30 31 32 U 40 41 U 30 31 32 U 40 41 U b value last two digits 0 a 1 b 2 U h 8 j 9 k 00 05 10 15 20 U 75 80 85 90 95 tolerance of b value 1 1% 2 2% 3 3% optional suffix y rohs compliant appearance a l:25mm solder part 5mm b l:50mm solder part 5mm definition of b value a b 25/85 b b 25/50 3.6 0.5 2 1 5 1 25 1 0.5 0.5 0.035 0.15 0.02 1.8 0.1 0.6(max.) slipped film: 1.0max (unit:mm) 0.17 0.02 ntc thermistor
ntc thermistor ttf type insulation film type for temperature sensing/compen sation thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2008.05  electrical characteristics safety approvals zero power resistance at 25c tolerance of r 25 b 25/85 value tolerance of b value max. power rating at 25c dissipation factor thermal time constant operating temperature range part no. r 25 (k ) ( %) (k) (%) p max (mw) (mw/c) (sec.) t l ~t u (c) ul cul ttf3a502 34d* 5 ? ? ttf3a103 34d* 10 ? ? ttf3a203 34d* 20 ? ? ttf3a303 34d* 30 ? ? ttf3a473 34d* 47 3435 ? ? ttf3a473 39h* 47 3975 ? ? ttf3a473 419* 47 4190 ? ? ttf3a503 34d* 50 ? ? ttf3a104 34d* 100 3435 ? ? ttf3a104 39h* 100 3975 ? ? ttf3a224 405* 220 1 2 3 5 10 4050 1 2 3 3.5 approx. 0.7 approx. 5 -40 ~ +100 ? ? note 1: = tolerance of r 25 note 2: * = tolerance of b value  power derating curve 100 0 25 t u 0 t l ambient temperature ( ) max power rating (%) t u maximum operating temperature ( ) t l minimum operating temperature ( ) for example ambient temperature(ta)=55 maximum operating temperature(t u ) 100 p ta =(t u -ta)/(t u -25) pmax 60% pmax
ntc thermistor ttf type insulation film type for temperature sensing/compen sation thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2008.05 0.1 1 10 100 1000 10000 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100  r-t characteristic curves (representative)  soldering recommendation  wave soldering profile resistance(k ? ) temperature ( ) ttf3a502 34d*~ ttf3a224 405* ttf3a224 405* ttf3a104 34d* ttf3a104 39h* ttf3a473 34d* ttf3a473 39h* ttf3a303 34d ttf3a203 34d ttf3a103 34d* ttf3a502 34d* temperature 13020 260 max tamb cooling time soldering preheating 30~90 sec. 1 sec. 10 sec. note 1 note 2 note 3 note 1: (1~3 )/sec note 2: approx. 200 /sec note 3: 5 /sec. (max)
ntc thermistor ttf type insulation film type for temperature sensing/compen sation thinking electronic industrial co., ltd. 4 www.thinking.com.tw 2008.05  recommended reworking conditions with soldering iro n item conditions temperature of soldering iron-tip 360 (max.) soldering time 3 sec (max.) distance from coating ? can't touch film bottom  reliability item standard test conditions / methods specifications tensile strength of terminals iec60068-2-21 gradually applying the force specified and keeping t he unit fixed for 101 sec.. terminal cross-sectional area force (mm2) (kg) 0.07 ntc thermistor ttf type insulation film type for temperature sensing/compen sation thinking electronic industrial co., ltd. 5 www.thinking.com.tw 2008.05  packaging  bulk packing : 500 pcs/ bag  storage conditions of products  storage conditions 1.storage temperature -10 ~+40 2.relative humidity Q 75%rh 3. keep away from corrosive atmosphere and sunlight .  period of storage 1 year


▲Up To Search▲   

 
Price & Availability of TTF3A303K34D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X