Part Number Hot Search : 
74HC163 ACTR312 SK1020 CR200 NE559 VN0206N3 HD49334A FS456
Product Description
Full Text Search
 

To Download SP6223EK-LTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation 50ma and 150ma cmos linear regulators sp6222/sp6223 description smps post-regulator dc-to-dc modules medical devices data cable pagers features applications the sp6222 and sp6223 are cmos ldos designed to meet a broad range of applications that require accuracy, speed and ease of use. these ldos offer extremely low quiescent current which only increases slightly under load, thus providing advantages in ground current performance over bipolar ldos. the ldos handle an extremely wide load range and guarantee stability with a 1 f ceramic output capacitor. they have excellent low frequency psrr, not found in other cmos ldos and thus offer exceptional line regulation. high frequency psrr is 55db (typical) at 1khz. load regulation is excellent and temperature stability is comparable to bipolar ldos. an enable feature is provided on all versions. the sp6222/6223 is available in fixed and adjustable output voltage versions in industry standard sc70 and sot23 packages. typical application circuit  very low dropout voltage: 200mv typ (150ma load)  high output setpoint accuracy of 2%  very low input voltages down to 1.6v  power-saving shutdown mode of 150na (typ)  fast turn-on (90 s) and turn-off (90 s)  extremely low quiescent current of 14 a (typ)  very tight line regulation, 0.2%/v  load regulation 0.125 mv/ma  thermal shutdown protection  low noise output, 100 v rms with 10nf bypass  fixed or adjustable output versions available  available in rohs compliant, lead free packages: sc70 and sot23 cellular telephones laptop, notebooks and palmtop computers battery-powered equipment consumer/ personal electronics sp6223 5 pin sc70 5 1 3 4 2 v out v in gnd en adj/byp v out byp v in gnd en 1uf 10nf 1uf 2.5v 3.0v enable
2 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation electrical characteristics absolute maximum ratings these are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. storage temperature...........................-65 c to +150 c junction temperature (t j )....................-40 c to +125 c lead temperature (soldering 5s).........................300 c supply input voltage (v in ) ............................. -2v to 6v output voltage (v out ) ......................... -0.6v to v in +1v enable input voltage (v en ) ............................ -2v to 7v power dissipation (p d ) .......... internally limited, note 1 unless otherwise specified: v in = v out + 0.3v to 4.5v, c out = 1 f ceramic, c in = 1 f ceramic, i out =100 a, t a = 25 c. bold values apply over the full operating temperature range (-40 c to 125 c). note 1. the maximum allowable power dissipation at any t a (ambient temperature) is p d (max) = (t j (max) C t a ) / ja . exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. the ja of the sp6222/23 (sc-70-5) is 330 c/w mounted on a pc board with minimum copper area (see thermal considerations section for further details). note 2. minimum v in must meet 2 conditions: v in >1.6v and v in > {v out + dov} note 3. dropout voltage dov is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1v differential. the dov specification is not applicable to output voltages less than 2.7v. parameter min typ max units conditions operating input voltage range note 2 1.6 4.5 v i out = 50ma (sp6222) i out = 150ma (sp6223) output voltage accuracy - 2 3 % fixed output voltage (3.0v version) 2.91 3.0 3.09 v fixed output voltage (2.5v version) 2.425 2.500 2.575 v reference voltage 0.873 0.9 0.927 v adjustable version only line regulation 0.05 0.2 %/v v out (v in below 4.5v) load regulation 0.125 0.225 mv/ma i out = 0.1ma to 50ma (sp6222) i out = 0.1ma to 150ma (sp6223) thermal regulation 0.005 %/ oc i out = 50ma (sp6222) dropout voltage (dov), note 3 60 200 100 300 mv i out = 50ma (sp6222) i out = 150ma (sp6223) ground pin current 14 25 a i out = 0.1ma
3 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation electrical characteristics pin description unless otherwise specified: v in = v out + 0.3v to 4.5v, c out = 1 f ceramic, c in = 1 f ceramic, i out =100 a, t a = 25 c. bold values apply over the full operating temperature range (-40 c to 125 c). pin name pin number description 5 pin sc-70 5 pin sot23 v in 11 power supply input. connect a 1uf decoupling capacitor next to this pin. gnd 2 2 ground pin. en 3 3 enable/shutdown (logic high = enable, logic low = shutdown) byp 4 (fixed) 4 (fixed) reference bypass input for ultra-quite operation. connecting 10nf capacitor from this pin to ground reduces output noise adj 4 (adjustable) 4 (adjustable) adjustable regulator feedback input. connect to a resistive voltage-divider network. v out 55 output voltage of the linear regulator. connect a 1uf or larger capacitor from this pin to ground. parameter min typ max units conditions shutdown supply current @ 25oc 0.150 1a v en < 0.4v (shutdown), v supply = 1.6v shutdown supply current @ 125oc 5 a v en < 0.4v (shutdown), v supply = 1.6v thermal shutdown die temperature 125 150 175 oc regulator turns off thermal shutdown hysteresis 15 oc regulator turns on again @ 150oc power supply rejection ratio -55 db f 1khz output noise voltage 800 v rms i out = 0.1ma, c byp = 0nf, v out =3.0v 550 i out = 50ma, c byp = 0nf, v out =3.0v 150 i out = 0.1ma, c byp = 10nf, v out =3.0v 100 i out = 50ma, c byp = 10nf, v out =3.0v wake-up time (t on ) from shutdown 90 200 s v in 1.6v, i out = 30ma turn-off time (t off ) into shutdown 90 140 s i out = 0.1ma, v in 1.6v enable input logic low voltage 0.4 v regulator shutdown enable input logic high voltage 1.6 v regulator enabled
4 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation general overview the sp6222 and sp6223 are cmos ldos designed to meet a broad range of low voltage applications that require accuracy and ease of use. the sp6222 offers a 50ma output current while the sp6223 offers an output current of 150ma. the sp6222 is available in a 2.5v or 3.0v fixed output along with an adjustable output version. the sp6223 is offered in an adjustable output only. these ldos have a minimum input voltage of only 1.6v and a maximum input voltage of 4.5v. the output voltage can be programmed to as low as 0.9v and have a maximum dropout voltage rating of 100mv for the sp6222 and 300mv for the sp6223. both devices are equipped with an enable (en) input for very low current (10na typical) shutdown mode. enable / shutdown operation the sp6222/6223 is turned on by providing 1.6v or greater to the en pin. to place the device into shutdown pull the en pin below 0.4v. if this feature is not required connect en to input supply to always enable the device whenever power is applied. input / output capacitor the sp6222/6223 is designed to operate using very small ceramic capacitors. the minimum input and output capacitor value for stable operation is 1.0 f. the output capacitor value may be increased without limit to improve transient response. place these capacitors as close as possible to the device. bypass (byp) capacitor the fixed output versions offer a byp pin to decouple the bandgap reference. connecting an external 10nf capacitor from byp to gnd can reduce output noise. if output noise is not a concern the byp pin may be left open. when a bypass capacitor is used the turn on time is slower. see the following turn on time plots for various byp capacitor values. the adjustable output version does not offer this byp input. adjustable regulator the output of the device can be programmed to a specific voltage by using two external resistors connected to the adj pin (see typical application circuit for adjustable output). the resistors set application information
5 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation the output voltage based on the following equation: v out = v ref *(r1/r2 + 1) resistor values are not critical because the adj (adjust) pin has a high impedance, but for best performance use resistor values of 470k or less. thermal considerations the sp6222/6223 is designed to provide 50ma -150ma of continuous current in a tiny package. maximum power dissipation can be calculated based on the output current and the voltage drop across the part. to determine the maximum power dissipation of the package, use the junction-to-ambient thermal resistance of the device and the following equation: p d(max) = (t j(max) C t a ) / ja t j(max) is the maximum junction temperature of the die and is 125 o c. t a is the ambient temperature. ja is the junction-to-ambient thermal resistance of the package. the sot- 23 package has a ja of approximately 191 o c/w and the sc70 package has a ja of approximately 330 o c/w. the actual power dissipation of the regulator circuit can be determined by using the simplified equation: p d = (v in C v out ) * i out to prevent the device from entering thermal shutdown, maximum power dissipation cannot be exceeded. layout considerations the primary path of heat conduction out of the package is via the package leads. therefore, careful consideration must be taken into account for optimizing layout. 1. attaching the part to a large copper footprint will enable better heat transfer from the device, especially where there are internal ground and power planes. 2. place the input and output capacitors close to the device for optimal transient response and device behavior. 3. connect all ground connections directly to the ground plane. in case there is no ground plane, connect to a common ground point before connecting to board ground. application information
6 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information vout iout @ 100ma/div sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 150ma sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 150ma vout iout @ 100ma/div iout @ 100ma/div sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 100ma vout iout @ 100ma/div sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 100ma vout load transient response, 100 a to 150ma, vin = 1.6v load transient response, 100 a to 150ma, vin = 3.3v load transient response, 100 a to 100ma, vin = 1.6v load transient response, 100 a to 100ma, vin = 3.3v
7 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information iout @ 100ma/div sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 50ma vout vout iout @ 100ma/div sp6223 1.2vout fixed cin = cout = 1.0uf cer iout = 100ua to 50ma sp6222 2.5v fixed vin = 3.0v, iout = 10ma cbyp = ope n enable vout sp6222 2.5v fixed vin = 3.0v, iout = 50ma cb yp = o p en enable vout load transient response, 100 a to 50ma, vin = 1.6v load transient response, 100 a to 50ma, vin = 3.3v turn on time, vin = 3.0v, iout = 10ma, cbyp = open turn on time, vin = 3.0v, iout = 50ma, cbyp = open
8 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information sp6222 2.5v fixed vin = 3.0v, iout = 10ma cb yp = 1nf vout enable sp6222 2.5v fixed vin = 3.0v, iout = 50ma cb yp = 1nf vout enable sp6222 2.5v fixed vin = 3.0v, iout = 10ma cb yp = 10nf vout enable sp6222 2.5v fixed vin = 3.0v, iout = 50ma cb yp = 10nf enable vout turn on time, vin = 3.0v, iout = 10ma, cbyp = 1nf turn on time, vin = 3.0v, iout = 50ma, cbyp = 1nf turn on time, vin = 3.0v, iout = 10ma, cbyp = 10nf turn on time, vin = 3.0v, iout = 50ma, cbyp = 10nf
9 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information sp6222 2.5v fixed vin = 3.0v, iout = 10ma cb yp = 100nf vout enable vout sp6222 2.5v fixed vin = 3.0v, iout = 50ma cb yp = 100nf enable 6222 3.0v output noise 0 100 200 300 400 500 600 700 800 900 1 10 100 1000 10000 10000 0 bypass cap (pf) noise (uvrms) 100ua 10ma 50ma turn on time, vin = 3.0v, iout = 10ma, cbyp = 100nf turn on time, vin = 3.0v, iout = 50ma, cbyp = 100nf sp6222 3.0v output noise vs. cbyp
10 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information sp6222 3.0vout psrr 10ma, 4.5vin, cbyp-10nf -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 10 100 1000 10000 100000 1000000 10000000 frequency (hz) psrr (db) sp6222 3.0vout psrr 100ua, 4.5 vin cbyp-10nf -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 10 100 1000 10000 100000 1000000 10000000 frequency (hz) psrr (db)
11 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation application information 9lq *1' (1 $'- 9rxw      5 x) 63 x) 5 9lq (qdeoh 9rxw 7\slfdo$ssolfdwlrq&lufxlwiru$gmxvwdeoh2xwsxw 9 287  9 5()  > 55 @ sp6222 3.0vout psrr 50ma, 4.5vin cbyp-10nf -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 10 100 1000 10000 100000 1000000 10000000 frequency (hz) psrr (db)
12 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation package: 5 pin sc-70 d e e/2 e1 3 2 1 b e e1 e1/2 5 4 pin1 designator to be within this index area (d/2 x e1/2) top view (l1) d/2 front view l ? gauge plane l2 c r r1 ? seating plane side view a a1 a2 seating plane min nom max min nom max a - - 1.10 - - 0.043 a1 0.00 - 0.10 0.000 - 0.004 a2 0.70 0.90 1.00 0.028 0.036 0.039 c 0.08 - 0.22 0.004 - 0.009 d e e1 l 0.26 0.36 0.46 0.011 0.014 0.018 l1 l2 r 0.10 - - 0.004 - - r1 0.10 - 0.25 0.004 - 0.010 0?480?48 1 4? - 12 4? - 12 b 0.15 - 0.30 0.006 - 0.012 e e1 1.25 bsc 5 pin sc-70 jedec mo-203 variation aa symbol dimensions in millimeters: controlling dimension dimensions in inches conversion factor: 1 inch = 25.40 mm 0.026 bsc 0.051 bsc 0.017 ref 0.006 bsc sipex pkg signoff date/rev: jl oct3-05 / rev a 2.00 bsc 0.65 bsc 0.42 ref 0.15 bsc 2.10 bsc 1.30 bsc 0.079 bsc 0.083 bsc 0.049 bsc
13 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation package: 5 pin sot-23 front view l ? gauge plane l2 c r r1 ? seating plane d e e/2 e1 3 2 1 b e e1 e1/2 5 4 pin1 designator to be within this index area (d/2 x e1/2) top view (l1) d/2 side view a a1 a2 seating plane min nom max min nom max a - - 1.45 - - 0.057 a1 0.00 - 0.15 0.000 - 0.006 a2 0.90 1.15 1.30 0.036 0.045 0.051 c 0.08 - 0.22 0.004 - 0.009 d e e1 l 0.30 0.45 0.60 0.012 0.018 0.024 l1 l2 r 0.10 - - 0.004 - - r1 0.10 - 0.25 0.004 - 0.010 0??048 ? 5 10 15 5 10 15 b 0.30 - 0.50 0.012 - 0.020 e e1 sipex pkg signoff date/rev: jl oct3-05 / rev a 0.075 bsc 5 pin sot-23 jedec mo-178 variation aa symbol dimensions in millimeters: controlling dimension dimensions in inches conversion factor: 1 inch = 25.40 mm 2.80 bsc 2.90 bsc 0.115 bsc 1.60 bsc 0.25 bsc 0.111 bsc 0.063 bsc 0.024 ref 0.010 bsc 1.90 bsc 0.038 bsc 0.95 bsc 0.60 ref
14 date: 6/15/06 rev ab sp6222/6223 50/150ma cmos linear regulators ? 2006 sipex corporation sipex corporation reserves the right to make changes to any products described herein. sipex does not assume any liability aris ing out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor t he rights of others. ordering information sipex corporation headquarters and sales office 233 south hillview drive milpitas, ca 95035 tel: (408) 934-7500 fax: (408) 935-7600 available in lead free packaging only. /tr = tape and reel pack quantity is 3,000 for sc-70 and 2,500 for sot-23. part number temperature range voltage option package type sp6222ec5-2-5-l ..... ... ........... -40?c to +125?c ................ 2.5v .......... (lead free) 5 pin sc70 sp6222ec5-2-5-l/tr ............... -40?c to +125?c ................ 2.5v ........... (lead free) 5 pin sc70 sp6222ec5-3-0-l ..................... -40?c to +125?c ................ 3.0v .......... (lead free) 5 pin sc70 sp6222ec5-3-0-l/tr ............... -40?c to +125?c ................ 3.0v ........... (lead free) 5 pin sc70 sp6222ec5-l ........................... -40?c to +125?c ................ adj ........... (lead free) 5 pin sc70 sp6222ec5-l/tr ..................... -40?c to +125?c ................ adj .......... (lead free) 5 pin sc70 sp6222ek-2-5-l ....................... -40?c to +125?c ................ 2.5v .......... (lead free) 5 pin sot-23 sp6222ek-2-5-l/tr ................. -40?c to +125?c ................ 2.5v .......... (lead free) 5 pin sot-23 sp6222ek-3-0-l ....................... -40?c to +125?c ................ 3.0v .......... (lead free) 5 pin sot-23 sp6222ek-3-0-l/tr. ................ -40?c to +125?c ................ 3.0v .......... (lead free) 5 pin sot-23 sp6222ek-l ............................. -40?c to +125?c ................ adj .......... (lead free) 5 pin sot-23 sp6222ek-l/tr ....................... -40?c to +125?c ................ adj .......... (lead free) 5 pin sot-23 sp6223ec5-l ........................... -40?c to +125?c ................ adj ........... (lead free) 5 pin sc70 sp6223ec5-l/tr ... ....... ......... -40?c to +125?c ................ adj .......... (lead free) 5 pin sc70 sp6223ek-l ............................. -40?c to +125?c ................ adj .......... (lead free) 5 pin sot-23 sp6223ek-l/tr ....................... -40?c to +125?c ................ adj .......... (lead free) 5 pin sot-23


▲Up To Search▲   

 
Price & Availability of SP6223EK-LTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X