Part Number Hot Search : 
UPD64 SDA180A CPB1621 43223 P6KE51 HER10 74HC03 NX9415
Product Description
Full Text Search
 

To Download S3772P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f p s [1] [2] o f ab. 2011 r p roduct s377x s 377xp markin g d e s3 7 y w device cod e year & wee k s s e e htt p o rderi n r ev. 00 marking s377x s377xp e tail informa t 7 7x?.[1] w w?.[2 ] e [ x: item co d k code e e m m i i c c o o n n d d u u p :// www.auk n g info sop-1 6 dip-16 packa ge sop-20 dip-18 t ion ] d e ] c c t t o o r r .co.k r rmati o 6 ks d e d e th e tra n fea t for da r for ha m lin e a p ? r ? l ? m f e ? o ? h ? o ` i ? p o n b d -i7d002-0 0 e scriptio n e s377x serie s n sistor arrays. t ure high-volt a switching in d r lington pair i s higher curren m mer drivers, e drivers, and l p plicatio n r elay contro l l amp and di s m otor drive r e atures a n o utput curre n h igh sustaini n o utput clamp d i nputs compa t p ackage : so p b lock dia g 12 1 5 16 i 1 i 2 o 2 o 1 i x : input por t gnd : groun d 0 0 7 n s are high-vol each consist s a ge outputs w d uctive loads. s 500ma. th e t capability. a lamp drivers, l ogic buffers. n l le r s play led dr n d benefi t n t (single out p n g voltage ou t d iode t ible with var i p -16, dip-16 g ram & p 3 14 5 i 3 o 3 2 t o x : o d com m 7 ch darli n tage, high-cu r s of seven np n w ith common- c the collecto r - e darlington p a pplications i n display drive ive r t s p ut) 500ma( m t pu t i ous types of l p in confi g 45 12 13 i 4 i 5 o 5 o 4 o utput port m on : comm o s ng ton tr s r rent darlingt o n darlington c athode clam p - current ratin g p airs can be p a n clude relay d rs (led and g m ax.) l ogic g uration 6 11 i 6 o 6 o n s 377 x s ink drive r o n pai r s that p diodes g of a single a ralleled d rivers, g as discharge ) 78 9 10 i 7 gnd comm o o 7 1 x r ) , o n
ksd-i7d002-000 2 fab. 2011 rev. 00 product name input bias resistor designation operating temperature package s3771 external general purpose -40~85 sop-16 s3772 7v zener diode + 10.5k ? 14~25v pmos -40~85 sop-16 s3773 2.7k ? ttl, 5v cmos -40~85 sop-16 s3774 10.5k ? 6~15 pmos, cmos -40~85 sop-16 s3771p external general purpose -40~85 dip-16 S3772P 7v zener diode + 10.5k ? 14~25v pmos -40~85 dip-16 s3773p 2.7k ? ttl, 5v cmos -40~85 dip-16 s3774p 10.5k ? 6~15 pmos, cmos -40~85 dip-16 ? product line-up s377x input gnd output common 7.2k ? 3k ? s3771 gnd output common 7.2k ? 3k ? s3772 10.5k ? input gnd output common 7.2k ? 3k ? s3773 2.7k ? input gnd output common 7.2k ? 3k ? s3774 10.5k ? ? schematics ( each driver )
ksd-i7d002-000 3 fab. 2011 rev. 00 parameter symbol rating unit sop-16 dip-16 output sustaining voltage v in -0.5~50 v output current i out 500 ma / ch input voltage* v in -0.5~30 v input current** i in 25 ma clamp diode reverse voltage v r 50 v forward current i f 500 ma gnd terminal current i gnd 2.8 a power dissipation p d 0.54 1.47 w junction temperature t j 150 c operate temperature range t opr -40 ~ +85 c storage temperature range t stg -55 ~ +150 c *( except s3771/p), **(only s3771/p) characteristic symbol test condition min. typ. max. unit output sustaining voltage v ce(sus) - 0 - 50 v output current i out tpw=25ms, df=10%, 7 circuits 0 - 400 ma tpw=25ms, df=30%, 7 circuits 0 - 200 input voltage v in except s3771/p 0 - 30 v input current i in only s3771/p 0 - 5 ma clamp diode reverse voltage v r - - - 50 v clamp diode forward current i f - - - 400 ma power dissipation dip-16 p d ta = 85 c - - 0.6 w sop-16 ta = 85 c* - - 0.32 * ( on glass epoxy pcb ( 30 x 30 x 1.6mm cu50% ) ? absolute maximum ratin g s ( ta = 25 ) `{ recommended operating conditions ( ta=-40~85 c ) s377x
ksd-i7d002-000 4 fab. 2011 rev. 00 characteristic symbol test circuit test condition min. typ. max. unit output leakage current i cex 1 v ce =50v, ta=25 c - - 50 ua v ce =50v, ta=85 c - - 100 s3772/p v ce =50v, v in =6v - - 500 s3774/p v ce =50v, v in =1v - - 500 collector ? emitter saturation voltage v ce(sat) 2 i out =350ma, i in =500ua - 1.3 1.6 v i out =200ma, i in =350ua - 1.1 1.3 i out =100ma, i in =250ua - 0.9 1.1 input current s3772/p i in(on) 3 v in =17v - 0.82 1.25 ma s3773/p v in =3.85v - 0.93 1.35 s3774/p v in =5v - 0.35 0.5 v in =12v - 1.0 1.45 i in(off) 4 i out =500ua, ta=85 c 50 65 - ua input voltage s3772/p v in(on) 5 v ce =2v, i out =300ma - - 13 v s3773/p v ce =2v, i out =200ma - - 2.4 v ce =2v, i out =250ma - - 2.7 v ce =2v, i out =300ma - - 3.0 s3774/p v ce =2v, i out =125ma - - 5.0 v ce =2v, i out =200ma - - 6.0 v ce =2v, i out =275ma - - 7.0 v ce =2v, i out =350ma - - 8.0 dc current transfer ratio h fe 2 v ce =2v, i out =350ma 1000 - - clamp diode reverse current i r 6 v r =50v, ta=25 c - - 50 ua v r =50v, ta=85 c - - 100 clamp diode forward voltage v f 7 i f =350ma - - 2.0 v input capacitance c in - - 15 - pf turn-on delay t on 8 v out =50v, r l =163 ? , c l =15pf - 0.1 - us turn-off delay t off - 0.2 - s377x ? electrical characteristics (ta=-40~85 c; unless otherwise specified )
ksd-i7d002-000 5 fab. 2011 rev. 00 test circuit s377x 7. v f open v f i f open 1. i cex open open v in i cex v ce 2. v ce(sat) , h fe open v ce , v ce(sat) i out i in h fe = i out i in 3. i in(on) open v in 4. i in(off) open i out i in(off) i in(on) open 5. v in(on) open v in(on) 6. i r i out v ce open v r i r open
ksd-i7d002-000 6 fab. 2011 rev. 00 note 1 : pulse width 50us, duty cycle 10% output impedance 50 ? , tr 5ns, tf 10ns note 2 : see below input condition item code r i v ih s3771/p 2.7k ? 3v s3772/p 0 13v s3773/p 0 3v s3774/p 0 8v note 3 : cl includes probe and jig capacitance this ic does not include built-in protection circuits for excess current or overvoltage. if this ic is subjected to excess curr ent or overvoltage, it may be destroyed. hence, the utmost care must be taken when systems which incorporate this ic are designed. utmost care is necessary in the design of the output line, common and gnd line since ic may be destroyed due to short ? circuit between outputs, air contamination fault, or fault by improper grounding. s377x 8. t on , t off open v out =50v r l =163 ? c l =15pf output r i pulse generator input note 1 note 2 note 3 input output t r t f 10% 50% 90% 10% 50% 90% 50us t on t off 50% 50% v ol v oh v ih 0 precautions for using
ksd-i7d002-000 7 fab. 2011 rev. 00 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 p-mos output v ss v 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 v cc v s3772 s3773 ttl output lamp test 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 c-mos output v dd v 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 v cc s3774 s3773 ttl output v r p p-mos to load ttl to load buffer for higher current loads use of pullup resistors to increase drive current s377x application circuit
ksd-i7d002-000 8 fab. 2011 rev. 00 i out ? duty cycle i out ? duty cycle i out ? duty cycle i out ? duty cycle i in ? v in i in ? v in s377x 500 400 300 200 100 0 500 400 300 200 100 0 output current i out [ma] output current i out [ma] 0 20 40 60 80 100 0 20 40 60 80 100 duty cycle [%] duty cycle [%] n=1 2 3 4 5 6 7 n=1 2 3 4 5 6 7 output current i out [ma] output current i out [ma] 0 20 40 60 80 100 0 20 40 60 80 100 duty cycle [%] duty cycle [%] n=1 2 3 4 5 6 7 n=1 2 3 4 5 6 7 s377xp [dip-16] ta=85 free air n-ch [ active ] s377xp [dip-16] ta=25 n-ch [ active ] 500 400 300 200 100 0 500 400 300 200 100 0 s377x [sop-16] ta=25 [on pcb] n-ch [ active ] s377x [sop-16] ta=85 [on pcb] n-ch [ active ] 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 6.0 5.0 4.0 3.0 2.0 1.0 0 input current i in [ma] input voltage v in [v] 3.0 2.5 2.0 1.5 1.0 0.5 0 input current i in [ma] 12 14 16 18 20 22 24 26 input voltage v in [v] s3771 ta=25 i out =100ma 200ma 300ma s3772 max. typ. min.
ksd-i7d002-000 9 fab. 2011 rev. 00 i in ? v in i in ? v in i out ? i in i out ? v ce(sat) i f ? v f p d ? t a 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 3.0 2.5 2.0 1.5 1.0 0.5 0 input current i in [ma] input voltage v in [v] 3.0 2.5 2.0 1.5 1.0 0.5 0 input current i in [ma] 5 6 7 8 9 10 11 12 input voltage v in [v] s3773 s3774 max. typ. min. s377x max. typ. min. output current i out [ma] output current i out [ma] 0 100 200 300 400 500 600 0 0.5 1.0 1.5 2.0 2.5 3.0 input current i in [ua] v ce(sat) [v] 500 400 300 200 100 0 500 400 300 200 100 0 vce=2v ta=25 typ. 25 max. forward current i f [ma] power dissipation p d [w] 0 0.4 0.8 1.2 1.6 2.0 2.4 0 25 50 75 100 125 150 175 clamp diode forward voltage v f [v] ambient tem p erature ta [ ] 500 400 300 200 100 0 1.5 1.0 0.5 0 ta=25 s377xp [dip16] s377x [sop16]
ksd-i7d002-000 10 fab. 2011 rev. 00 ? sop-16 outline dimension (unit : mm) recommend pcb solder land [unit: mm] s377x
ksd-i7d002-000 11 fab. 2011 rev. 00 ? dip-16(cs) outline dimension (unit : mm) s377x
ksd-i7d002-000 12 fab. 2011 rev. 00 the auk corp. products are intended for the use as components in general electronic equipment (office and communication e quipment, measuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safet y device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice. s377x


▲Up To Search▲   

 
Price & Availability of S3772P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X