Part Number Hot Search : 
74477003 020A0 29F200 BZX84C75 ICS8530 SD1616A MAX528 161A1
Product Description
Full Text Search
 

To Download RPI-5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RPI-5100 sensors actuator-type photointerrupter RPI-5100 the RPI-5100 is a compact, actuator-type photointerrupter. z z z z applications optical control equipment facsimiles plain paper copiers z z z z features 1) compact. 2) minimal influence from stray light. 3) equipped with an actuator mount. z z z z external dimensions (units : mm) 3.3 1.5 0.65 3.5 2 0.5 2 ? 0.5 4.5 6.2 2.2 5min. r1.5 1.5 c 0.2 + 0.1 ? 0 1.5 (4.7) (1.5) 8.9 0.3 5.9 0.3 7.7 (2.5) 2.4 9.0 notes: 1. unspecified tolerance shall be 0.2 . 2. dimension in parenthesis are show for reference. (4) 1 2 ? 0.2 0.8 0.1 optical axis center anode cathode collector emitter z z z z absolute maximum ratings (ta = 25 c) parameter symbol i c v ceo p d v r i f p c v eco topr tstg limits ? 25~ + 85 ? 30~ + 85 50 5 80 30 4.5 30 80 unit ma v mw v v ma mw c c forward current reverse voltage power dissipation collector-emitter voltage emitter-collector voltage collector current collector power dissipation operating temperature storage temperature input ( led ) output photo- transistor ( )
RPI-5100 sensors z z z z electrical and optical characteristics (ta = 25 c) parameter symbol v f i r i ceo p i c v ce(sat) t r t f min. ? ? ? ? 0.2 ? ? typ. 1.3 ? ? 800 1.0 ? 10 max. 1.6 10 0.5 ? ? 0.4 ? unit v i f = 50ma v r = 5v v ce = 10v ? v ce = 5v, i f = 20ma i f = 20ma, i c = 0.1ma v cc = 5v, i f = 20ma, r l = 100 ? a a nm ma v s conditions forward voltage input charac- teristics output charac- teristics transfer charac- teristics response time collector-emitter saturation voltage collector current peak sensitivity wavelength dark current reverse current z z z z electrical and optical characteristic curves power dissipation / collector power dissipation : p d / p c (mw) ambient temperature : ta ( c) ? 20 0 40 60 80 20 100 0 20 40 60 80 100 120 fig.1 power dissipation / collector power dissipation vs. ambient temperature p c p d forward current : i f (ma) forward voltage : v f (v) 0 10 20 30 40 50 0.4 0 0.8 1.2 2.0 1.6 0.2 0.6 1.0 1.8 1.4 fig.2 forward current vs. forward voltage 75 c 50 c 25 c 0 c ? 25 c collector current : i c (ma) forward current : i f (ma) 0 1020304050 0 1 2 3 4 5 fig.3 collector current vs. forward current fig.4 dark current vs. ambient temperature ambient temperature : ta ( c) dark current : i ceo (na) 0 25 50 75 100 ? 25 0.1 1 10 100 1000 v ce = 10v v ce = 20v v ce = 30v fig.5 relative output vs. ambient temperature relative collector current : i c (%) ambient temperature : ta ( c) ? 40 ? 20 0 20406080100 20 40 60 80 160 100 120 140 0 fig.6 relative output vs. distance ( ) relative collector current : i c (%) distance : d (mm) 01 2 3 100 50 0 v ce = 5v i f = 20ma d
RPI-5100 sensors relative output collector current : i c (%) distance : d (mm) 01 2 3 100 50 0 v ce = 5v i f = 20ma d fig.7 relative output vs. distance ( ? ) collector current : i c (ma) 10 0.1 1 1 10 100 response time : t r ( s) fig.8 response time vs. output current r l = 100 ? r l = 1k ? r l = 500 ? ? 20 0 20 40 60 80 100 10 50 40 30 20 0 ambient temperature : ta ( c) forward current : i f (ma) fig.9 forward current falloff collector current : i c (ma) collector-emitter voltage : v ce (v) fig.10 output characteristics 48 610 2 0 0 1 2 3 4 5 10ma 20ma 30ma 40ma i f = 50ma fig.11 response time measurement circuit t d : t r : t f : delay time rise time (time for output current to rise from 10% to 90% of peak current) fall time (time for output current to fall from 90% to 10% of peak current) t d t r t f 10% 90% r l v cc input input output output


▲Up To Search▲   

 
Price & Availability of RPI-5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X