Part Number Hot Search : 
CROSS FMMT5551 RS203 C1011 16244A FJY3006R C00FK 10A02
Product Description
Full Text Search
 

To Download REC-115L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 15 l vish ay sfernice document number: 34013 revision 14-dec-01 www.vishay.com 33 for technical questions, contact sfer@vishay .com precision linear transducers, conductive plastic (rec) features ? measurement range 25mm to 1000mm ? high accuracy 1% down to 0.025% ? excellent repeatability ? long life ? essentially infinite resolution ? not sensitive to temperature variations mechanical specifications performance electrical specifications the 115 l is a simply mounted, robust, high precision industrial linear motion transducer. mechanical travel e + 8 2mm housing anodized aluminum operating force 7.5n typical shaft (free rotation) stainless steel t ermination hydraulic type connector din 43650 w iper precious metal multifinger mounting movable brackets operating life 40 million cycles typical t emperature range - 55c +125c sine vibration on 3 axes 1.5mm peak to peak 0 - 10hz 15g - 10hz - 2000hz mechanical shocks on 3 axes 50g - 11ms - half sine theoretical electrical travel (tet = e) from 25mm to 1000mm in increments of 25mm independent linearity (over tet) 1% - - 0.1% on request 0.05% for e 100mm, 0.025% for e 200mm actual electrical travel (aet) aet = tet + 1.5mm min. ohmic values (r t ) 400 ? /cm to 2k ? /cm resistance tolerance at 20c 20% repeatability 0.01% maximum power rating 0.05w/cm at 70c, 0w at 125c w iper current recommended: a few a - 1ma max. continuous load resistance minimum 10 3 x r t insulation resistance 1000m ? 500vdc dielectric strength 1000vrms 50hz protection resistor integrated inside the transducer to protect against errors when setting up (short circuit)
1 15 l v ishay sfernice document number: 34013 revision 14-dec-01 www.vishay.com 34 for technical questions, contact sfer@vishay .com series rec model 115 number of tracks l l= 1 linearity 103 a: 1% d: 0.1% e: 0.05% f: 0.025% ohmic v alue modifications w ... special feature code number theoretical electrical travel 23 first 2 digits are significant numbers 3rd digit indicates number of zeros d t imes 25 mm ordering information dimensions in millimeters, general tolerance 1mm precision linear transducers, conductive plastic (rec) 25.4 l max. = tet + 75 36 max. a a 48 max 15 m6 18.9 31.7 34.75 31.7 43 63 13.1 18.9 1 2 3 tet aet mt pin 3: + pin 2: wiper pin 1: - 41 max. 8 max. m6 angular clearance 15 radial clearance in x and y: 1.2mm view a-a tet = theoretical electrical travel aet = actual electrical travel mt = mechanical travel 2) special ball joint on shaft v ishay?s reference: 323655 2 x 4.2 accessories on request dimensions in millimeters, general tolerance 1mm 1) female connector v ishay?s reference: 3248610 clearance 3 y x 4 electrical connections 4. ground


▲Up To Search▲   

 
Price & Availability of REC-115L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X