Part Number Hot Search : 
KB826AB 2G102K ENA0342A 2SB806 VCO3072 015477 88E1543 BPJR04
Product Description
Full Text Search
 

To Download P3100Q12ALRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 58 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection q2l series - 3x3 qfn electrical characteristics description features and bene?ts part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @ i t = 2.2amps capacitance @1mhz, 2v bias v min v max ma min ma max a max v max pf min pf max p0080q12alrp p-8a 6 25 50 800 2.2 5 25 55 p0300q12alrp p03a 25 40 50 800 2.2 5 15 35 p0640q12alrp p06a 58 77 150 800 2.2 5 40 60 p0720q12alrp p07a 65 88 150 800 2.2 5 40 60 p0900q12alrp p09a 75 98 150 800 2.2 5 35 55 p1100q12alrp p11a 90 130 150 800 2.2 5 30 50 p1300q12alrp p13a 120 160 150 800 2.2 5 25 45 p1500q12alrp p15a 140 180 150 800 2.2 5 25 40 p1800q12alrp p18a 170 220 150 800 2.2 5 25 35 p2300q12alrp p23a 190 260 150 800 2.2 5 25 35 p2600q12alrp p26a 220 300 150 800 2.2 5 25 35 P3100Q12ALRP p31a 275 350 150 800 2.2 5 20 35 p3500q12alrp p35a 320 400 150 800 2.2 5 20 30 pinout designation agency approvals agency agency file number e133083 schematic symbol not applicable t -pxwpmubhfpwfstippu t -pxpotubufwpmubhf t -pxdbqbdjubodf t%pftopuefhsbefxjuivtf t4nbmm40gppuqsjou t 'bjmttipsudjsdvjuxifo surged in excess of ratings q2l series 3x3 qfn are low capacitance sidactor ? de- vices designed to protect high density broadband equip- ment from damaging overvoltage transients. the series provides a low pro?le, chip scale surface mount solution that enables broadband equipment to comply with global regulatory standards while limiting the impact to broadband signals and board space. applicable global standards t 5*"" t 5*"# t *56,&oibodfe level* t  *56,#btjd -fwfm t *&$ t (3*oufscvjmejoh t(3*ousbcvjmejoh t :%5 t:%5 t:%5 * a/b-rated parts require series resistance notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are bi-directional (unless otherwise noted). table continues on next page.
sidactor ? protection thyristors 59 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection surge ratings electrical characteristics (continued) package symbol parameter value unit 3x3 qfn t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 120 c/w thermal considerations series i pp i tsm di/dt 2x10s 1.2x50s/8x20s 10x160s 10x560s 10x1000s 50 / 60 hz a min a min a min a min a min a min a/s max a150150905045 20 500 b 250 250 150 100 80 25 500 part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @ i t = 2.2amps capacitance @1mhz, 2v bias v min v max ma min ma max a max v max pf min pf max p0080q12blrp p-8b 6 25 50 800 2.2 5 25 55 p0300q12blrp p03b 25 40 50 800 2.2 5 15 35 p0640q12blrp p06b 58 77 150 800 2.2 5 40 60 p0720q12blrp p07b 65 88 150 800 2.2 5 40 60 p0900q12blrp p09b 75 98 150 800 2.2 5 35 55 p1100q12blrp p11b 90 130 150 800 2.2 5 30 50 p1300q12blrp p13b 120 160 150 800 2.2 5 25 45 p1500q12blrp p15b 140 180 150 800 2.2 5 25 40 p1800q12blrp p18b 170 220 150 800 2.2 5 25 35 p2300q12blrp p23b 190 260 150 800 2.2 5 25 35 p2600q12blrp p26b 220 300 150 800 2.2 5 25 35 p3100q12blrp p31b 275 350 150 800 2.2 5 20 35 p3500q12blrp p35b 320 400 150 800 2.2 5 20 30 notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are bi-directional (unless otherwise noted). notes: - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$
sidactor ? protection thyristors 60 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection i h i t i s i drm v drm v t + v -v +i -i v s 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature soldering parameters re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$ time temperature t p t l t s(max) t s(min) 2 5 t p t l t s time to peak temperature (t 2 5 oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1
sidactor ? protection thyristors 61 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection dimensions inches millimeters min max min max a 0.114 0.122 2.900 3.100 b 0.114 0.122 2.900 3.100 c 0.075 0.083 1.900 2.100 e 0.011 0.019 0.285 0.485 f 0.076 0.084 1.930 2.130 h 0.035 0.043 0.900 1.100 j 0.000 0.008 0.000 0.200 k1 0.004 0.012 0.100 0.300 k2 0.004 0.012 0.100 0.300 m1 0.056 0.064 1.430 1.630 m2 0.038 0.046 0.970 1.170 n1 0.096 0.104 2.440 2.640 n2 0.082 0.090 2.080 2.280 2. 5 4 (.100) h 1. 5 0 (.0 5 9) 1.27 (.0 5 0) k1 n2 n1 end view side view m2 m1 k2 f e c j b a top view bottom view recommended soldering pad outline (reference only) dimensions 3x3 qfn physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 part numbering construction variable reel pack i pp rating package type rohs compliant type p = sidactor q12 x l rp median voltage p xxx 0 part marking code (refer to electrical characteristics table) date code xxxxx xxxx terminals on back xxxx xxxxx part marking high temp voltage blocking 80% rated v drm (v ac peak
 ?$ps ?$  504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$1fbl
+&%&$+45%  -fwfm package type description quantity added suffix industry standard q12 3x3 qfn tape and reel pack 5000 rp eia-481-d packing options
sidactor ? protection thyristors 62 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. broadband optimized ? protection a b d c w 1 n reel dimension k 0 p 0 p 1 w d 0 a 0 d 1 p 2 e 2 f w 0 carrier tape cover tape t e 1 b 0 tape dimension items trailer 160mm min leader 400mm min carrier tape cover tape tape leader and trailer dimensions start end symbols description inches millimeters min max min max a reel diameter n/a 12.992 n/a 330.0 b drive spoke width 0.059 n/a 1.50 n/a c arbor hole diameter 0.504 0.531 12.80 13.50 d drive spoke diameter 0.795 n/a 20.20 n/a n hub diameter 1.969 n/a 50.00 n/a w 1 reel inner width at hub 0.488 0.567 12.40 14.40 a 0 pocket width at bottom 0.126 0.134 3.20 3.40 b 0 pocket length at bottom 0.126 0.134 3.20 3.40 d 0 feed hole diameter 0.059 0.063 1.50 1.60 d 1 pocket hole diameter 0.059 n/a 1.50 n/a e 1 feed hole position 1 0.065 0.073 1.65 1.85 e 2 feed hole position 2 0.400 0.408 10.15 10.35 f feed hole center-pocket hole 0.215 0.219 5.45 5.55 k 0 pocket depth 0.039 0.051 1.00 1.30 p 0 feed hole pitch 0.153 0.161 3.90 4.10 p 1 component spacing 0.311 0.319 7.90 8.10 p 2 feed hole center-pocket hole 0.077 0.081 1.95 2.05 t carrier tape thickness 0.010 0.014 0.25 0.35 w embossed carrier tape width 0.453 0.484 11.50 12.30 w 0 cover tape width 0.358 0.366 9.10 9.30 tape and reel dimensions 3x3 qfn


▲Up To Search▲   

 
Price & Availability of P3100Q12ALRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X