Part Number Hot Search : 
D2012 CM1895 4N23TXV LB1609 DRP10 00TTS LT3526 KBPC1008
Product Description
Full Text Search
 

To Download LCD-020M002L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 49 LCD-020M002L vishay document number: 37224 revision 01-oct-02 for technical questions, contact: displays@v ishay .com features 5 x 8 dots includes cursor built-in controller (ks 0066 or equivalent) + 5v power supply (also available for + 3v) 1/16 duty cycle b/l to be driven by pin 1, pin 2 or pin 15, pin 16 or a and k (led) n.v. optional for + 3v power supply mechanical data item standard value unit module dimension 180.0 x 40.0 mm viewing area 149.0 x 23.0 mm mounting hole 172.0 x 32.0 mm character size 6.0 x 9.66 mm absolute maximum rating item symbol standard value unit min. typ. max. power supply vdd-vss - 0.3 7.0 v input voltage vi - 0.3 vdd v note: vss = 0 volt, vdd = 5.0 volt 20 x 2 character lcd electrical specifications item symbol condition standard value unit min. typ. max. input voltage vdd vdd = + 5v 4.7 5.0 5.3 v vdd = + 3v 2.7 3.0 5.3 v supply current idd vdd = + 5v 1.5 1.8 ma - 20 c 5.0 5.1 5.7 recommended lc driving vdd - v0 0 c 4.6 4.8 5.2 voltage for normal temp. 25 c 4.1 4.5 4.7 v version module 50 c 3.9 4.2 4.5 70 c led forward voltage vf 25 c 4.2 4.6 v led forward current if 25 c 360 720 ma el power supply current iel vel = 110vac:400hz 5.0 ma display position dd ram address dd ram address display character address code: 00 01 13 40 41 53 12 34567891011121320
document number: 37224 revision 01-oct-02 www.vishay.com 50 LCD-020M002L vishay for technical questions, contact: displays@v ishay .com pin number symbol function 1 vss gnd 2 vdd + 3v or + 5v 3 vo contrast adjustment 4 rs h/l register select signal 5 r/w h/l read/write signal 6eh l enable signal 7 db0 h/l data bus line 8 db1 h/l data bus line 9 db2 h/l data bus line 10 db3 h/l data bus line 11 db4 h/l data bus line 12 db5 h/l data bus line 13 db6 h/l data bus line 14 db7 h/l data bus line 15 a/vee + 4.2v for led/negative voltage 0utput 16 k power supply for b/l (0v) 16 x 2 character lcd dimensions in millimeters 180.0 0.5 161.4 149.0 (va) 142.8 (aa) 10.3 16.5 19.6 172.0 91.0 4 - 3.5 pth 4 - 6.5 pad 4.0 4 - 1.0 4.9 5.0 13.0 32.0 17.5 13.5 4.0 40.0 0.5 36.4 23.0 (va) 20.64 (aa) 1.8 8.5 9.68 2 1 16 15 a k 1.6 1.6 9.3 4.7 13.9 max 9.3 max led b/l el or no b/l 2.54 4.0 pin detail 16 1.0 pth 16 1.8 pad (p2.54*8) 17.78 9.84 dot size 1.2 6.0 1.22 1.22 1.32 9.66 1.22 1.12
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of LCD-020M002L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X