Part Number Hot Search : 
NH25M22 STPS20 4CK1750 CJ22C 1N4750CG G5728 4CK1750 ST25VF
Product Description
Full Text Search
 

To Download JO32-30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice rohs 2002/95/ec pb free: pins / pads rohs compliant oscillator jo32 3.0 v actual size reflow soldering temperature: 260 c max. compact & flat ceramic/metal package blank = -20 c~ +70 c t1 = -40 c~ +85 c order information example: o 20.0-jo32-b-3.0-1 (lf = rohs compliant / pb free pins or pads) o frequency type frequency stability code oscillator 0.75 ~ 80.0 mhz jo32 see table 1 3.0 = 3.0 v 1 = 15 pf 2 = 30 pf option supply voltage code output load code # 1 # 2 # 3 # 4 2.5 0.15 3.2 0.15 1.05 max. 1.0 0.1 0.75 0.1 1.2 0.1 1.3 0.1 1.1 0.1 0.8 0.1 1.0 0.1 # 2 # 1 # 4 # 3 1.0 0.1 dimensions in mm top view side view bottom view pad layout pin connection # 1: e/d # 2: ground # 3: output # 4: v dc table 3: rise & fall time max. 5 ns: 0.75 ~ 1.8 mhz 4 ns: 1.81 ~ 80.0 mhz note: - specific data on request - rise time: 0.1 v dc ~ 0.9 v dc - fall time: 0.9 v dc ~ 0.1 v dc table 2: current consumption max. 0.75 ~ 19.9 mhz 7 ma 20.00 ~ 39.9 mhz 13 ma 40.00 ~ 59.9 mhz 19 ma 60.00 ~ 80.0 mhz 24 ma current at 15pf load table 1: frequency stability code stability code abgc 100 ppm 50 ppm 30 ppm 25 ppm -20 c ~ +70 c ? o -40 c ~ +85 c ooo ? standard o available excludes aging general data type frequency range frequency stability over all* current consumption supply voltage v dc temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 khz ~ 20.0 mhz symmetry at 0.5 x v dc jo32 3.0 v 0.75 ~ 80.0 mhz (15 pf max.) 0.75 ~ 50.0 mhz (30 pf max.) 25ppm ~ 100ppm (table 1) see table 2 3.0 v 5% -20 c ~ +70 c / -40 c ~ +85 c -55 c ~ +100 c see table 3 15pf / 30pf 5ma 0.1 x v dc 0.9 x v dc 10ms 150ns 10ms stop 5a < 1.0ps rms 45% ~ 55% max. 0.75 ~ 19.9 mhz 10 ma 20.00 ~ 39.9 mhz 17 ma 40.00 ~ 50.0 mhz 24 ma current at 30pf load * includes stability at 25 c, operating temp. range, supply voltage change, shock and vibration, aging 1st year. smd oscillator with stop function 3.2 x 2.5 mm 171008
jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice oscillator jo32 3.0 v stop function temperature ( c) time (s) 150 260 200 50 100 60 ~180 s 60 s max. 10 s max. 260 c max. 180 5 c 220 5 c reflow soldering profile note: parts are also suitable for soldering systems with lead (pb) content marking frequency type / date code date code: a ~ m: jan.- dec. 5: 2005 6: 2006 7: 2007 jan. febr. mar. apr. may june abcde f july aug. sept. oct. nov. dec. ghj klm enable / disable function pin #1 (e/d control) pin #3 (output) open active high ?1? (v ih 0.8 v dc ) active low ?0? (v il 0.2 v dc ) high impedance stop function: ? oscillator stops ? output high impedance ? standard packing units are 500 pieces per reel ? non-multiple packing units are only supplied taped / bulk packing note 8.0 0.1 5.25 0.1 3.4 0.1 1.75 0.1 1.4 0.1 2.7 0.1 ? 1.5 0.1 feeding 4.0 0.1 4.0 0.1 taping specification 500 pcs per reel 2.0 0.1 120 2.0 0.3 ? 80.0 1.0 /60.5 1.0 ? 21 0.5 ? 13 0.5 8.75


▲Up To Search▲   

 
Price & Availability of JO32-30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X