Part Number Hot Search : 
TPS180 TPS180 5225B P6KE47C FJX4002R BF1009 UF4001 33817
Product Description
Full Text Search
 

To Download IXFN70N60Q2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved ds99029d(06/09) v dss = 600v i d25 = 70a r ds(on) 88m t rr 250ns n-channel enhancement mode avalanche rated, low q g , low intrinsic r g high dv/dt, low t rr symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c, r gs = 1m 600 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c 70 a i dm t c = 25 c, pulse width limited by t jm 280 a i a t c = 25 c 70 a e as t c = 25 c 5 j dv/dt i s i dm , v dd v dss , t j 150 c 20 v/ns p d t c = 25 c 890 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062 in.) from case for 10s 300 c v isol 50/60hz, rms t = 1min 2500 v~ i isol 1ma t = 1s 3000 v~ m d mounting torque 1.5/13 nm/lb.in. terminal connection torque 1.3/11.5 nm/lb.in. weight 30 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 600 v v gs(th) v ds = v gs , i d = 8ma 3.0 5.5 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss , v gs = 0v 50 a t j = 125 c 3 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 88 m hiperfet tm power mosfet q2-class IXFN70N60Q2 s g s d minibloc, sot-227 b e153432 g = gate d = drain s = source either source terminal at minibloc can be used as main or kelvin source features z double metal process for low gate resistance z minibloc, with aluminium nitride isolation z avalanche rated z low package inductance z fast intrinsic rectifier applications z dc-dc converters z switched-mode and resonant-mode power supplies z dc choppers z pulse generators advantages z easy to mount z space savings z high power density
ixys reserves the right to change limits, test conditions, and dimensions. IXFN70N60Q2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 36 50 s c iss 12 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 1340 pf c rss 345 pf t d(on) 26 ns t r 25 ns t d(off) 60 ns t f 12 ns q g(on) 265 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 57 nc q gd 120 nc r thjc 0.14 c /w r thcs 0.05 c /w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 70 a i sm repetitive, pulse width limited by t jm 280 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 250 ns q rm 1.2 c i rm 8.0 a notes1: pulse test, t 300 s; duty cycle, d 2%. sot-227b outline ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 i f = 25a, -di/dt = 100a/ s v r = 100v, v gs = 0v ordering information the IXFN70N60Q2 is also available with brass capture nuts in place of the normal zinc coated steel capture nuts. the ordering part number is IXFN70N60Q2-bn. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 35a r g = 1 (external)
? 2009 ixys corporation, all rights reserved IXFN70N60Q2 fig. 2. extended output characteristics @ 25oc 0 20 40 60 80 10 0 12 0 14 0 02468101214161820 v ds - volts i d - amperes v gs = 1 0v 5v 7v 6v fig. 3. output characteristics @ 125oc 0 10 20 30 40 50 60 70 0246810121416 v ds - volts i d - amperes v gs = 1 0v 7v 5v 6v fig. 1. output characteristics @ 25oc 0 10 20 30 40 50 60 70 01234567 v ds - volts i d - amperes v gs = 1 0v 7v 6v 5v fig. 4. r ds(on) normalized to 0.5 i d25 val u e vs. junction temperature 0.2 0.6 1. 0 1. 4 1. 8 2.2 2.6 3.0 -50-25 0 25 50 75 100125150 t j - degrees centigrade r d s (on) - normalized i d = 70a i d = 35a v gs = 1 0v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) normalized to 0.5 i d25 value vs. i d 0.6 0.8 1. 0 1. 2 1. 4 1. 6 1. 8 2.0 2.2 2.4 2.6 2.8 0 20406080100120140 i d - amperes r d s (on) - normalized t j = 1 25 o c t j = 25 o c v gs = 1 0v
ixys reserves the right to change limits, test conditions, and dimensions. IXFN70N60Q2 fig. 11. capacitance 10 0 1000 10000 100000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - pf c iss c oss c rss f = 1 mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 40 80 120 160 200 240 280 q g - nanocoulombs v g s - volts v d s = 300v i d = 35a i g = 1 0ma fig. 7. input admittance 0 10 20 30 40 50 60 70 80 90 10 0 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v gs - volts i d - amperes t j = 1 25 o c 25 o c - 40 o c fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 10 0 0 102030405060708090100 i d - amperes g f s - siemens t j = - 40 o c 25 o c 1 2 5 o c fig. 9. source current vs. source-to-drain vo l tag e 0 20 40 60 80 10 0 12 0 14 0 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 v sd - volts i s - amperes t j = 25 o c t j = 1 25 o c fig. 12. maximum transient thermal impedance 0.001 0.010 0.100 1.000 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w ixys ref: f _70n60q2(95)5-28-08-a


▲Up To Search▲   

 
Price & Availability of IXFN70N60Q2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X