Part Number Hot Search : 
4N80B2C3 2N510 MMG3014 20400609 2520C CTW13X8 3BCPG 12068
Product Description
Full Text Search
 

To Download HER504-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  her501 ? her508 1 of 4 ? 2006 won-top electronics pb her501 ? her508 5.0a ultrafast diode features ! diffused junction ! low forward voltage drop ! high current capability a b a ! high reliability ! high surge current capability mechanical data c ! case: do-201ad, molded plastic d ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 1.2 grams (approx.) ! mounting position: any ! marking: type number ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 4 maximum ratings and electrical characteristics @t a =25c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol her 501 her 502 her 503 her 504 her 505 her 506 her 507 her 508 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 300 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 210 280 420 560 700 v average rectified output current (note 1) @t a = 55c i o 5.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage @i f = 5.0a v fm 1.0 1.3 1.7 v peak reverse current @t a = 25c at rated dc blocking voltage @t a = 100c i rm 10 100 a reverse recovery time (note 2) t rr 50 75 ns typical junction capacitance (note 3) c j 75 50 pf operating temperature range t j -65 to +125 c storage temperature range t stg -65 to +150 c note: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case 2. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. see figure 5. 3. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. wte power semiconductors do-201ad dim min max a 25.4 ? b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm
her501 ? her508 2 of 4 ? 2006 won-top electronics  0.01 0.1 1.0 10 100 0.6 1.0 1.4 1.8 t = 25 c j pulse width = 300 s 2% duty cycle m v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f i , instantaneous forward current (a) f h er 5 0 1 - 5 0 4 h er 5 0 6 - he r5 0 8 h er 5 0 5 10 100 200 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60hz fig. 3 peak forward surge current 8.3ms single half sine-wave 50v dc approx 50 ni (non-inductive) w 10 ni w 1.0 ni w oscilloscope (note 1) pulse generator (note 2) device under test t rr se t tim e bas e fo r 5 /10 ns/cm +0.5a 0a -0.25a -1.0a notes: 1. rise time = 7.0ns max. input impedance = 1.0m , 22pf. 2. rise time = 10ns max. input impedance = 5 0 . w w fig. 5 reverse recovery time characteristic and test circuit (+) (+) (-) (-) 1 0 10 0 100 0 1 1 0 100 c , capacitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r he r 5 0 1 - he r 5 0 5 h er 5 0 6 - h er 5 0 8 0 2 4 6 8 02550 75 100 125 150 175 i , average fwd rectified current (a) (av) t , ambient temperature ( c ) fig. 1 forward current derating curve a single phase half wave resistive or inductive load
her501 ? her508 3 of 4 ? 2006 won-top electronics marking information taping specifications packaging information packaging reel diameter / box size (mm) quantity (pcs) carton size (mm) quantity (pcs) approx. gross weight (kg) tape & reel 330 1,200 370 x 370 x 420 6,000 10.0 tape & box 255 x 75 x 150 1,200 400 x 273 x 415 12,000 17.0 bulk 200 x 85 x 40 500 459 x 214 x 256 12,500 16.0 note: 1. paper reel, white or gray color. core material: plastic or metal. 2. components are packed in accordance with eia standard rs-296-e. tape & reel cathode = polarity band her50x = device number x = 1, 2, 3, 4, 5, 6, 7 or 8 wte = manufacturer?s logo her50x wte 0.8mm max 10mm 1.2mm max 0.8mm max 6mm 52.4mm cathode tape: red anode tape: white 330mm product id label inspection hole (both ends) 805mm tape & box 255mm product id label 150mm 75mm bulk 200mm 85mm 40mm
her501 ? her508 4 of 4 ? 2006 won-top electronics ordering information product no. package type shipping quantity her501-t3 do-201ad 1200/tape & reel her501-tb do-201ad 1200/tape & box her501 do-201ad 500 units/box her502-t3 do-201ad 1200/tape & reel her502-tb do-201ad 1200/tape & box her502 do-201ad 500 units/box her503-t3 do-201ad 1200/tape & reel her503-tb do-201ad 1200/tape & box her503 do-201ad 500 units/box HER504-T3 do-201ad 1200/tape & reel her504-tb do-201ad 1200/tape & box her504 do-201ad 500 units/box her505-t3 do-201ad 1200/tape & reel her505-tb do-201ad 1200/tape & box her505 do-201ad 500 units/box her506-t3 do-201ad 1200/tape & reel her506-tb do-201ad 1200/tape & box her506 do-201ad 500 units/box her507-t3 do-201ad 1200/tape & reel her507-tb do-201ad 1200/tape & box her507 do-201ad 500 units/box her508-t3 do-201ad 1200/tape & reel her508-tb do-201ad 1200/tape & box her508 do-201ad 500 units/box 1. products listed in bold are wte preferred devices. 2. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 3. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, her501-tb-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of HER504-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X