Part Number Hot Search : 
ADM3251 27C101A HE891B 2SC2668 HV829ASG 2SC2668 X24C02DG CM100T
Product Description
Full Text Search
 

To Download HD74LV1GW97A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.2.00, mar.11.2 004, page 1 of 9 HD74LV1GW97A configurable multiple?function gate rej03d0083?0200z rev.2.00 mar.11.2004 description the HD74LV1GW97A has co nfigurable multiple?function gate in a 6 pin package. the output state is determined by eight patterns of 3?bit input. the user can choose the logic functions and, nand, or, nor, inverter, non? invert buffer, data selector. low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as renesas uni logic series. ? supplied on emboss taping for high-speed automatic mounting. ? supply voltage range : 1.65 to 5.5 v operating temperature range : ?40 to +85c ? all inputs v ih (max.) = 5.5 v (@v cc = 0 v to 5.5 v) all outputs v o (max.) = 5.5 v (@v cc = 0 v) ? output current 6 ma (@v cc = 3.0 v to 3.6 v), 12 ma (@v cc = 4.5 v to 5.5 v) ? all the logical input has hysteresis voltage for the slow transition. ? ordering information part name package type package code package abbreviation taping abbreviation (quantity) HD74LV1GW97Acme cmpak-6 pin cmpak-6v(o) cm e (3,000 pcs / reel) outline and article indication  HD74LV1GW97A marking = control code w 2 index band cmpak?6
HD74LV1GW97A rev.2.00, mar.11.2 004, page 2 of 9 function table inputs output in2 in1 in0 y llll llhl lhlh lhhh hl l l hl hh hhl l hhhh h : high level l : low level pin arrangement (top view) v cc 2 5 gnd 6 in2 1 in1 3 in0 4 y logic diagram in0 in1 in2 y
HD74LV1GW97A rev.2.00, mar.11.2 004, page 3 of 9 function selection table logic function figure no. 2 to 1 data selector 1 2?inputs and 2 2?inputs or with one input inverted 3 2?inputs nand with one input inverted 3 2?inputs and with one input inverted 4 2?inputs nor with one input inverted 4 2?inputs or 5 inverter 6 non?inverter buffer 7
HD74LV1GW97A rev.2.00, mar.11.2 004, page 4 of 9 logic configurations figure 1. 2 to 1 data selecter a b 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a /b v cc y y a a /b b figure 2. 2?inputs and gate b 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y y a b y a b figure 4. 2?inputs and gate with a input inverted y b a b 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y y a b y a 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y figure 6. inverter y a 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y figure 7. non?invert butter figure 3. 2?inputs or gate with a input inverted b 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y y y a b a b b y a b y a b 1 (in1) (in2) 6 2 (gnd) (v cc ) 5 3 (in0) (y) 4 a v cc y figure 5. 2?inputs or gate
HD74LV1GW97A rev.2.00, mar.11.2 004, page 5 of 9 absolute maximum ratings item symbol ratings unit test conditions supply voltage range v cc ?0.5 to 7.0 v input voltage range *1 v i ?0.5 to 7.0 v ?0.5 to v cc + 0.5 output : h or l output voltage range *1, 2 v o ?0.5 to 7.0 v v cc : off input clamp current i ik ?20 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 25 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 50 ma maximum power dissipation at ta = 25c (in still air) *3 p t 200 mw storage temperature tstg ?65 to 150 c notes: the absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 5.5 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150c. recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.65 5.5 v input voltage range v i 05.5v output voltage range v o 0v cc v ?1 v cc = 1.65 to 1.95 v ?2 v cc = 2.3 to 2.7 v ?6 v cc = 3.0 to 3.6 v i ol ?12 v cc = 4.5 to 5.5 v ??1 v cc = 1.65 to 1.95 v ??2 v cc = 2.3 to 2.7 v ??6 v cc = 3.0 to 3.6 v output current i oh ? ?12 ma v cc = 4.5 to 5.5 v 0 300 v cc = 1.65 to 1.95 v 0 200 v cc = 2.3 to 2.7 v 0 100 v cc = 3.0 to 3.6 v input transition rise or fall rate ? t / ? v 020 ns / v v cc = 4.5 to 5.5 v operating free-air temperature t a ?40 85 c note: unused or floating inputs must be held high or low.
HD74LV1GW97A rev.2.00, mar.11.2 004, page 6 of 9 electrical characteristics ta = ?40 to 85c item symbol v cc (v) min typ max unit test condition 1.65 to 1.95 ? ? v cc 0.75 2.5 ? ? 1.75 3.3 ? ? 2.31 v t + 5.0 ? ? 3.50 1.65 to 1.95 v cc 0.25 ? ? 2.5 0.75 ? ? 3.3 0.99 ? ? v t ? 5.0 1.5 ? ? 1.65 to 1.95 0.1 ? v cc 0.4 2.5 0.25 ? 1.0 3.3 0.33 ? 1.32 threshold voltage ? v t 5.0 0.5 ? 2.0 v min to max v cc ?0.1 ? ? i oh = ?50 a 1.65 1.4 ? ? i oh = ?1 ma 2.3 2.0 ? ? i oh = ?2 ma 3.0 2.48 ? ? i oh = ?6 ma v oh 4.5 3.8 ? ? i oh = ?12 ma min to max ? ? 0.1 i ol = 50 a 1.65 ? ? 0.3 i ol = 1 ma 2.3 ? ? 0.4 i ol = 2 ma 3.0 ? ? 0.44 i ol = 6 ma output voltage v ol 4.5 ? ? 0.55 v i ol = 12 ma input current i in 0 to 5.5 ? ? 1 av in = 5.5 v or gnd quiescent supply current i cc 5.5 ? ? 10 av in = v cc or gnd, i o = 0 output leakage current i off 0??5 av in or v o = 0 to 5.5 v input capacitance c in 3.3 ? 3.0 ? pf v in = v cc or gnd note: for conditions shown as min or max, use the appr opriate values under recommended operating conditions.
HD74LV1GW97A rev.2.00, mar.11.2 004, page 7 of 9 switching characteristics v cc = 1.80.15 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 15.8 29.4 1.0 33.0 c l = 15 pf propagation delay time t plh t phl ? 22.6 40.9 1.0 45.0 ns c l = 50 pf in y v cc = 2.50.2 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 9.4 17.6 1.0 21.0 c l = 15 pf propagation delay time t plh t phl ? 12.6 22.6 1.0 26.5 ns c l = 50 pf in y v cc = 3.30.3 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 7.0 11.0 1.0 13.0 c l = 15 pf propagation delay time t plh t phl ? 9.5 14.5 1.0 16.5 ns c l = 50 pf in y v cc = 5.00.5 v ta = 25c ta = ?40 to 85c item symbol min typ max min max unit test conditions from (input) to (output) ? 4.8 6.8 1.0 8.0 c l = 15 pf propagation delay time t plh t phl ? 6.3 8.8 1.0 10.0 ns c l = 50 pf in y operating characteristics c l = 50 pf ta = 25c item symbol v cc (v) min typ max unit test conditions 3.3 ? 8.5 ? power dissipation capacitance c pd 5.0 ? 10.0 ? pf f = 10 mhz
HD74LV1GW97A rev.2.00, mar.11.2 004, page 8 of 9 test circuit c l measurement point note: c l includes probe and jig capacitance. * input in phase output 90% 50% 10% t plh t phl v cc gnd v oh v ol t phl t plh 90% 50% 10% 50% 50% 50% 50% ? waveforms out of phase output v oh v ol notes: 1. input waveform : prr 1 mhz, zo = 50 ? , t r 3 ns, t f 3 ns. 2. the output are measured one at a time with one transition per measurement. t r t f
HD74LV1GW97A rev.2.00, mar.11.2 004, page 9 of 9 package dimensions 0.15 0.05 2.0 0.1* (0.1) + 0.1 ? 0.05 package code jedec jeita mass (reference value) cmpak-6v(o) ? conforms 0.006 g unit: mm 1.3 0.05* (2.1) 6 ? 0.2 + 0.02 ? 0.03 0.88 (0.65) (0.65) (1.3) 0.025 ? 0.1 * sn-bi plating. ** the value does not include resin bar. (one side: 0.15 mm (max))
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is a lways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placeme nt of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies o r errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas techn ology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materi als. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lic ense from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is prohibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.co m renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500 fax: <1> (408) 382-7501 renesas technology europe limited. dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, united kingdom tel: <44> (1628) 585 100, fax: <44> (1628) 585 900 renesas technology europe gmbh dornacher str. 3, d-85622 feldkirchen, germany tel: <49> (89) 380 70 0, fax: <49> (89) 929 30 11 renesas technology hong kong ltd. 7/f., north tower, world finance centre, harbour city, canton road, hong kong tel: <852> 2265-6688, fax: <852> 2375-6836 renesas technology taiwan co., ltd. fl 10, #99, fu-hsing n. rd., taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. 26/f., ruijin building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1, harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas sales offices ? 2004. renesas technology corp., all rights reserved. printed in japan. c olophon .1 .0


▲Up To Search▲   

 
Price & Availability of HD74LV1GW97A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X