this document was generated on 04/07/2010 please check www.molex.com for latest part information part number: 5031590810 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, single row, through hole, vertical, without peg, 8 circuits documents: 3d model product specification ps-503159-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 503159 application wire-to-board product name clik-mate? physical circuits (loaded) 8 color - resin beige durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style through hole electrical current - maximum per contact 2a voltage - maximum 100v material info reference - drawing numbers product specification ps-503159-001, rps-503159-001, rps-503159-003 sales drawing sd-503159-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 503159 series mates with 502578 crimp housing . 502579 crimp terminal this document was generated on 04/07/2010 please check www.molex.com for latest part information
|