Part Number Hot Search : 
0015453 M61556FP MRF957 HSBD140 14100 0262F8 FAN7393M GS3020
Product Description
Full Text Search
 

To Download 3127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 3  27 www.schurter.com/pg07_ 2 connectors power cord with iec connector c17, straight description power supply cord / interconnection cord, protection class ii, pin tem - perature 70 c, cable references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 15 a / 250 vac; 60 hz dielectric strength > 2 kvdc between l-n > 2 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal moulded material: housing pvc, black or grey connector c17 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 2 dimensions 51.7 mm ? 16.6 73 51.7 11 40 25 ? 4
2 cord sets 3  27 www.schurter.com/pg07_ 2 connectors config. code product configurato r type | - | r | - | 3127 | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ is placed for the connector type on the second end, length is the cord length in mm. type | - | r | - | 3127 | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 222 5 , ? 222 8 , ? 234 3 , ? 412 1 , ? 414 2 , ? 419 c , ? 419 0 , ? 419 1 , ? 607 b , ? 608 b , ? 609 b type | - | r | - | 3127 | - | d | - | length | = cord type cord type configuration key h03vv-f ?2x0,75mm2 a h05vv-f ?2x0,75mm2 d h05vv-f ?2x1,0mm2 f svt? 2x18awg m cord definition is detailed in general product information xxx type | - | r | - | 3127 | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black type | - | r | - | 3127 | - | d | - | length | = cord length cord length zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm mating inlets/plug s category / description appliance ?inlet? overview?complet e ? ? iec? appliance ?inlet?c18, ?screw-on?mounting, ?rear?side, ?pcb? terminal 100 5 iec? appliance ?inlet?c18, ? snap-in?mounting, ? front?side, ?solder?or?quick-connect?or?screw-on? terminal 601 5 iec? appliance ?inlet?c18, ?screw-on?mounting, ? front?side, ?solder?or?quick-connect, ?pcb?or?screw? terminal 606 5 iec? appliance ?inlet?c18, ?screw-on?mounting, ? front?side, ?solder?or?quick-connect, ?pcb?or?screw? terminal 606 6 iec? appliance ?inlet?c18, ?screw-on?mounting, ? front?or?rear?side, ?solder?or?quick-connect? terminal 6102- 3 appliance ?inlet?further?types?to?312 7 ... interconnection?cord? overview?complet e ? ? interconnection?cord?with?iec?plug?g, ? angled 607 b interconnection?cord?with?iec?plug?g, ? angled 608 b interconnection?cord?with?iec?plug?g, ?straight 609 b interconnection?cord?further?types?to?312 7 power ? entry?module? overview?complet e ? ? iec? appliance ?inlet?c18?with?fuseholder?1-pole 106 5 iec? appliance ?inlet?c18?with?fuseholder?1-?or?2-pole 106 6 iec? appliance ?inlet?c18?with?fuseholder?1-pole 620 2 power ? entry?module?further?types?to?312 7 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 3127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X