Part Number Hot Search : 
K20J60 HIP2101 85330 ON0557 87LPC767 NTE8125 MD8748H R1500F
Product Description
Full Text Search
 

To Download 27111014202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  website www. littelfuse .com in our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the wickmann group and its products to the littelfuse portfolio.  -inlinehalter fr g-sicherungseins?tze bis 250 v /  inlineholder for g-fuse links up to 250 v /  -porte-fusible-inline pour g-fusibles jusqu' 250 v geh?use / housing / corps: aus thermoplast / out of thermoplastic / de matire thermoplastique ul 94-vo, w?rmeformbest?ndig / ul 94-vo, heat-resistant / ul 94-vo rsistante la chaleur anschlsse / connections / connexions: quetsch-schraubanschlsse fr 2.5mm2 leitung / squeeze and screw connections for 2.5mm2 wire / cosses presser et raccord filet pour cable 2.5mm2 farbe / colour / couleur: schwarz / black / noir drehmoment / starting torque / couple: max. 0.25 nm (handfest) / max. 0.25 nm verpackungseinheit / packaging unit / emballage: 100 stck / pieces / pices 271.1101.0002 271.1101.4202 4 g 6 g dieser gs-inlinehalter ist fr 5x20 mm sicherungseins?tze gem?? din 41661 und din 41662 geeignet / this gs-inlineholder suits for all 5x20 mm fuse links according to din 41161 and din 41162 / ce gs-porte-fusible-inline est adaptable tous les fusibles 5x20 mm selon din 41161 et din 41162. ohne sicherungseinsatz / without fuse link / sans fusible mit sicherungseinsatz / with fuse link / avec fusible 2 a (t) max. 6.3 a nennstrom rated current intensit nom. i n /i rat artikel-nr. article-no. rf. d' article bezeichnung description dfinition gewicht / st. weight / pcs. poids / pcs. ma?e in mm / dimensions in mm / dimensions en mm achtung: 1.00 bedeutet die nummer "eins" mit zwei dezimalstellen. 1,000 bedeutet die nummer "eintausend" / note: 1.00 means the number "one" with two decimal places. 1,000 means the number "one thousand" / attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille"


▲Up To Search▲   

 
Price & Availability of 27111014202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X