this document was generated on 04/16/2010 please check www.molex.com for latest part information part number: 0532580629 status: active description: 3.50mm (.138") pitch header, vertical, lead-free, 6 circuits, brass (cuzn) contact documents: 3d model product specification ps-51067-019 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification tuv r72081037 ul e29179 general product family pcb headers series 53258 application wire-to-board product name n/a physical breakaway no circuits (loaded) 6 circuits (maximum) 6 durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.138 in pitch - mating interface (mm) 3.50 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to pcb no shrouded fully stackable no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 5.5a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53258 series mates with 51067 wire-to-wire and wire-to-board housing
material info reference - drawing numbers product specification ps-51067-019, rps-51067-002, rps-51067-019, rps-51067-025, rps-51067-028, rps-51067-035, rps-51067-041 sales drawing sd-53258-005 this document was generated on 04/16/2010 please check www.molex.com for latest part information
|