Part Number Hot Search : 
BD910 XFGIB10 ST163 E752C041 SLE66CX 20U60 IRF440 317BD2T
Product Description
Full Text Search
 

To Download 0475480001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0475480001 status: active description: 2.54mm (.100") pitch sim card holder, 6 circuits, surface mount, with pcb retention solder tabs, housing height 1.90mm (.075"), lead free documents: 3d model product specification ps-47548-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 47548 button type n/a comments housing height: 1.90mm (.075") component type card holder (host) product name sim type n/a physical card detection switch no circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 5,000 ejector button side no ejector button present entry angle horizontal keying to mating part yes material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator no pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 5v solder process data duration at max. process temperature (seconds) 3 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47548 series mates with standard sim card
lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 250 material info reference - drawing numbers packaging specification pk-47548-001 product specification ps-47548-001 sales drawing sd-47548-001 test summary ts-47548-001 this document was generated on 05/25/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0475480001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X