Part Number Hot Search : 
SMBJ15 227M0 PAT0510 BCR10 FTSO5833 D1033 MC1454 25002
Product Description
Full Text Search
 

To Download 0330110002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/27/2010 please check www.molex.com for latest part information part number: 0330110002 status: active overview: mx150_sealed_connector_system description: mx150? male terminal, gold (au) plating, 14 awg, left reel payoff, contact material thickness 0.30mm (.012") documents: drawing (pdf) rohs certificate of compliance (pdf) general product family crimp terminals series 33011 comments left reel payoff crimp quality equipment yes overview mx150_sealed_connector_system product name mx150? physical gender male material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin packaging type reel plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 100 plating min: termination (m) 2.5 termination interface: style crimp or compression wire insulation diameter 2.60mm (.102") max. wire size awg 14 wire size mm2 1.5 electrical current - maximum per contact 22a voltage - maximum 250v material info reference - drawing numbers sales drawing sd-33000-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 33011 series use with 33482 dual row housing, 33481 single row housing, 33486 hybrid housing application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator 0639000200 hand crimp tool, 14-16awg 0638112400 hand crimp tool, 18-22awg 0638112600 this document was generated on 05/27/2010
please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 0330110002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X