Part Number Hot Search : 
60403 AM2323P K3354 UF204 4E400BS 18B20 A12JVAA 74VHC373
Product Description
Full Text Search
 

To Download SPP24N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2009-12-01 rev. 2.5 page 1 SPP24N60C3 cool mos? power transistor v ds @ t jmax 650 v r ds(on) 0.16 ? i d 24.3 a feature ? new revolutionary high voltage technology ? worldwide best r ds(on) in to 220 ? ultra low gate charge ? periodic avalanche rated ? extreme d v /d t rated ? ultra low effective capacitances ? improved transconductance p g -to220-3-1 type package ordering code SPP24N60C3 p g -to220-3-1 q67040-s4639 marking 24n60c3 maximum ratings parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 24.3 15.4 a pulsed drain current, t p limited by t j ma x i d p uls 72.9 avalanche energy, single pulse i d = 10 a, v dd = 50 v e as 780 mj avalanche energy, repetitive t ar limited by t jmax 1 ) i d = 24.3 a, v dd = 50 v e ar 1 avalanche current, repetitive t ar limited by t j ma x i ar 24.3 a gate source voltage static v gs 20 v gate source voltage ac (f >1hz) v gs 30 power dissipation, t c = 25c p tot 240 w operating and storage temperature t j , t st g -55... +150 c reverse diode dv/dt dv/dt 15 v/ns 4)
2009-12-01 rev. 2.5 page 2 SPP24N60C3 maximum ratings parameter symbol value unit drain source voltage slope v ds = 480 , i d = 24.3 , t j = 125 c d v /d t 50 v/ns thermal characteristics parameter symbol values unit min. typ. max. thermal resistance, junction - case r thjc - - 0.52 k/w thermal resistance, junction - ambient, leaded r thja - - 62 soldering temperature, wavesoldering 1.6 mm (0.063 in.) from case for 10s t sold - - 260 c electrical characteristics, at t j=25c unless otherwise specified parameter symbol conditions values unit min. typ. max. drain-source breakdown voltage v (br)dss v gs =0v, i d =0.25ma 600 - - v drain-source avalanche breakdown voltage v (br)ds v gs =0v, i d =24.3a - 700 - gate threshold voltage v gs(th) i d =1200 ? , v gs = v ds 2.1 3 3.9 zero gate voltage drain current i dss v ds =600v, v gs =0v, t j =25c, t j =150c - - 0.1 - 1 100 a gate-source leakage current i gss v gs =20, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =10v, i d =15.4a, t j =25c t j =150c - - 0.14 0.34 0.16 - ? gate input resistance r g f =1mhz, open drain - 0.66 -
2009-12-01 rev. 2.5 page 3 SPP24N60C3 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. transconductance g fs v ds 2* i d * r ds(on)max , i d =15.4a - 21.5 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 3000 - pf output capacitance c oss - 1000 - reverse transfer capacitance c rss - 60 - effective output capacitance, 2) energy related c o(er) v gs =0v, v ds =0v to 480v - 141 - pf effective output capacitance, 3) time related c o(tr) - 224 - turn-on delay time t d(on) v dd =380v, v gs =0/10v, i d =24.3a, r g =3.3 ? - 13 - ns rise time t r - 21 - turn-off delay time t d(off) - 140 - fall time t f - 14 - gate charge characteristics gate to source charge q gs v dd =480, i d =24.3a - 12.7 - nc gate to drain charge q gd - 45.8 - gate charge total q g v dd =480v, i d =24.3a, v gs =0 to 10v - 104.9 135 gate plateau voltage v (plateau) v dd =480v, i d =24.3a - 5 - v 1 repetitve avalanche causes additional power losses that can be calculated as p av = e ar * f . 2 c o(er) is a fixed capacitance that gives the same stored energy as c oss while v ds is rising from 0 to 80% v dss . 3 c o(tr) is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss . 4 isd<=id, di/dt<=200a/us, vdclink=400v, vpeak 2009-12-01 rev. 2.5 page 4 SPP24N60C3 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values unit min. typ. max. inverse diode continuous forward current i s t c =25c - - 24.3 a inverse diode direct current, pulsed i sm - - 72.9 inverse diode forward voltage v sd v gs =0v, i f = i s - 1 1.2 v reverse recovery time t rr v r =480v, i f = i s , d i f /d t =100a/s - 600 - ns reverse recovery charge q rr - 13 - c peak reverse recovery current i rrm - 70 - a peak rate of fall of reverse recovery current di rr / dt - 1400 - a/s typical transient thermal characteristics symbol value unit symbol value unit typ. typ. thermal resistance r th1 0.006524 k/w r th2 0.013 r th3 0.025 r th4 0.096 r th5 0.117 r th6 0.053 thermal capacitance c th1 0.0004439 ws/k c th2 0.001662 c th3 0.002268 c th4 0.006183 c th5 0.014 c th6 0.104 external heatsink t j t case t amb c th1 c th2 r th1 r th,n c th,n p tot (t)
2009-12-01 rev. 2.5 page 5 SPP24N60C3 1 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 20 40 60 80 100 120 140 160 180 200 220 w 260 SPP24N60C3 p tot 2 safe operating area i d = f ( v ds ) parameter : d = 0 , t c =25c 10 0 10 1 10 2 10 3 v v ds -2 10 -1 10 0 10 1 10 2 10 a i d tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms dc 3 transient thermal impedance z thjc = f ( t p ) parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -1 s t p -4 10 -3 10 -2 10 -1 10 0 10 k/w z thjc d = 0.5 d = 0.2 d = 0.1 d = 0.05 d = 0.02 d = 0.01 single pulse 4 typ. output characteristic i d = f ( v ds ); t j =25c parameter: t p = 10 s, v gs 0 4 8 12 16 20 v 26 v ds 0 10 20 30 40 50 60 70 80 a 100 i d vgs = 20v vgs = 7.5v vgs = 7v vgs = 6.5v vgs = 6v vgs = 5.5v vgs = 5v vgs = 4.5v vgs = 4v
2009-12-01 rev. 2.5 page 6 SPP24N60C3 5 typ. output characteristic i d = f ( v ds ); t j =150c parameter: t p = 10 s, v gs 0 4 8 12 16 20 v 26 v ds 0 5 10 15 20 25 30 35 40 a 50 i d vgs = 20v vgs = 6.5v vgs = 6v vgs = 5.5v vgs = 5v vgs = 4.5v vgs = 4v 6 typ. drain-source on resistance r ds(on) = f ( i d ) parameter: t j =150c, v gs 0 5 10 15 20 25 30 35 40 a 50 i d 0.2 0.3 0.4 0.5 0.6 0.7 0.8 ? 1 r ds(on) vgs = 4v vgs = 4.5v vgs = 5v vgs = 5.5v vgs = 6v vgs = 6.5v vgs = 20v 7 drain-source on-state resistance r ds(on) = f ( t j ) parameter : i d = 15.4 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 ? 1 SPP24N60C3 r ds(on) typ 98% 8 typ. transfer characteristics i d = f ( v gs ); v ds 2 x i d x r ds(on)max parameter: t p = 10 s 0 1 2 3 4 5 6 7 8 v 10 v gs 0 10 20 30 40 50 60 70 80 a 100 i d tj = 25c tj = 150c
2009-12-01 rev. 2.5 page 7 SPP24N60C3 9 typ. gate charge v gs = f ( q gate ) parameter: i d = 24.3 a pulsed 0 20 40 60 80 100 120 140 nc 170 q gate 0 2 4 6 8 10 12 v 16 SPP24N60C3 v gs 0.2 v ds max 0.8 v ds max 10 forward characteristics of body diode i f = f (v sd ) parameter: t j , t p = 10 s 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v sd -1 10 0 10 1 10 2 10 a SPP24N60C3 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%) 11 avalanche soa i ar = f ( t ar ) par.: t j 150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 4 8 12 16 20 a 28 i ar t j (start) =125c t j (start) =25c 12 avalanche energy e as = f ( t j ) par.: i d = 10 a, v dd = 50 v 25 50 75 100 c 150 t j 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 mj 0.9 e as
2009-12-01 rev. 2.5 page 8 SPP24N60C3 13 drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 SPP24N60C3 v (br)dss 14 avalanche power losses p ar = f ( f ) parameter: e ar =1mj 10 3 10 4 10 5 10 6 hz f 0 200 400 600 w 1000 p ar 15 typ. capacitances c = f ( v ds ) parameter: v gs =0v, f =1 mhz 0 100 200 300 400 v 600 v ds 0 10 1 10 2 10 3 10 4 10 5 10 pf c ciss coss crss 16 typ. c oss stored energy e oss = f ( v ds ) 0 100 200 300 400 v 600 v ds 0 4 8 12 16 20 j 28 e oss
2009-12-01 rev. 2.5 page 9 SPP24N60C3 definition of diodes switching characteristics
2009-12-01 rev. 2.5 page 10 SPP24N60C3 pg-to-220-3-1
2009-12-01 rev. 2.5 page 11 SPP24N60C3


▲Up To Search▲   

 
Price & Availability of SPP24N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X