rohs compliant schottky powermod *pulse test: pulse width 300sec, duty cycle 2% r(ov) 2 amps fsm 2500 amps baseplate a=common anode baseplate common cathode baseplate d=doubler baseplate: nickel plated copper repetitive peak reverse voltage electrical characteristics thermal and mechanical characteristics cpt30230 f(av) 300 amps f(av) 150 amps rm 1.5 amps *add suffix a for common anode, d for doubler terminal torque mounting base torque (center hole) center bolt must be torqued first mounting base torque (outside holes) weight maximum repetitive reverse current per leg maximum surge current per leg max peak forward voltage per leg max peak reverse current per leg max peak reverse current per leg typical junction capacitance per leg average forward current per package average forward current per leg max thermal resistance per pkg max thermal resistance per leg typical thermal resistance (greased) operation junction temp range storage temp range c jc r 0 0 0 r r cs jc j stg t t j 4900 pf l rm 10 ma fm .55 volts v i i i l l catalog number h q 30v reverse voltage working peak cpt30230* microsemi v u n w f e 30v notes: u c b g r a 35-50 inch pounds 8-10 inch pounds 2.8 ounces (75 grams) typical 30-40 inch pounds r = 5v, j = 25c, f = 1mhz rrm, j = 25c 8.3ms, half sine, j = 150c rrm, j = 125c case to sink junction to case junction to case -55c to 175c -55c to 150c c = 103c, square wave, 0jc = 0.2c/w c = 103c, square wave, 0jc = 0.4c/w 1sec square wave, j = 25c fm = 150a: j = 25c* v 0.2c/w 0.4c/w 0.08c/w t t f = 1 khz, i v v t t t r t r t dia. dia. notes 1/4-20 0.800 0.130 0.510 --- 3.150 bsc --- 0.630 --- 0.290 0.340 0.195 u 0.600 0.312 0.180 w v --- 0.275 q r n 1.375 bsc 0.490 0.010 g h f 0.700 --- 0.120 c e b 34.92 bsc 80.01 bsc 15.24 --- 7.92 4.57 6.99 17.78 --- 3.05 12.45 0.25 --- 8.64 --- 7.37 4.95 20.32 3.30 12.95 16.00 --- dim. inches 3.630 max. --- min. a millimeters --- min. 92.20 max. part number MBRP20030CTL industry reverse energy tested 300 amperes/30 volts 150c junction temperature low power loss guard ring protection schottky barrier rectifier t january, 2010 - rev. 5 www.microsemi.com
cpt30230 instantaneous forward current - amperes 75 c typical reverse current - ma 20 reverse voltage - volts 0.1 1.0 25 c 0 10 30 40 50 typical reverse characteristics - per leg instantaneous forward voltage - volts 0.6 100 10 100 c 125 c 10000 1000 150 c 1.0 figure 2 0 2.0 0.4 0.2 1.0 0.8 1.2 1.4 25 c 10 5.0 20 50 100 200 150 c typical forward characteristics - per leg 1000 500 figure 1 110 maximum allowable case temperature - c dc dc maximum power dissipation - watts 40 60 average forward current - amperes 0 0 20 20 40 120 80 100 160 140 180 60 maximum forward power dissipation - per leg average forward current - amperes figure 5 100 60 80 120 140 0 80 90 100 20 40 90 60 180 120 120 80 100 60 90 160 140 180 180 120 200 200 junction capacitance - pf 20000 reverse voltage - volts forward current derating - per leg figure 4 140 120 130 150 0.1 1000 2000 4000 6000 10000 0.5 1.0 5.0 10 50 typical junction capacitance - per leg figure 3 40000 60000 100000 100 january, 2010 - rev. 5 www.microsemi.com
|