Part Number Hot Search : 
LNK501GN FB42N 25L4005 F5R5U105 CRO3120A SK34C SMC12CA ADC12
Product Description
Full Text Search
 

To Download IRFR120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b IRFR120, irfu120 8.4a, 100v, 0.270 ohm, n-channel power mosfets these are n-channel enhancement mode silicon gate power field effect transistors. they are advanced power mosfets designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. all of these power mosfets are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. these types can be operated directly from integrated circuits. formerly developmental type ta09594. features ? 8.4a, 100v r ds(on) = 0.270 ?  single pulse avalanche energy rated  soa is power dissipation limited  nanosecond switching speeds  linear transfer characteristics  high input impedance  related literature - tb334 ?guidelines for soldering surface mount components to pc boards? symbol packaging jedec to-251aa jedec to-252aa ordering information part number package brand IRFR120 to-252aa ifr120 irfu120 to-251aa ifu120 note: when ordering, use the entire part number. add the suffix t to obtain the to-252aa variant in the tape and reel, i.e., IRFR120t. g d s gate drain (flange) source drain source drain gate drain (flange) data sheet january 2002
?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b absolute maximum ratings t c = 25 o c, unless otherwise specified IRFR120, irfu120 units drain to source voltage (note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . v ds 100 v drain to gate voltage (r gs = 20k ?) (note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . v dgr 100 v continuous drain current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . i d t c = 100 o c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . i d 8.4 5.9 a a pulsed drain current (note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . i dm 34 a gate to source voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .v gs 20 v maximum power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . p d 50 w linear derating factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.33 w/ o c single pulse avalanche energy rating (fi gure 14). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . e as 36 mj operating and storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . t j, t stg -55 to 175 o c maximum temperature for soldering leads at 0.063in (1.6mm) from case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . t l package body for 10s, see techbrief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . t pkg 300 260 o c o c caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. note: 1. t j = 25 o c to 150 o c. electrical specifications t c = 25 o c, unless otherwise specified parameter symbol test conditions min typ max units drain to source breakdown voltage bv dss i d = 250 a, v gs = 0v (figure 10) 100 - - v gate threshold voltage v gs(th) v gs = v ds , i d = 250 a2.0-4.0v zero gate voltage drain current i dss v ds = rated bv dss , v gs = 0v - - 25 a v ds = 0.8 x rated bv dss , v gs = 0v, t j = 150 o c - - 250 a on-state drain current (note 2) i d(on) v ds > i d(on) x r ds(on)max , v gs = 10v 8.4 - - a gate to source leakage current i gss v gs = 20v - - 500 na drain to source on resistance (note 2) r ds(on) i d = 5.9a, v gs = 10v (figures 8, 9) - 0.25 0.27 ? forward transconductance (note 2) g fs v ds 50v, i d = 5.9a (figure 12) 2.8 4.2 - s turn-on delay time t d(on) v dd = 50v, i d ? 8.4a, r gs = 18 ? , r l = 5.1 ? mosfet switching times are essentially independent of operating temperature - 8.8 13 ns rise time t r -3045ns turn-off delay time t d(off) -1929ns fall time t f -2030ns total gate charge (gate to source + gate to drain) q g(tot) v gs = 10v, i d = 8.4a, v ds = 0.8 x rated bv dss , i g(ref) = 1.5ma (figure 14) gate charge is essentially independent of operating temperature - 9.7 15 nc gate to source charge q gs -2.23.3nc gate to drain ?miller? charge q gd -2.33.4nc input capacitance c iss v ds = 25v, v gs = 0v, f = 1mhz (figure 11) - 350 - pf output capacitance c oss - 130 - pf reverse transfer capacitance c rss -24- pf internal drain inductance l d measured from the drain lead, 6.0mm (0.25in) from package to center of die modified mosfet symbol showing the internal device inductances -4.5- nh internal source inductance l s measured from the source lead, 6.0mm (0.25in) from package to source bonding pad -7.5- nh thermal resistance, junction to case r jc --3.0 o c/w thermal resistance, junction to ambient r ja typical solder mount - - 110 o c/w l s l d g d s IRFR120, irfu120
?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b source to drain diode specifications parameter symbol test conditions min typ max units continuous source to drain current i sd modified mosfet symbol showing the integral reverse p-n junction rectifier --8.4a pulse source to drain current (note 3) i sdm --34a source to drain diode voltage (note 2) v sd t j = 25 o c, i sd = 8.4a, v gs = 0v (figure 13) - - 2.5 v reverse recovery time t rr t j = 25 o c, i sd = 8.4a, di sd /dt = 100a/ s 55 110 240 ns reverse recovery charge q rr t j = 25 o c, i sd = 8.4a, di sd /dt = 100a/ s 0.25 0.53 1.1 c notes: 2. pulse test: pulse width 300 s, duty cycle 2%. 3. repetitive rating: pulse width limited by max junc tion temperature. see transient thermal impedance curve (figure 3). 4. v dd = 25v, starting t j = 25 o c, l = 770 h, r g = 25 ? , peak i as = 8.4a. typical perfo rmance curves unless otherwise specified figure 1. normalized power dissipation vs case temperature figure 2. maximum cont inuous drain current vs case temperature figure 3. maximum transient thermal impedance g d s t c , case temperature ( o c) 25 50 75 100 125 150 175 0 power dissipation multiplier 0 0 0.2 0.4 0.6 0.8 1.0 1.2 0 50 100 i d , drain current (a) t c , case temperature ( o c) 150 25 75 125 10 8 6 4 2 17 5 1 0.1 10 -2 10 -5 10 -4 10 -3 10 -2 0.1 1 10 z jc , thermal impedance t 1 , rectangular pulse duration (s) single pulse p dm notes: duty factor: d = t 1 /t 2 peak t j = p dm x z jc + t c t 1 t 2 0.1 0.02 0.2 0.5 0.01 0.05 10 IRFR120, irfu120
?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b figure 4. forward bias safe operating area figure 5. output characteristics figure 6. saturation characteristics figure 7. transfer characteristics figure 8. drain to source on resistance vs gate voltage and drain current figure 9. normalized drain to source on resistance vs junction temperature typical perfo rmance curves unless otherwise specified (continued) v ds , drain to source voltage (v) 10 i d , drain current (a) 100 100 1 10 1 0.1 100 0 by r ds(on) area is limited operation in this 10 s 100 s 1ms 10ms dc single pulse t j = max rated t c = 25 o c i d , drain current (a) 0 10203040 3 6 9 12 15 5 0 v ds , drain to source voltage (v) pulse duration = 80 s 0 v gs = 8v v gs = 10v v gs = 7v v gs = 6v v gs = 5v v gs = 4v duty cycle = 0.5% max 0 3 0 1 23 5 6 9 i d , drain current (a) v ds , drain to source voltage (v) 12 4 15 v gs = 10v v gs = 4.0v v gs = 6.0v v gs = 7.0v v gs = 5.0v v gs = 8.0v pulse duration = 80 s duty cycle = 0.5% max 0246810 v gs , gate to source voltage (v) 100 10 1 0.1 i ds(on) , on state drain current (a) t j = 175 o c t j = 25 o c pulse duration = 80 s duty cycle = 0.5% max v ds 50v i d , drain current (a) r ds(on) , on-state resistance (s) 2.5 2.0 1.5 1.0 0.5 0 0 8 16 24 32 4 0 v gs = 20v v gs = 10v pulse duration = 80 s duty cycle = 0.5% max normalized drain to source 3.0 1.8 1.2 0.6 0 -40 0 40 t j , junction temperature ( o c) 120 2.4 80 160 on resistance pulse duration = 80 s duty cycle = 0.5% max v gs = 10v, i d = 5.9a IRFR120, irfu120
?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b figure 10. normalized drain to source breakdown voltage vs junction temperature figure 11. capacitance vs drain to source voltage figure 12. transconductance vs drain current f igure 13. source to drain diode voltage figure 14. gate to source voltage vs gate charge typical perfo rmance curves unless otherwise specified (continued) normalized drain to source 1.25 1.05 0.95 0.85 0.75 -40 0 40 t j , junction temperature ( o c) 120 1.15 80 i d = 250 a 160 breakdown voltage v ds , drain to source voltage (v) c, capacitance (pf) 1000 800 600 400 200 0 12 5102 5 100 c iss = c gs + c gd c rss = c gd c oss c ds + c gd v gs = 0v, f = 1mhz c rss c oss c iss 5 4 3 2 1 0 0369121 5 i d , drain current (a) g fs , transconductance (s) t j = 175 o c t j = 25 o c pulse duration = 80 s duty cycle = 0.5% max v ds 50v 0 0.4 0.8 1.2 1.6 2. 0 v sd , source to drain voltage (v) 100 10 1 0.1 i sd , source to drain current (a) t j = 175 o c t j = 25 o c pulse duration = 80 s duty cycle = 0.5% max 0369121 5 i d = 8.4a q g , gate charge (nc) v gs , gate to source (v) 20 16 12 8 4 0 v ds = 80v v ds = 50v v ds = 20v IRFR120, irfu120
?2002 fairchild semiconductor corporation IRFR120, irfu120 rev. b test circuits and waveforms figure 15. unclamped energy test circuit figure 16. unclamped energy waveforms figure 17. switching time test circuit figure 18. resistive switching waveforms figure 19. gate charge test circuit figure 20. gate charge waveforms t p v gs 0.01 ? l i as + - v ds v dd r g dut vary t p to obtain required peak i as 0v v dd v ds bv dss t p i as t av 0 v gs r l r g dut + - v dd t on t d(on) t r 90% 10% v ds 90% 10% t f t d(off) t off 90% 50% 50% 10% pulse width v gs 0 0 0.3 f 12v battery 50k ? v ds s dut d g i g(ref) 0 (isolated v ds 0.2 f current regulator i d current sampling i g current sampling supply) resistor resistor same type as dut q g(tot) q gd q gs v ds 0 v gs v dd i g(ref) 0 IRFR120, irfu120
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?


▲Up To Search▲   

 
Price & Availability of IRFR120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X