Part Number Hot Search : 
MGCT03 TC105333 FR107 30110 336X0 NV4V41SF 784216 SPC564
Product Description
Full Text Search
 

To Download HQ6025RH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  129 ?2010 littelfuse, inc revised: may 10, 2010 09:33 pm teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors hq6025xh5 series 25 amp high temperature alternistor triacs 25 a triacs hq6025xh5 series description 25amp bi-directional alternistor triac is designed for ac switching and phase control applications requiring a higher temperature environment. alternistor type devices only operate in quadrants i, ii, & and are used in circuits requiring high dv/dt capability. features & bene?ts t ?$nbyjnvnkvodujpo temperature t 3p)4dpnqmjbou t (mbttoqbttjwbufe junctions t 7pmubhfdbqbcjmjuzvq to 600 v t 4vshfdbqbcjmjuzvq to 300 a main features symbol value unit i t(rms) 25 a v drm /v rrm 600 v i gt 50 ma schematic symbol mt2 mt1 g agency approval agency agency file number ? l and k packages: e71639 applications typically used in high-temperature environments where available heat-sinking is minimal such as heating and white goods applications. internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. ?
130 revised: may 10, 2010 09:33 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 25 amp high temperature alternistor triacs hq6025xh5 series electrical characteristics (t j = 25c, unless otherwise speci?ed) symbol test conditions quadrant value unit i gt v d = 12v; r l = 60 8 i C ii C iii max. 50 ma v gt i C ii C iii max. 1.3 v v gd v d = v drm ; r l = 3.3 k 8 ; t j = 150c i C ii C iii min. 0.2 v i h i t = 400ma (initial) max. 80 ma dv/dt v d = v drm ; gate open; t j = 150c min. 350 v/s (dv/dt)c (di/dt)c = 13.3 a/ms; t j = 150c min. 20 v/s t gt i g = 2 x i gt ; pw = 15s; i t = 35.4 a typ. 3 s symbol test conditions value unit v tm i t = 35.4a; t p = 380 s max. 1.4 v i drm / i rrm v drm / v rrm t j = 25c max. 5 a t j = 150c 6000 static characteristics absolute maximum ratings symbol parameter test conditions value unit i t(rms) rms on-state current hq6025lh5 t c = 95c 25 a HQ6025RH5 hq6025nh5 hq6025kh5 t c = 102c i tsm peak non-repetitive surge current single half cycle; f = 50hz; t j (initial) = 25c 250 a single half cycle; f = 60hz; t j (initial) = 25c 300 i 2 ti 2 t value for fusing t p = 8.3ms 373 a 2 s di/dt critical rate-of-rise of on-state current f = 60hz; t j =150c 100 a/s i gtm peak gate current t j = 150c 2a p g(av) average gate power dissipation t j = 150c 0.5 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 150 c thermal resistances symbol parameter value unit r r (j-c) junction to case (ac) hq6025lh5 2.0 c/w HQ6025RH5 hq6025nh5 0.86 hq6025kh5 1.35 r r (j-a) junction to ambient hq6025lh5 50 c/w HQ6025RH5 45 note: xx = voltage
131 ?2010 littelfuse, inc revised: may 10, 2010 09:33 pm teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors hq6025xh5 series 25 amp high temperature alternistor triacs 25 a triacs figure 1: normalized dc gate trigger current vs. junction temperature figure 2: normalized dc gate trigger voltage vs. junction temperature 0.0 0. 5 1.0 1. 5 2.0 -40 -1 5 10 3 5 60 8 5 110 1 3 5 junction temperature (t j ) -- (c) ratio of v gt / v gt (t j = 2 5 c) 1 5 0 0.0 0. 5 1.0 1. 5 2.0 2. 5 -40 -1 5 10 3 5 60 8 5 110 1 3 5 1 5 0 junction temperature (t j ) -- (c) ratio of i gt / i gt (t j = 2 5 c) figure 3: normalized dc holding current vs. junction temperature figure 4: on-state current vs. on-state voltage (typical) 0.0 0. 5 1. 0 1. 5 2.0 -40 -1 5 10 3 5 60 8 5 110 1 3 5 junction temperature (t j ) -- (c) ratio of i h / i h (t j = 2 5 c) 1 5 0 0 10 20 30 40 5 0 60 70 80 90 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1. 5 1.6 1. 7 1.8 instantaneous on-state voltage (v t ) C volts instantaneous on-state current (i t ) C amps figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. rms on-state current 0 5 10 1 5 20 2 5 30 3 5 40 4 5 0 5 10 1 5 20 2 5 30 3 5 40 rms on-state current [i t(rms) ] -- amps average on-state power dissipation [p d(av) ] -- watts 80 90 100 110 120 130 140 1 5 0 160 0 5 10 1 5 20 2 5 rms on-state current [i t(rms) ] - amps maximum allowable case temperature (t c ) - c hq602 5 lh 5 hq602 5 rh 5 hq602 5 nh 5 hq602 5 kh 5 current waveform: sinusoidal load: resistive or inductive conduction angle: 360
132 revised: may 10, 2010 09:33 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 25 amp high temperature alternistor triacs hq6025xh5 series 0 20 40 60 80 100 120 140 160 0.0 0. 5 1. 0 1. 5 2.0 2. 5 3.0 rms on-state current [i t(rms) ] -- amps maximum allowable ambient temperature (t a ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 180 free air rating figure 7: maximum allowable case temperature vs. average on-state current 10 100 1000 1 10 100 1000 surge current duration -- full cycles peak surge (non-repetitive) on-state current (i tsm ) C amps figure 8: surge peak on-state current vs. number of cycles supply frequency: 60 hz sinusoidal load: resistive rms on-state current: [i t(rms) ]: maximum rated value at speci?ed case temperature notes: 1. gate control may be lost during and immediately following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value.
133 ?2010 littelfuse, inc revised: may 10, 2010 09:33 pm teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors hq6025xh5 series 25 amp high temperature alternistor triacs 25 a triacs soldering parameters re?ow condition pb C free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) 60 C 180 secs average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max re?ow - temperature (t l ) (liquidus) 217c - temperature (t l ) 60 C 150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20 C 40 seconds ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical speci?cations environmental speci?cations test speci?cations and conditions high temperature voltage blocking mil-std-750: method 1040, condition a rated v rrm , 150c, 1008 hours temperature cycling mil-std-750: method 1051 -40c to 150c, 15-minute dwell, 100 cycles biased temp & humidity eia/jedec: jesd22-a101 320vdc, 85c, 85%rh, 1008 hours high temp. storage mil-std-750: method 1031 150c, 1008 hours low-temp storage -40c, 1008 hours thermal shock mil-std-750: method 1056 0c to 100c, 5-minute dwell, 10-second transfer, 10 cycles autoclave (pressure cooker test) eia/jedec: jesd22-a102 121c, 100%rh, 2atm, 168 hours resistance to solder heat mil-std-750: method 2031 260c, 10 seconds solderability ansi/j-std-002, category 3, test a lead bend mil-std-750: method 2036, condition e terminal material copper alloy terminal finish 100% matte tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way toward extending the operating life of the thyristor. good design practice should limit the maximum continuous current through the main terminals to 75% of the device rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage. time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p reheat ramp-up ramp-up ramp-down r amp- do
134 revised: may 10, 2010 09:33 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 25 amp high temperature alternistor triacs hq6025xh5 series dimensions to-220ab (r-package) non-isolated mounting tab common with center lead dimensions to- 220ab (l package) isolated mounting tab k j a h g b f ? e c d l r mt2 o p n m .276 7. 0 1 . 5 26 13.36 .320 8.13 note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm.) t c measuring point area (ref.) 0.17 in 2 notch in gate lead to id. non-isolated tab mt1 mt2 gate k j a h g b f ? e c d l r o p n m .320 8.13 . 5 26 13.36 .276 7. 0 1 note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm.) t c measuring point area (ref.) 0.17 in 2 mt1 mt2 gate dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1.14 1.52 r 0.038 0.048 0.97 1.22 dimension inches millimeters min max min max a 0.380 0.420 9.65 10.67 b 0.105 0.115 2.67 2.92 c 0.230 0.250 5.84 6.35 d 0.590 0.620 14.99 15.75 e 0.142 0.147 3.61 3.73 f 0.110 0.130 2.79 3.30 g 0.540 0.575 13.72 14.61 h 0.025 0.035 0.64 0.89 j 0.195 0.205 4.95 5.21 k 0.095 0.105 2.41 2.67 l 0.060 0.075 1.52 1.91 m 0.085 0.095 2.16 2.41 n 0.018 0.024 0.46 0.61 o 0.178 0.188 4.52 4.78 p 0.045 0.060 1.14 1.52 r 0.038 0.048 0.97 1.22
135 ?2010 littelfuse, inc revised: may 10, 2010 09:33 pm teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. teccor ? brand thyristors hq6025xh5 series 25 amp high temperature alternistor triacs 25 a triacs dimensions to- 218ac (k package) isolated mounting tab c d h g f b a e u (diameter) m package mt2 / anode p gate j mt2 mt1 m n k l r q note: maximum torque to be applied to mounting tab is 8 in-lbs. (0.904 nm). w t c measurement point dimension inches millimeters min max min max a 0.810 0.835 20.57 21.21 b 0.610 0.630 15.49 16.00 c 0.178 0.188 4.52 4.78 d 0.055 0.070 1.40 1.78 e 0.487 0.497 12.37 12.62 f 0.635 0.655 16.13 16.64 g 0.022 0.029 0.56 0.74 h 0.075 0.095 1.91 2.41 j 0.575 0.625 14.61 15.88 k 0.211 0.219 5.36 5.56 l 0.422 0.437 10.72 11.10 m 0.058 0.068 1.47 1.73 n 0.045 0.055 1.14 1.40 p 0.095 0.115 2.41 2.92 q 0.008 0.016 0.20 0.41 r 0.008 0.016 0.20 0.41 u 0.159 0.163 4.04 4.14 w 0.085 0.095 2.17 2.42 product selector part number voltage gate sensitivity package 400v 600v 800v 1000v HQ6025RH5 x 50 ma to-220r hq6025nh5 x 50 ma to-263 hq6025lh5 x 50 ma to-220l hq6025kh5 x 50 ma to-218k dimensions to-263ab (n-package) d 2 -pak surface mount g b a w d f v s mt1 mt2 t c measuring poin t c e k h j u .320 8.13 .276 7 .01 .331 8.41 gate .460 1 1.68 .66 5 16.89 .260 6.60 .1 5 0 3.81 .080 2.03 .08 5 2.16 .0 55 1.40 .3 5 0 8.89 .276 7 .01 .276 7 .01 area: 0. 1 1 in 2 dimension inches millimeters min max min max a 0.360 0.370 9.14 9.40 b 0.380 0.420 9.65 10.67 c 0.178 0.188 4.52 4.78 d 0.025 0.035 0.64 0.89 e 0.045 0.060 1.14 1.52 f 0.060 0.075 1.52 1.91 g 0.095 0.105 2.41 2.67 h 0.092 0.102 2.34 2.59 j 0.018 0.024 0.46 0.61 k 0.090 0.110 2.29 2.79 s 0.590 0.625 14.99 15.88 v 0.035 0.045 0.89 1.14 u 0.002 0.010 0.05 0.25 w 0.040 0.070 1.02 1.78
136 revised: may 10, 2010 09:33 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 25 amp high temperature alternistor triacs hq6025xh5 series part numbering system part marking system hq 60 2 5 l h 5 81 lead form dimensions xx: lead form option sensitivity & type h 5 : 5 0ma package type l: to-220 ab (isolated) k: to-218 ac (isolated) r: to-220ab (non-isolated) n: to-263 (d 2 pak) voltage rating 60: 600v current rating 2 5 : 2 5 a device type hq: triac to-218ac (k package) hq602 5 kh 5 yxxxx yxxxx hq602 5 lh 5 to-220ab (r and l packages) to-263 (n package) gate mt1 mt2 0. 5 12 (13.0) arbor hole dia. 0.94 5 (24.0) 0.63 (16.0) 1. 01 (2 5 .7) 12.99 (330.0) 0.827 (21.0) 0.1 5 7 (4.0) direction of feed dimensions are in inches (and millimeters). * * co ver tape 0.0 5 9 di a (1. 5 ) to-263 embossed carrier reel pack (rp) speci?cations meets all eia-481-2 standards packing options part number marking weight packing mode base quantity HQ6025RH5 HQ6025RH5 2.2g bulk 500 HQ6025RH5tp HQ6025RH5 2.2g tube 500 (50 per tube) hq6025nh5tp hq6025nh5 1.6g tube 500 (50 per tube) hq6025nh5rp hq6025nh5 1.6g embossed carrier 500 hq6025lh5tp hq6025lh5 2.2g tube 500 (50 per tube) hq6025kh5tp hq6025kh5 4.4g tube 250 (25 per tube)


▲Up To Search▲   

 
Price & Availability of HQ6025RH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X