Part Number Hot Search : 
MLL5921D PST8425 PSA4132 1MD03012 60R099 IRF7607 LA1135 BA685
Product Description
Full Text Search
 

To Download FRA1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 402 - .412(10.5) max .185(4.70) .175(4.44) .055(1.40) .045(1.14) .27(6.86) .23(5.84) .11(2.79) .10(2.54) .025(0.64) .014(0.35) .154(3.91) .148(3.74) dia pin1 2 .113(2.87) .103(2.62) .16(4.06) .14(3.56) .037(0.94) .027(0.68) .205(5.20) .195(4.95) .594(15.1) .587(14.9) .56(14.22) .53(13.46) pin 1 pin 2 case positive case FRA1001G thru fra1007g 10 amps. glass passivated fast recovery rectifiers voltage range 50 to 1000 volts current 10 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: ito-220ac molded plastic epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std-202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 /10 seconds .16?,(4.06mm) from case. mounting position: any weight: 2.24 grams to-220a dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fra 1001g fra 1002g fra 1003g fra 1004g fra 1005g fra 1006g fra 1007g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 100 i (av) 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @ 10a v f 1.3 v maximum dc reverse current @ t c =25 at rated dc blocking voltage @ t c =125 i r 5.0 100 ua ua maximum reverse recovery time ( note 2 ) trr 150 250 500 ns typical junction capacitance ( note 1 ) t j =25 cj 100 pf typical thermal resistance (note 3) r jc 3.0 / w operating and storage temperature range t j ,t stg -65 to +150 notes: 1. measured at 1 mhz and applied reverse voltage of 4..0 volts d.c. 2. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 3. thermal resistance from junction to case, mount on heatsink size 2" x 3" x 0.25" al-plate
- 403 - ratings and characteristic curves (FRA1001G thru fra1007g) fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2 4 6 8 10 case temperature. ( c) o fig.3- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 25 100 125 150 75 50 number of cycles at 60hz tc=125 c 0 8.3ms single half sine wave jedec method fig.5- typical instantaneous forward characteristics instantaneous for ward current . (a) .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 0.2 0.4 1 2 4 10 100 20 40 200 400 instantaneous forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.6- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 .1 .2 .4 1.0 2 4 10 40 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 tj=75 c 0 fig.4- typical junction capacitance capacitance.(pf) 0.1 0.5 1.0 5 10 50 100 500 1000 50 100 150 200 250 300 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0


▲Up To Search▲   

 
Price & Availability of FRA1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X