Part Number Hot Search : 
AP65503 68701 P6KE36 F1620C PSB2134 SK1045 C1125 68701
Product Description
Full Text Search
 

To Download B82476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  141 04/00 rated inductance 10 to 1000 m h rated current 300 to 3800 ma construction n ferrite core n winding: enamel copper wire n plastic terminal carrier n winding soldered to terminals features n very high rated current n low dc resistance n suitable for reflow soldering (ir and vapor phase) applications n filtering of supply voltages n coupling / decoupling n dc/dc converters n automotive electronics terminals n tinned sn/pb marking color coding based on iec 60062 delivery mode 24-mm blister tape, reel packing for details on taping, packing and packing units see page 155 B82476 smt power inductors
142 04/00 B82476 smt power inductors dimensional drawing layout recommendation marking 1 = 1st digit of inductance value 2 = 2nd digit of inductance value 3 = multiplier, i. e. multiplies the first two digits by the power of ten (standard unit m h) example: color code 1st dot = 1st digit 2nd dot = 2nd digit 3rd dot = multiplier gold 10 -1 = 0,1 black 0 10 0 = 1 brown 1 1 10 1 = 10 red 2 2 10 2 = 100 orange 3 3 10 3 = 1000 yellow 4 4 green 5 5 blue 6 6 violet 7 grey 8 1st dot 2nd dot 3rd dot coding blue grey brown 68 10 = 68 10 m h = 680 m h ssb1471-y 12,95 max. 9,4 max. 1 2 3 5,08 max. 2,54 2,54 7,62 ssb1504-e 2,92 2,79 7,37
143 04/00 B82476 smt power inductors general technical data characteristics and ordering codes rated inductance l r measured with hp 4194a at 100 khz, measuring current 1ma rated current i r maximum permissible dc with inductance decrease d l / l 0 ? 10 % and temperature increase of 40 k at rated temperature of 85 c dc resistance r max measured at 20 c ambient temperature climatic category in accordance with iec 60068-1 40/085/56 (C 40 c/+ 85 c/56 days damp heat test) solderability 5 s, 235 ?c, wetting >90 % weight approx. 2 g l r m h toler- ance i r ma r max w ordering code 10 20 % m 3800 0,025 B82476-a1103-m 15 3000 0,040 B82476-a1153-m 22 2600 0,050 B82476-a1223-m 33 2000 0,088 B82476-a1333-m 47 1600 0,12 B82476-a1473-m 68 1400 0,16 B82476-a1683-m 100 1200 0,23 B82476-a1104-m 150 1000 0,33 B82476-a1154-m 220 800 0,53 B82476-a1224-m 330 600 0,81 B82476-a1334-m 470 500 1,10 B82476-a1474-m 680 400 1,60 B82476-a1684-m 1000 300 2,15 B82476-a1105-m ^


▲Up To Search▲   

 
Price & Availability of B82476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X