Part Number Hot Search : 
T1630 903ZX FP6656 25LC640 5R190 AK7746 1N581 P4435
Product Description
Full Text Search
 

To Download AVCQO081 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.8 a vcqo 08 oscillator tht , volt age-controlled specifications series rem arks norminal frequency range please specify frequency stability please specify absolute pull range please specify operat ing temp. range please specify control v oltage range center f requency linearity input impedance mi n m odulation bandw idth supply volta ge please specify ma x storage t emperature range ma x ma x mi n ma x supply current >10 khz +3.3 v or + 5.0 v, 5% 50ma avcqo 14 specifications rise & fa ll t ime 10ns output w avef orm cmos , ttl 1.00m hz ~ 160.00 m hz 25ppm ~ 100ppm 50ppm min ~ 100ppm min -40c ~ +85c 0c ~ + 70c ~ - 40c ~ + 85c 1.65v 0.05v or 2. 5v 0. 05v 10% 10k ohm 1.65v 1.65v or 2. 5v 2. 0v sy mmetr y 50% 10% output voltage v oh 2.4vdd or 0. 9vdd v ol 0.4vdd or 0. 1vdd output curr ent 8m a phase noise 10hz -75dbc/ hz (1.0mhz~40.0mhz ) -50dbc/ hz (40.0mhz~160.0mhz ) 10khz -145dbc/ hz (1.0mhz~40.0mhz ) -90dbc/ hz (40.0mhz~160.0mhz ) start- up t ime 10ms ma x features: - w ide frequency range - pulling range 100 ppm - clipping sine w ave - standar d dil 8 package draw ing avcqo 08 dim ensi ons i n m m pi n connect i on 1 vc 4 gn d 5 out 8 vdc or der key o - 40.000000m - a vc qo 08 - 50 - 5.0 - a - t par t frequenc y ty pe/ package tolerance voltage temperatur e option o=osc illat or m=mh z av cqo=vol tage c ontroll ed qo ppm 5.0=5. 0vol t a= 0c ~ +70 c x =spec ial opt ions 08=dil 8 3.3=3. 3vol t b= -10 c ~ +60c c= -10c ~ +70 c d= -20c ~ +70 c e= -40 c ~ +85c a uris - gmb h office@au ris - gm bh.de ww w. au r i s - gm bh.de a l l spec if ica t io n s a re s ub je ct to ch ang e w it ho u t no tic e.


▲Up To Search▲   

 
Price & Availability of AVCQO081

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X