Part Number Hot Search : 
T1206 MAX238 00159 S24022SA 44025 IDT7202 44025 SF5401
Product Description
Full Text Search
 

To Download AT76C506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 note: this is a summary datasheet. a complete document is available under nda. for more information, please contact your local atmel sales office. features ? ieee 802.11b mac and baseband for supporting standard rates up to 11 mbps  wireless interface following the ieee 802.11b standard  wireless lan mac unit with arm7tdmi ? risc processor  integrated 128-byte transmit and 128-byte receive fifos for wireless mac layer functions  pci bus interface compliant with pci v2.2 and pci power management specification v1.1  glueless sram interface for all mac operations, supporting up to 1m byte of external memory  integrated 6k x 32-bit internal sram, used for fast program code execution and temporary storage of data  glueless flash memory interface, supporting up to 1m byte of nonvolatile memory for permanent storage of program code  wired equivalency privacy (wep) in hardware supporting 64-bit and 128-bit encryption  the integrated mac support unit (msu) supports timing critical mac functions  the wlan and inter-networking functions can be changed and updated easily to new requirements since they are implemented in microcode  supports 11 mbps rates with automatic fallback to 5.5, 2 and 1 mbps  160-pin cabga package  low-voltage 3.3v operation  spi interface and 2 gpio pins  AT76C506 offers the option to download the whole code from spi dataflash ? or an option to eliminate flash by the program from the mass storage device  integrated 802.11 baseband processor  baseband supports antenna diversity algorithm  baseband supports japan filter  baseband supports differential or single-ended i- and q-baseband signals block diagram timers external memory boot rom interface internal memory (sram) common memory interface controller arm7tdmi decoder/ arbiter/ bridge interrupt controller spi interface wep 802.11b baseband mac support unit (msu) pci 802.11b media access controller (mac) and baseband with pci interface AT76C506 summary rev. 2352cs?wlan?01/03
2 AT76C506 2352cs?wlan?01/03 description the AT76C506 is a single-chip baseband controller that can handle ieee 802.11b stan- dard compliant data rates of up to 11 mbps and provides all processing and functionality needed for the mac protocol of ieee 802.11b. the AT76C506 is a slave pci device that allows host access to any memory location of the device including the on-chip reg- isters. power management support conforming to pci power management specification v1.1 is also provided so that the device can be used for mini pci applications. besides the pci interface unit, the AT76C506 contains a wep engine block, a mac support unit (msu), a 802.11b baseband controller, a memory controller and the arm ? subsystem consisting of an interrupt controller, two 32-bit timers and an address decoder unit. the arm7tdmi core supports two alternative instruction sets. powerful 32-bit code can be executed by the processor in arm operating mode. however, a 16-bit instruction subset is also available in thumb ? mode. thumb mode can be selected to exploit full processor power with limited external memory resources. note that arm7tdmi operat- ing mode can be changed at run time with negligible overhead.
printed on recycled paper. at m e l ? is the registered trademark of atmel. arm7tdmi ? ,arm ? , and thumb ? are the registered trademarks of arm, ltd. other terms and product names may be the trademarks of others. ? atmel corporation 2003. atmel corporation makes no warranty for the use of its products, other than those expressly contained in the company?s standard warranty which is detailed in atmel?s terms and conditions located on the company?s web site. the company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. no licenses to patents or other intellectual property of atmel are granted by the company in connection with the sale of atmel products, expressly or by implication. atmel?s products are not authorized for use as critical components in life support devices or systems. atmel headquarters atmel operations corporate headquarters 2325 orchard parkway san jose, ca 95131 usa tel 1(408) 441-0311 fax 1(408) 487-2600 europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel (41) 26-426-5555 fax (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel (852) 2721-9778 fax (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel (81) 3-3523-3551 fax (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131 tel 1(408) 441-0311 fax 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel (33) 2-40-18-18-18 fax (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel (33) 4-42-53-60-00 fax (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel (44) 1355-803-000 fax (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel (49) 71-31-67-0 fax (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906 tel 1(719) 576-3300 fax 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel (33) 4-76-58-30-00 fax (33) 4-76-58-34-80 e-mail literature@atmel.com web site http://www.atmel.com 2352cs?wlan?01/03 xm


▲Up To Search▲   

 
Price & Availability of AT76C506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X