Part Number Hot Search : 
B200N4F3 SCA1000 CGY93 MOC70T3 AD805107 EPM240F 54HC4060 EV004
Product Description
Full Text Search
 

To Download APTM100UM65DAG08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 1 ? 6 d s g sk absolute maximum ratings these devices are sens itive to electrostatic discharge. prope r handling procedures should be followe d. see application note apt0502 on www.microsemi.com symbol parameter max ratings unit v dss drain - source breakdo wn voltage 1000 v t c = 25c 145 i d continuous drain current t c = 80c 110 i dm pulsed drain current 580 a v gs gate - source voltage 30 v r dson drain - source on resistance 78 m p d maximum power dissipation t c = 25c 3250 w i ar avalanche current (repetitive and non repetitive) 30 a e ar repetitive avalanche energy 50 e as single pulse avalanche energy 3200 mj v dss = 1000v r dson = 65m ? typ @ tj = 25c i d = 145a @ tc = 25c application ? zero current switching resonant mode features ? power mos 7 ? mosfets - low r dson - low input and miller capacitance - low gate charge - avalanche energy rated - very rugged ? kelvin source for easy drive ? very low stray inductance - symmetrical design - m5 power connectors ? high level of integration ? aln substrate for improved thermal performance benefits ? outstanding performance at high frequency operation ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? low profile ? rohs compliant single switch with series diode m osfet power module
aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 2 ? 6 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit v gs = 0v,v ds = 1000v t j = 25c 400 a i dss zero gate voltage drain current v gs = 0v,v ds = 800v t j = 125c 2 ma r ds(on) drain ? source on resistance v gs = 10v, i d = 72.5a 65 78 m v gs(th) gate threshold voltage v gs = v ds , i d = 20ma 3 5 v i gss gate ? source leakage current v gs = 30 v, v ds = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c iss input capacitance 28.5 c oss output capacitance 5.08 c rss reverse transfer capacitance v gs = 0v v ds = 25v f = 1mhz 0.9 nf q g total gate charge 1068 q gs gate ? source charge 136 q gd gate ? drain charge v gs = 10v v bus = 500v i d = 145a 692 nc t d(on) turn-on delay time 18 t r rise time 14 t d(off) turn-off delay time 140 t f fall time v gs = 15v v bus = 500v i d = 145a r g = 0.75 55 ns e on turn-on switching energy 4.8 e off turn-off switching energy inductive switching @ 25c v gs = 15v, v bus = 670v i d = 145a, r g = 0.75 ? 2.9 mj e on turn-on switching energy 8 e off turn-off switching energy inductive switching @ 125c v gs = 15v, v bus = 670v i d = 145a, r g = 0.75 ? 3.9 mj series diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1000 v t j = 25c 750 i rm maximum reverse leakage current v r =1000v t j = 125c 1000 a i f dc forward current tc = 80c 240 a i f = 240a 2 2.5 i f = 480a 2.2 v f diode forward voltage i f = 240a t j = 125c 1.7 v t j = 25c 280 t rr reverse recovery time t j = 125c 350 ns t j = 25c 3.04 q rr reverse recovery charge i f = 240a v r = 667v di/dt = 800a/s t j = 125c 14.4 c
aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 3 ? 6 thermal and package characteristics symbol characteristic min typ max unit transistor 0.038 r thjc junction to case thermal resistance series diode 0.23 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 100 c to heatsink m6 3 5 torque mounting torque for teminals m5 2 3.5 n.m wt package weight 280 g sp6 package outline (dimensions in mm) see application note apt0601 - mounting instructi ons for sp6 power modules on www.microsemi.com
aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 4 ? 6 typical performance curve 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.005 0.01 0.015 0.02 0.025 0.03 0.035 0.04 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) maximum effective transient thermal impeda nce, junction to case vs pulse duration 5v 5.5v 6v 6.5v 7v 0 40 80 120 160 200 240 280 320 360 0 5 10 15 20 25 30 v ds , drain to source voltage (v) i d , drain current (a) v gs =15, 10v low voltage output characteristics transfert characteristics t j =-55c t j =25c t j =125c 0 80 160 240 320 400 480 012345678 v gs , gate to source voltage (v) i d , drain current (a) v ds > i d (on)xr ds (on)max 250s pulse test @ < 0.5 duty cycle r ds(on) vs drain current v gs =10v v gs =20v 0.8 0.9 1 1.1 1.2 1.3 1.4 0 80 160 240 320 i d , drain current (a) r ds (on) drain to source on resistance normalized to v gs =10v @ 72.5a 0 40 80 120 160 25 50 75 100 125 150 t c , case temperature (c) i d , dc drain current (a) dc drain current vs case temperature
aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 5 ? 6 0.85 0.90 0.95 1.00 1.05 1.10 1.15 -50 -25 0 25 50 75 100 125 150 t j , junction temperature (c) bv dss , drain to source breakdown voltage (normalized) breakdown voltage vs temperature on resistance vs temperature 0.0 0.5 1.0 1.5 2.0 2.5 -50 -25 0 25 50 75 100 125 150 t j , junction temperature (c) r ds (on), drain to source on resistance (normalized) v gs =10v i d =72.5a threshold voltage vs temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 -50 -25 0 25 50 75 100 125 150 t c , case temperature (c) v gs (th), threshold voltage (normalized) maximum safe operating area 10ms 1ms 100s 1 10 100 1000 1 10 100 1000 v ds , drain to source voltage (v) i d , drain current (a) limited by r ds on single pulse t j =150c t c =25c ciss crss coss 100 1000 10000 100000 0 1020304050 v ds , drain to source voltage (v) c, capacitance (pf) capacitance vs drain to source voltage v ds =200v v ds =500v v ds =800v 0 2 4 6 8 10 12 14 0 300 600 900 1200 1500 gate charge (nc) v gs , gate to source voltage (v) gate charge vs gate to source voltage i d =145a t j =25c
aptm100um65dag aptm100um65dag ? rev 2 june, 2008 www.microsemi.com 6 ? 6 delay times vs current t d(on) t d(off) 0 40 80 120 160 50 94 138 182 226 270 i d , drain current (a) t d(on) and t d(off) (ns) v ds =670v r g =0.75 ? t j =125c l=100h rise and fall times vs current t r t f 0 20 40 60 80 100 50 94 138 182 226 270 i d , drain current (a) t r and t f (ns) v ds =670v r g =0.75 ? t j =125c l=100h switching energy vs current e on e off 0 2 4 6 8 10 12 14 16 50 94 138 182 226 270 i d , drain current (a) switching energy (mj) v ds =670v r g =0.75 ? t j =125c l=100h e on e off e off 2 6 10 14 18 22 26 012345678 gate resistance (ohms) switching energy (mj) switching energy vs gate resistance v ds =670v i d =145a t j =125c l=100h hard switching zcs 0 50 100 150 200 250 300 15 35 55 75 95 115 135 i d , drain current (a) frequency (khz) operating frequency vs drain current v ds =670v d=50% r g =0.75 ? t j =125c t c =75c t j =25c t j =150c 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 v sd , source to drain voltage (v) i dr , reverse drain current (a) source to drain diode forward voltage microsemi reserves the right to change, without notice , the specifications and information contained herein microsemi's products are covered by one or more of u.s pate nts 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTM100UM65DAG08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X