Part Number Hot Search : 
IT8206R 83251 G261P1 LPC764 MV1652 20211 L40CW CG5649
Product Description
Full Text Search
 

To Download APT10045B2FLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditions drain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) zero gate voltage drain current (v ds = v dss , v gs = 0v) zero gate voltage drain current (v ds = 0.8 v dss , v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 2.5ma) 050-7039 rev a 6-2001 maximum ratings all ratings: t c = 25c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameter drain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuous gate-source voltage transient total power dissipation @ t c = 25c linear derating factor operating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms a na volts min typ max 1000 23 0.450 250 1000 100 35 apt10045 1000 23 92 30 40 570 4.56 -55 to 150 300 23 50 2500 caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com usa 405 s.w. columbia street bend, oregon 97702-1035 phone: (541) 382-8028 fax: (541) 388-0364 europe chemin de magret f-33700 merignac - france phone: (33) 5 57 92 15 15 fax: (33) 5 56 47 97 61 t-max g d s to-264 b2fll lfll APT10045B2FLL apt10045lfll 1000v 23a 0.450 w power mos 7 tm is a new generation of low loss, high voltage, n-channel enhancement mode power mosfets. both conduction and switching losses are addressed with power mos 7 tm by significantly lowering r ds(on) and q g . power mos 7 tm combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with apt's patented metal gate structure. power mos 7 tm ? lower input capacitance ? increased power dissipation ? lower miller capacitance ? easier to drive ? lower gate charge, qg ? popular t-max? or to-264 package ? fredfet fast recovery body diode
050-7039 rev a 6-2001 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain source gate these dimensions are equal to the to-247 without the mounting hole. drain 2-plcs. 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122) 3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bsc 2-plcs. dimensions in millimeters and (inches) t-max tm (b2) package outline to-264 (l) package outline apt's devices are covered by one or more of the following u.s.patents: 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 dynamic characteristics apt10045 b2fll - lfll 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 9.45mh, r g = 25 w , peak i l = 23a 2 pulse test: pulse width < 380 s, duty cycle < 2% apt reserves the right to change, without notice, the specifications and information contained herein. source-drain diode ratings and characteristics characteristic / test conditions continuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -i d [cont.]) peak diode recovery dv / dt 5 reverse recovery time (i s = -i d [cont.], di / dt = 100a/s) reverse recovery charge (i s = -i d [cont.], di / dt = 100a/s) peak recovery current (i s = -i d [cont.], di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps symbol c iss c oss c rss q g q gs q gd t d (on) t r t d (off) t f characteristic input capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 0.5 v dss i d = i d [cont.] @ 25c v gs = 15v v dd = 0.5 v dss i d = i d [cont.] @ 25c r g = 0.6 w min typ max 4335 720 129 159 19 101 10 7 32 8 unit pf nc ns min typ max 23 92 1.3 5 t j = 25c 340 t j = 125c 640 t j = 25c 1.6 t j = 125c 4.16 t j = 25c 11.5 t j = 125c 16.4 thermal characteristics symbol r q jc r q ja min typ max 0.22 40 unit c/w characteristic junction to case junction to ambient


▲Up To Search▲   

 
Price & Availability of APT10045B2FLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X