Part Number Hot Search : 
1N1206C TC74VCX TC74VCX 1N1206C MC1747L MIC7201 PSD05 21002
Product Description
Full Text Search
 

To Download 692622030100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 3 4 5 a b c d size a4 rev date file by b 26-apr-11 packaging gg c d e f g approval: rj unit: mm scale: projection: general tolerance .x = + / - 0.2 .xx = + / - 0.15 rohs compliant a pcb layout - component view weri part no: 692 622 030 100 description: micro usb 3.0 vertical smt type b 04-aug-10 pdf jp draw: joe sheet: 1/2 technical characteristics material insulator: lcp flamability rating: ul94-v0 color: black contact material: phosphore bronze contact type: stamped contact plating: underplate 1.27 to 2.54 m ni contact area 0.38 to 0.76 m gold solder tail area 2.54 to 5.08 m matt tin shielding: steel matt tin plated environmental operating temperature: -20 up to +85c compliance: rohs & lead free as per directive 2002/95/ec halogen free compliant as per iec 61249-2-21 electrical current rating: - pin 1 & pin 4 (vbus & corresponding ground pin) 1.8a max - other pins 0.25 a min working voltage: 30vac dielectric withstanding voltage: 100vac/min insulation resistance: > 100 m? contact resistance: - pin 1 & pin 4: 30m? max - other pins: 50m? max impedance: 90? +/- 15? @ 50ps rise time (20~80%) mechanical insertion force: 35.0n max extraction force: 10.0n min quality class: 5000 mating cycles soldering wave & reflow process as per jedec j-std-020d packaging tape & reel


▲Up To Search▲   

 
Price & Availability of 692622030100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X