Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download 5025851070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 5025851070 status: active description: 1.50mm (.059") pitch clik-mate? wire-to-board pcb receptacle, single row, right angle, 10 circuits documents: 3d model product specification ps-502584-001 (pdf) application specification (pdf) rohs certificate of compliance (pdf) drawing (pdf) general product family pcb receptacles series 502585 application wire-to-board product name clik-mate? physical circuits (loaded) 10 color - resin beige durability (mating cycles max) 30 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes mated height (in) 0.252 in mated height (mm) 6.40 mm material - metal copper alloy material - plating mating tin number of rows 1 orientation right angle pcb locator no pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.059 in pitch - mating interface (mm) 1.50 mm polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 2a voltage - maximum 100v material info reference - drawing numbers application specification as-502578-001, as-502578-002 packaging specification spk-502585-001 product specification ps-502584-001, rps-502584-002, rps-502584-003, rps-502584-004, rps-502584-005, rps-502584-006 sales drawing sd-502585-001, sd-502585-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 502585 series mates with 502578 crimp housing . 502579 crimp terminal this document was generated on 05/18/2010
please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 5025851070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X