Part Number Hot Search : 
2N5100 M67715 17805 100N6 SM8311 50150 46V32M16 OPI8013
Product Description
Full Text Search
 

To Download 2SC5562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5562 2004-07-26 1 toshiba transistor silicon npn triple diffused type 2SC5562 switching regulator and high-voltage switching applications dc-dc converter applications ? excellent switching times: t r = 0.7 s (max) t f = 0.5 s (max), (i c = 0.3 a) ? high breakdown voltage: v ceo = 800 v ? high-speed dc-dc converter applications maximum ratings (ta = 25c) characteristics symbol rating unit collector-base voltage v cbo 900 v collector-emitter voltage v ceo 800 v emitter-base voltage v ebo 7 v dc i c 0.8 collector current pulse i cp 1.5 a base current i b 0.4 a collector power dissipation p c 1.3 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb = 720 v, i e = 0 D D 100 a emitter cut-off current i ebo v eb = 7 v, i c = 0 D D 1 ma collector-base breakdown voltage v (br) cbo i c = 1 ma, i e = 0 900 D D v collector-emitter breakdown voltage v (br) ceo i c = 10 ma, i b = 0 800 D D v h fe(1) v ce = 5 v, i c = 1 ma 10 D D dc current gain h fe(2) v ce = 5 v, i c = 0.08 a 15 D 60 D collector-emitter saturation voltage v ce (sat) i c = 0.3 a, i b = 0.06 a D D 1.0 v base-emitter saturation voltage v be (sat) i c = 0.3 a, i b = 0.06 a D D 1.2 v rise time t r D D 0.7 storage time t stg D D 4.5 switching time fall time t f i b1 = 0.06 a, i b2 = ? 0.12 a, duty cycle 1% D D 0.5 s unit: mm jedec D jeita D toshiba 2-8m1a weight: 0.55 g (typ.) i b1 20 s v cc 360 v i b2 output 1.2 k ? i b2 i b1 input
2SC5562 2004-07-26 2 marking c5562 lot no. a line indicates lead (pb)-free package or lead (pb)-free finish. part no. (or abbreviation code)
2SC5562 2004-07-26 3 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to improve the quality an d reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfuncti on or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? toshiba products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 030619eaa restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC5562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X