this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850033249 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 c style male header, right angle, through hole, 0.60m (24") selective gold (au) plating, 16 circuits, with mounting clips, no flux proof documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85003-0001 (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85003 application backplane comments with mounting clips. no flux proof component type pcb header overview din_41612 product name iec 603-2/din 41612 style c physical circuits (loaded) 16 circuits (maximum) 96 circuits detail standard contacts at: a:a1,a5,a9,a11,a13,a17,a21,a25,a29; c:c3,c7,c11,c15,c19,c23,c27,c31 color - resin gray durability (mating cycles max) 400 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of columns 16 number of pairs open pin field number of rows 3 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm eu rohs china rohs compliance status not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85003 series
plating min: mating (in) 24 plating min: mating (m) 0.60 plating min: termination (in) 98 plating min: termination (m) 2.5 polarized to pcb yes stackable no surface mount compatible (smc) no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 2.5a data rate 622.0 mbps voltage - maximum 250v ac (rms) material info reference - drawing numbers product specification ps-85003-0001 sales drawing sd-85003-3249 this document was generated on 05/17/2010 please check www.molex.com for latest part information
|