Part Number Hot Search : 
MT6L61AE 05SH3 SLE66 CD2315 M74HC574 XFTPR 05410 LLM317
Product Description
Full Text Search
 

To Download 0702474051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0702474051 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? header, dual row, low profile, right angle, shrouded, 40 circuits, 0.38m (15") gold (au) selective plating, tin (sn) pc tail plating documents: 3d model product specification ps-70246-100 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-70246 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70247 application wire-to-board overview cgrid__sl_products product name c-grid? physical breakaway no circuits (loaded) 40 circuits (maximum) 40 color - resin black durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 orientation right angle pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15.2 plating min: mating (m) 0.38 plating min: termination (in) 75.2 plating min: termination (m) 1.88 polarized to mating part center slot shrouded fully stackable no temperature range - operating -55c to +120c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70247 series mates with 70450 sl? crimp housing, 70058 sl? crimp terminal
termination interface: style through hole electrical current - maximum per contact 2.5a voltage - maximum 250v dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 265 material info reference - drawing numbers packaging specification pk-87835-001 product specification ps-70246, ps-70246-100 sales drawing sda-70247-**00-04 this document was generated on 05/24/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0702474051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X