Part Number Hot Search : 
DTA124T DTA124T MAX17 EE08526 15KP36CA DTA123J MAX17 OC18T5S
Product Description
Full Text Search
 

To Download 03-09-1033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0003091033 status: active overview: standard_093 description: 2.36mm (.093") diameter standard .093 pin and socket receptacle housing, 3 circuits, single row, free-hanging, without passive lock ramps documents: 3d model product specification ps-02-09 (pdf) packaging specification (pdf) product specification ps-43660-9999 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 1396 comments 17.0a max. can be achieved when housing is used with 42477 or 42478 terminals overview standard_093 product name standard .093" physical circuits (maximum) 3 color - resin natural flammability 94v-2 gender dual glow-wire compliant no lock to mating part none material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.198 in pitch - mating interface (mm) 5.03 mm stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 14a material info old part number 1396-r2 reference - drawing numbers packaging specification pk-1396-001 product specification ps-02-09, ps-43660-9999 sales drawing sd-1396-*, sd-1396-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 1396 series mates with 3099 shrouded pcb connector, 1396p use with 1189 crimp terminals, 1190 crimp terminals, 1376 male pc tail terminals, 1377 female pc tail terminals, 1380 male crimp terminals, 1381 female crimp terminals, 1433 crimp terminals, 1434 male crimp terminals, 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , 4550 , 6271 , 6310 , 42477 , 42478 this document was generated on 05/17/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 03-09-1033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X