Part Number Hot Search : 
DAC08CN G0838 1001S 160250 DNA100 3502M MMAD1103 MC30A
Product Description
Full Text Search
 

To Download XX1005-BD-EV1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mimix broadband?s two stage 8.0-12.0/16.0-24.0 ghz gaas mmic doubler has a +16.0 dbm output drive and is an excellent lo doubler that can be used to drive fundamental mixer devices. it is also well suited to drive mimix's xr1002 receiver device. this mmic uses mimix broadband?s 0.15 m gaas phemt device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. the chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. this device is well suited for millimeter-wave point-to-point radio, lmds, satcom and vsat applications. 8.0-12.0/16.0-24.0 ghz gaas mmic active doubler excellent mixer driver 2-stage active design can be used to drive xr1002 receiver +16 dbm output drive 100% on-wafer rf, dc and output power testing 100% visual inspection to mil-std-883 method 2010 features general description electrical characteristics (ambient temperature t = 25 o c) parameter input frequency range (fin) output frequency range (fout) input return loss (s11) output return loss (s22) fundamental level at the output rf input power (rf pin) output power at +12.0 dbm pin (pout) drain bias voltage (vd1,2) gate bias voltage (vg1) gate bias voltage (vg2) supply current (id1,2) (vd=3.5v, vg1=-0.9v, vg2=-0.3v typical) units ghz ghz db db dbc dbm dbm vdc vdc vdc ma min. 8.0 16.0 - - - - - - -1.2 -1.2 - typ. - - tbd tbd -25.0 +12.0 +16.0 +3.5 -0.9 -0.3 135 max. 12.0 24.0 - - - - - +5.5 +0.1 +0.1 165 absolute maximum ratings supply voltage (vd) supply current (id) gate bias voltage (vg) input power (rf pin) storage temperature (tstg) operating temperature (ta) channel temperature (tch) +6.0 vdc 195 ma +0.3 vdc tbd -65 to +165 o c -55 to mttf table mttf table chip device layout page 1 of 6 1 (1) channel temperature affects a device's mtbf. it is recommended to keep channel temperature as low as possible for maximum life. 1 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd xx1005-bd
8.0-12.0/16.0-24.0 ghz gaas mmic active doubler doubler measurements page 2 of 6 xx1005-bd: pout (dbm) vs. fin (ghz) pin = 12dbm, vd1 = vd2 = 3.5v, vg1 = -0.9v, vg2 = -0.6 to 0.1v -20 -15 -10 -5 0 5 10 15 20 5 6 7 8 9 101112131415 fin (ghz) pout (dbm) , lo power (dbm)=12, vg2 (v)=-0.6 , lo power (dbm)=12, vg2 (v)=-0.5 , lo power (dbm)=12, vg2 (v)=-0.4 , lo power (dbm)=12, vg2 (v)=-0.3 , lo power (dbm)=12, vg2 (v)=-0.2 , lo power (dbm)=12, vg2 (v)=-0.1 , lo power (dbm)=12, vg2 (v)=0 , lo power (dbm)=12, vg2 (v)=0.1 , lo power (dbm)=12, vg2 (v)=-0.6 , lo power (dbm)=12, vg2 (v)=-0.5 , lo power (dbm)=12, vg2 (v)=-0.4 , lo power (dbm)=12, vg2 (v)=-0.3 , lo power (dbm)=12, vg2 (v)=-0.2 , lo power (dbm)=12, vg2 (v)=-0.1 , lo power (dbm)=12, vg2 (v)=0 , lo power (dbm)=12, vg2 (v)=0.1 xx1005-bd_r11c11: pout (dbm) vs. input frequency (ghz) pin = 12dbm, vd1 = vd2 = 3.5v, vg1 = -0.9v, vg2 = -0.3v -20 -16 -12 -8 -4 0 4 8 12 16 20 8 9 10 11 12 13 input frequency (ghz) output power (dbm) pout (2xfin) pout (fin) mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd
rf in rf out 1 2 4 6 5 3 vg1 vg2 vd2 vd1 0.890 (0.035) 1 2 4 6 0.503 (0.020) 0.884 (0.035) 5 1.085 (0.043) 3 0.683 (0.027) 0.356 (0.014) 1.620 (0.064) 0.0 0.0 0.356 (0.014) 8.0-12.0/16.0-24.0 ghz gaas mmic active doubler mechanical drawing page 3 of 6 bias arrangement bypass capacitors - see app note [2] (note: engineering designator is 20dbl0451) units: millimeters (inches) bond pad dimensions are shown to center of bond pad. thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), backside is ground, bond pad/backside metallization: gold all dc bond pads are 0.100 x 0.100 (0.004 x 0.004). all rf bond pads are 0.100 x 0.200 (0.004 x 0.008) bond pad centers are approximately 0.109 (0.004) from the edge of the chip. dicing tolerance: +/- 0.005 (+/- 0.0002). approximate weight: 0.891 mg. bond pad #1 (rf in) bond pad #2 (vg1) bond pad #3 (vg2) bond pad #4 (vd1) bond pad #5 (vd2) bond pad #6 (rf out) rf in vg1 vg2 vd2 vd1 rf out mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd xx1005-bd xx1005-bd
8.0-12.0/16.0-24.0 ghz gaas mmic active doubler page 4 of 6 app note [1] biasing - it is recommended to separately bias each doubler stage vd1 through vd2 at vd(1,2)=3.5v with id1=25ma and id2=110ma. separate biasing is recommended if the doubler is to be used at high levels of saturation, where gate rectificat ion will alter the effective gate control voltage. it is also recommended to use active biasing to keep the currents constant as th e rf power and temperature vary; this gives the most reproducible results. depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single transistor or a low power operational amplifier, with a low value res istor in series with the drain supply used to sense the current. the gate of the phemt is controlled to maintain correct drain current a nd thus drain voltage. the typical gate voltages needed to do this are vg1=-0.9v and vg2=-0.3v. typically the gate is protected with s ilicon diodes to limit the applied voltage. also, make sure to sequence the applied voltage to ensure negative gate bias is available before applying the positive drain supply. app note [2] bias arrangement - for individual stage bias (recommended for doubler applications) -- each dc pad (vd1, 2 and vg1, 2) needs to have dc bypass capacitance (~100-200 pf ) as close to the device as possible. additional dc bypass capacitance (~0.01 uf) is also recommended. mttf tables (tbd) bias conditions: vd1=vd2=3.5v, id1=25 ma, id2=110 ma these numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricati ng foundry. backplate temperat re 55 deg celsius 75 deg celsius 95 deg celsius channel temperat re deg celsius deg celsius deg celsius fits e+ e+ e+ mttf ho rs e+ e+ e+ rth c/w c/w c/w mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd
8.0-12.0/16.0-24.0 ghz gaas mmic active doubler device schematic page 5 of 6 mimix broa d ban d mmic-base d 18.0-24.0 ghz doubler/re c eiver blo c k dia g ram (changing lo and if frequencies as required allows design to operate as high as 24.0 ghz) typical application rf i n 17.7-19.7 ghz ir mixer xr1002 bpf if out 2 ghz atten=0-12db agc control lo(+9.0dbm) 7.85-8.85 ghz 9.85-10.85 ghz 15.7-17.7 ghz (usb operation) 19.7-21.7 ghz (lsb operation) xx1005-bd x2 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd
page 6 of 6 8.0-12.0/16.0-24.0 ghz gaas mmic active doubler mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2007 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. january 2007 - rev 17-jan-07 x1005-bd handling and assembly information ordering information caution! - mimix broadband mmic products contain gallium arsenide (gaas) which can be hazardous to the human body and the environment. for safety, observe the following procedures: ? do not ingest. ? do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. ? observe government laws and company regulations when discarding this product. this product must be discarded in accordance with methods specified by applicable hazardous waste procedures. life support poli c y - mimix broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the president and general counsel of mimix broadband. as used herein: (1) life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to aff ect its safety or effectiveness. esd - gallium arsenide (gaas) devices are susceptible to electrostatic and mechanical damage. die are supplied in antistatic containers, which should be opened in cleanroom conditions at an appropriately grounded anti-static workstation. devices need careful handling using correctly designed collets, vacuum pickups or, with care, sharp tweezers. die atta c hment - gaas products from mimix broadband are 0.100 mm (0.004") thick and have vias through to the backside to enable grounding to the circuit. microstrip substrates should be brought as close to the die as possible. the mounting surface should be clean and flat. if using conductive epoxy, recommended epoxies are tanaka ts3332ld, die mat dm6030hk or dm6030hk-pt cured in a nitrogen atmosphere per manufacturer's cure schedule. apply epoxy sparingly to avoid getting any on to the top surface of the die. an epoxy fillet should be visible around the total die periphery. for additional information please see the mimix "epoxy specifications for bare die" application note. if eutectic mounting is preferred, then a fluxless gold-tin (ausn) preform, appr oximately 0.001 2 thick, placed between the die and the attachment surface should be used. a die bonder that utilizes a heated collet and provides scrubbing action to ensure total wetting to prevent void formation in a nitrogen atmosphere is recommended. the gold-t in eutectic (80% au 20% sn) has a melting point of approximately 280 oc (note: gold germanium should be avoided). the work station temperature should be 310 oc +/- 10 oc. exposure to these extreme temperatures should be kept to minimum. the collet should be heated, and the die pre-heated to avoid excessive thermal shock. avoidance of air bridges and force impact are critical during placement. wire bon d in g - windows in the surface passivation above the bond pads are provided to allow wire bonding to the die's gold bond pads. the recommended wire bonding procedure uses 0.076 mm x 0.013 mm (0.003" x 0.0005") 99.99% pure gold ribbon with 0.5-2% elongation to minimize rf port bond inductance. gold 0.025 mm (0.001") diameter wedge or ball bonds are acceptable for dc bias connections. aluminum wire should be avoided. thermo-compression bonding is recommended though thermosonic bonding may be used providing the ultrasonic content of the bond is minimized. bond force, time and ultrasonics are all critical parameters . bonds should be made from the bond pads on the die to the package or substrate. all bonds should be as short as possible. rohs compliant parts - all mimix products are rohs compliant unless specifically ordered with tin-lead finish. part number for or d erin g des c ription xx1005-bd-000v ?v? - vacuum release gel paks XX1005-BD-EV1 xx1005-bd die evaluation module


▲Up To Search▲   

 
Price & Availability of XX1005-BD-EV1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X