Part Number Hot Search : 
BCM4712 DNT90C SSH4N70 WS256 A1521 PE3388 1KSMB47A PF3506
Product Description
Full Text Search
 

To Download SP1213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  electronic film capacitors, inc. reidville industrial park * 41 interstate lane waterbury, connecticut 06705 SP1213 efc series SP1213 are metallized polypropylene capacitors in a wrap and fill construction. special metallization and high-tech terminations allow these capacitors to operate at up to 30 amps ripple current at frequencies up to 100 khz. SP1213 exhibit little or no capacitance rolloff, when compared to electrolytics, at these high frequencies. specifications metallized polypropylene hi-tech capacitor technology meets the demand of today's hi-tech switch-mode power supplies phone (203) 755-5629 fax (203) 755-0659 low esr 1. tempera ture range: -55 c to +85 c at full voltage ratings. to 105 c with 25% voltage derating. 4. insula tion resist ance: 150,000 megohm-microfarads (need not exceed 300,000 megohms) when measured at rated voltage at 25 c. case code tc - wrap & fill - round - axial cap acit ance in microfarads ( m m m m m f) vol t age 1.6 - 160 vdc 2.5 - 250 vdc 4 - 400 vdc 6.3 - 630 vdc size code 3 - standard x - non-standard t olerance 1 - 1% 2 - 2% 5 - 5% etc. dielectric code 1213 - metallized polypropylene catalog nomenclature sp 1213 tc q - 3 - 1.0 - 2 - 5 option switch mode power supply low esr and high current rating. specify with the prefix sp . omit for solid wire; include for quick connect terminals leads 5. esr: see dimensions and ratings tables. 3. dissip a tion f act or (1 khz): 0.1% maximum when measured at 25 c. 2. cap acit ance t olerances: + 1%, 2%, 5%, 10%, 20%.
< >< l _ .050" > < > + 1.0 2.0 3.0 5.0 10.0 20.0 30.0 d l lead dia. 100 vdc 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 200 vdc 400 vdc d l lead dia. i rms (amps) d l lead dia. dimensions and ratings .781 .906 .906 1.250 1.531 2.250 2.250 15 12 11 9 8 7 6 9.0 11.0 12.0 14.0 15.0 15.0 15.0 1.250 1.250 1.531 1.781 2.250 2.250 20 15 13 11 9 6 .520 .700 .750 .870 1.030 1.450 7.5 12.0 15.0 15.0 15.0 15.0 1.531 1.781 1.781 2.250 2.250 19 15 12 10 7 .720 .900 1.090 1.190 1.700 9.5 15.0 15.0 15.0 15.0 cap. m m m m m f .032 .032 .040 .040 .040 .040 .040 .032 .032 .040 .040 .040 .040 .032 .040 .040 .040 .040 efc SP1213tc 1.625" min. _ .050" + d > .580 .630 .750 .780 .940 1.050 1.250 tinned solid copper wire reidville industrial park * 41 interstate lane waterbury, connecticut 06705 phone (203) 755-5629 fax (203) 755-0659 i rms (amps) i rms (amps) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) efc will manufacture to any non-standard value and size. please consult factory for special requirements. SP1213tc electronic film capacitors, inc. tubular wrap and fill snubber capacitors metallized polypropylene note: maximum ripple current ratings, i rms , apply at 100 khz at 25c.
_ .050" < > < >< l _.050" > d l electronic film capacitors, inc. phone (203) 755-5629 fax (203) 755-0659 reidville industrial park * 41 interstate lane waterbury, connecticut 06705 metallized polypropylene snubber design 0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 1.20 1.50 cap. m m m m m f inches (mm) inches (mm) 850vdc/450vac 0.38 (9.8) 0.45 (11.6) 0.55 (14.0) 0.65 (16.6) 0.71 (18.0) 0.78 (19.8) 0.85 (21.7) 0.94 (23.9) 1.03 (26.2) 1.15 (29.2) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) SP1213tc rev. 4/97 1.625" min. + SP1213tc + d d l cap. m m m m m f inches (mm) inches (mm) 1200vdc/500vac 0.42 (10.8) 0.51 (12.9) 0.61 (15.7) 0.73 (18.6) 0.79 (20.2) 0.87 (22.2) 0.96 (24.4) 1.06 (26.8) 1.15 (29.4) 1.29 (32.8) d l 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.22 0.33 0.47 0.56 cap. m m m m m f inches (mm) inches (mm) 2000vdc/660vac 0.39 (9.9) 0.42 (10.7) 0.46 (11.7) 0.50 (12.7) 0.55 (14.0) 0.60 (15.2) 0.67 (16.9) 0.80 (20.4) 0.98 (24.9) 1.16 (29.6) 1.27 (32.3) i (peak) amps i (rms) amps esl nh dv/dt v/ m m m m m s i (peak) amps i (rms) amps esl nh dv/dt v/ m m m m m s i (peak) amps i (rms) amps esl nh dv/dt v/ m m m m m s 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 1.750 (44.5) 0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 1.20 1.50 49 72 107 153 182 221 267 325 390 488 4.50 4.63 5.25 5.50 6.00 6.25 6.25 6.50 6.50 6.50 45 45 45 45 40 35 30 30 30 30 29 26 23 16 14 12 11 9 7 5 325 325 325 325 325 325 325 325 325 325 90 132 198 282 336 408 492 600 720 900 4.5 5.3 6.3 6.5 6.8 7.0 7.0 7.0 7.0 7.0 45 45 45 45 40 35 30 30 30 30 22 15 10 7 6 5 4 3 3 2 600 600 600 600 600 600 600 600 600 600 40 48 58 70 85 102 128 187 281 400 476 4.5 4.5 4.5 4.5 5.0 5.5 6.0 6.5 7.0 7.0 7.0 45 45 45 45 45 45 45 35 26 25 25 40 34 28 23 19 16 13 9 6 4 3 850 850 850 850 850 850 850 850 850 850 850 dimensions and ratings leads - 18 awg tinned copper 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) )
< l _ .050" > dimensions and ratings reidville industrial park * 41 interstate lane waterbury, connecticut 06705 phone (203) 755-5629 fax (203) 755-0659 efc will manufacture to any non-standard value and size. please consult factory for special requirements. SP1213tcq electronic film capacitors, inc. tubular wrap and fill snubber capacitors metallized polypropylene note: maximum ripple current ratings, i rms , apply at 100 khz at 25c. efc SP1213tcq < > + _ .050" + d > quick connect terminals (.032 x .250 x .250) > 1.0 2.0 3.0 5.0 10.0 20.0 30.0 d l lead dia. 100 vdc 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 200 vdc 400 vdc d l lead dia. i rms (amps) d l lead dia. .781 .906 .906 1.250 1.531 2.250 2.250 15 12 11 9 8 7 6 1.250 1.250 1.531 1.781 2.250 2.250 20 15 13 11 9 6 .520 .700 .750 .870 1.030 1.450 1.531 1.781 1.781 2.250 2.250 19 15 12 10 7 .720 .900 1.090 1.190 1.700 cap. m m m m m f .032 .032 .040 .040 .040 .040 .040 .032 .032 .040 .040 .040 .040 .032 .040 .040 .040 .040 .580 .630 .750 .780 .940 1.050 1.250 i rms (amps) i rms (amps) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 100 khz esr ( ( ( ( ( m w w w w w ) ) ) ) ) 10.0 12.0 13.0 15.0 18.0 22.0 24.0 8.0 14.5 16.0 18.5 22.5 27.5 10.0 15.0 21.0 24.5 30.0


▲Up To Search▲   

 
Price & Availability of SP1213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X