Part Number Hot Search : 
VTS4010 Z3SMC200 AS50351 BCM7038 MOC8102 BAV19W VTS4010 E1300
Product Description
Full Text Search
 

To Download MF-R700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex. product manufactured with a date code later than april 1, 2005 is rohs compliant. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. mf-r series - ptc resettable fuses r 0180t 1 1 0 1 hour (r 1 ) max. time tripped i hold i trip initial post-trip to trip power resistance resistance dissipation model amperes ohms ohms amperes seconds watts v max. i max. at 23 c at 23 c at 23 c at 23 c at 23 c at 23 c volts amps hold trip min. max. max. typ. mf-r005 60 40 0.05 0.10 7.3 11.1 22.0 0.5 5.0 0.22 mf-r010 60 40 0.10 0.20 2.50 4.50 7.50 0.5 4.0 0.38 mf-r017 60 40 0.17 0.34 2.00 3.20 8.00 0.85 3.0 0.48 mf-r020 60 40 0.20 0.40 1.50 2.84 4.40 1.0 2.2 0.40 mf-r025 60 40 0.25 0.50 1.00 1.95 3.00 1.25 2.5 0.45 mf-r030 60 40 0.30 0.60 0.76 1.36 2.10 1.5 3.0 0.50 mf-r040 60 40 0.40 0.80 0.52 0.86 1.29 2.0 3.8 0.55 mf-r050 60 40 0.50 1.00 0.41 0.77 1.17 2.5 4.0 0.75 mf-r065 60 40 0.65 1.30 0.27 0.48 0.72 3.25 5.3 0.90 mf-r075 60 40 0.75 1.50 0.18 0.40 0.60 3.75 6.3 0.90 mf-r090 60 40 0.90 1.80 0.14 0.31 0.47 4.5 7.2 1.00 mf-r090-0-9 30 40 0.90 1.80 0.07 0.12 0.22 4.5 5.9 0.60 mf-r110 30 40 1.10 2.20 0.10 0.18 0.27 5.5 6.6 0.70 mf-r135 30 40 1.35 2.70 0.065 0.115 0.17 6.75 7.3 0.80 mf-r160 30 40 1.60 3.20 0.055 0.105 0.15 8.0 8.0 0.90 mf-r185 30 40 1.85 3.70 0.040 0.07 0.11 9.25 8.7 1.00 mf-r250 30 40 2.50 5.00 0.025 0.048 0.07 12.5 10.3 1.20 mf-r250-0-10 30 40 2.50 5.00 0.025 0.048 0.07 12.5 10.3 1.20 mf-r300 30 40 3.00 6.00 0.020 0.05 0.08 15.0 10.8 2.00 mf-r400 30 40 4.00 8.00 0.010 0.03 0.05 20.0 12.7 2.50 mf-r500 30 40 5.00 10.00 0.010 0.03 0.05 25.0 14.5 3.00 mf-r600 30 40 6.00 12.00 0.005 0.02 0.04 30.0 16.0 3.50 MF-R700 30 40 7.00 14.00 0.005 0.02 0.03 35.0 17.5 3.80 mf-r800 30 40 8.00 16.00 0.005 0.02 0.03 40.0 18.8 4.00 mf-r900 30 40 9.00 18.00 0.005 0.01 0.02 45.0 *20.0 4.20 mf-r1100 16 100 11.00 22.00 0.003 0.01 0.014 40.0 20.0 4.50 electrical characteristics features radial leaded devices cured, flame retardant epoxy polymer insulating material meets ul 94v-0 requirements rohs compliant* agency recognition: applications almost anywhere there is a low voltage power supply and a load to be protected, including: computers & peripherals general electronics automotive applications *tested at 40 amps operating/storage temperature ........................-40 ? to +85 ? maximum device surface temperature in tripped state ................................................125 ? passive aging......................................................+85 ?, 1000 hours ....................................? % t ypical resistance change humidity aging....................................................+85 ?, 85 % r.h. 1000 hours....................? % typical resistance change thermal shock ....................................................-40 ? to +85 ?, 10 times ..........................?0 % typi cal resistance change solvent resistance ............................................mil-std-202, method 215 ........................no change vibration ..............................................................mil-std-883c, method 2007.1, ................no change condition a environmental characteristics test test conditions accept/reject criteria visual/mech. ......................................................verify dimensions and materials..................per mf physi cal description resistance ..........................................................in still air @ 23 ? ....................................... .rmin r rmax time to trip ........................................................5 times ihold, vmax, 23 ?..........................t max. time to trip (seconds) hold current ......................................................30 min. at ihold............................................n o trip trip cycle life ....................................................vmax, imax, 100 cycles ..............................no arcin g or burning trip endurance....................................................vmax, 48 hours ..........................................no ar cing or burning ul file number ..................................................e 174545s csa file number ................................................ca 110338 t?v file number ................................................r2057213 test procedures and requirements for model mf-r series tv rheinland *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. a b c d e physical characteristics model max. max. nom. tol. min. max. style lead dia. material mf-r005 8.0 8.3 5.1 0.7 7.6 3.1 4 0.405 sn/nicu (0.315) (0.327) (0.201) (0.028) (0.299) (0.122) (0.016) mf-r010 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 sn/nicu (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r017 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 sn/cufe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r020 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 sn/cufe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r025 7.4 12.7 5.1 0.7 7.6 3.1 1 0.51 sn/cufe (0.291) (0.5) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r030 7.4 13.4 5.1 0.7 7.6 3.1 1 0.51 sn/cufe (0.291) (0.528) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r040 7.4 13.7 5.1 0.7 7.6 3.1 1 0.51 sn/cufe (0.291) (0.539) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r050 7.9 13.7 5.1 0.7 7.6 3.1 1 0.51 sn/cu (0.311) (0.539) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r065 9.7 15.2 5.1 0.7 7.6 3.1 1 0.51 sn/cu (0.382) (0.598) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r075 10.4 16.0 5.1 0.7 7.6 3.1 1 0.51 sn/cu (0.409) (0.630) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r090 11.7 16.7 5.1 0.7 7.6 3.1 1 0.51 sn/cu (0.461) (0.657) (0.201) (0.028) (0.299) (0.122) (0.020) mf-r090-0-9 7.4 12.2 5.1 0.7 7.6 3.0 3 0.51 sn/cufe (0.291) (0.480) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r110 8.9 14.0 5.1 0.7 7.6 3.0 1 0.51 sn/cu (0.350) (0.551) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r135 8.9 18.9 5.1 0.7 7.6 3.0 1 0.51 sn/cu (0.350) (0.744) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r160 10.2 16.8 5.1 0.7 7.6 3.0 1 0.51 sn/cu (0.402) (0.661) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r185 12.0 18.4 5.1 0.7 7.6 3.0 1 0.51 sn/cu (0.472) (0.724) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r250 12.0 18.3 5.1 0.7 7.6 3.0 2 0.81 sn/cu (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.032) mf-r250-0-10 12.0 18.3 5.1 0.7 7.6 3.0 3 0.51 sn/cufe (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.020) mf-r300 12.0 18.3 5.1 0.7 7.6 3.0 2 0.81 sn/cu (0.472) (0.720) (0.201) (0.028) (0.299) (0.118) (0.032) mf-r400 14.4 24.8 5.1 0.7 7.6 3.0 2 0.81 sn/cu (0.567) (0.976) (0.201) (0.028) (0.299) (0.118) (0.032) mf-r500 17.4 24.9 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.685) (0.980) (0.402) (0.028) (0.299) (0.118) (0.032) mf-r600 19.3 31.9 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.760) (1.256) (0.402) (0.028) (0.299) (0.118) (0.032) MF-R700 22.1 29.8 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.870) (1.173) (0.402) (0.028) (0.299) (0.118) (0.032) mf-r800 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) mf-r900 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) mf-r1100 24.2 32.9 10.2 0.7 7.6 3.0 2 0.81 sn/cu (0.953) (1.295) (0.402) (0.028) (0.299) (0.118) (0.032) product dimensions (see next page for outline drawing) packaging options: bulk: all models = 500 pcs. per bag. tape & reel: mf-r005-mf-r160 - 12.7 mm device pitch = 3000 pcs. per reel; mf-r185-mf-r400 - 25.4mm device pitch = 1500 pcs. per reel; mf-r090-0-9 & mf-r250-0-10 = 1500 pcs. per reel. ammo-pack: mf-r005-mf-r160 - 12.7 mm device pitch = 2000 pcs. per reel; mf-r185-mf-r400 - 25.4 mm device pitch = 1000 pcs. per reel; mf-r090-0-9 & mf-r250-0-10 = 2000 pcs. per reel. 0.405 (26awg) 0.51 (24awg) 0.81 (20awg) mf-r series - ptc resettable fuses additional features bulk packaging, tape and reel and ammo-pak available on most models patents pending mm (inches) dimensions =
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. thermal derating chart - i hold / i trip (amps) ambient operating temperature model -40 c -20 c0 c 23 c 40 c 50 c 60 c 70 c 85 c mf-r005 0.08 / 0.16 0.07 / 0.14 0.06 / 0.12 0.05 / 0.10 0.04 / 0.08 0.04 / 0.08 0.03 / 0.07 0.03 / 0.07 0.02 / 0.05 mf-r010 0.16 / 0.32 0.14 / 0.28 0.12 / 0.24 0.10 / 0.20 0.08 / 0.16 0.07 / 0.14 0.06 / 0.12 0.05 / 0.10 0.04 / 0.08 mf-r017 0.26 / 0.52 0.23 / 0.46 0.20 / 0.40 0.17 / 0.34 0.14 / 0.28 0.12 / 0.24 0.11 / 0.22 0.09 / 0.18 0.07 / 0.14 mf-r020 0.31 / 0.62 0.27 / 0.54 0.24 / 0.48 0.20 / 0.40 0.16 / 0.32 0.14 / 0.28 0.13 / 0.26 0.11 / 0.22 0.08 / 0.16 mf-r025 0.39 / 0.78 0.34 / 0.68 0.30 / 0.60 0.25 / 0.50 0.20 / 0.40 0.18 / 0.36 0.16 / 0.32 0.14 / 0.28 0.10 / 0.20 mf-r030 0.47 / 0.94 0.41 / 0.82 0.36 / 0.72 0.30 / 0.60 0.24 / 0.48 0.22 / 0.44 0.19 / 0.38 0.16 / 0.32 0.12 / 0.24 mf-r040 0.62 / 1.24 0.54 / 1.08 0.48 / 0.96 0.40 / 0.80 0.32 / 0.64 0.29 / 0.58 0.25 / 0.50 0.22 / 0.44 0.16 / 0.32 mf-r050 0.78 / 1.56 0.68 / 1.36 0.60 / 1.20 0.50 / 1.00 0.41 / 0.82 0.36 / 0.72 0.32 / 0.64 0.27 / 0.54 0.20 / 0.40 mf-r065 1.01 / 2.02 0.88 / 1.76 0.77 / 1.54 0.65 / 1.30 0.53 / 1.06 0.47 / 0.94 0.41 / 0.82 0.35 / 0.70 0.26 / 0.52 mf-r075 1.16 / 2.32 1.02 / 2.04 0.89 / 1.78 0.75 / 1.50 0.61 / 1.22 0.54 / 1.08 0.47 / 0.94 0.41 / 0.82 0.30 / 0.60 mf-r090 1.40 / 2.80 1.22 / 2.44 1.07 / 2.14 0.90 / 1.80 0.73 / 1.46 0.65 / 1.30 0.57 / 1.14 0.49 / 0.98 0.36 / 0.72 mf-r090-0-9 1.40 / 2.80 1.22 / 2.44 1.07 / 2.14 0.90 / 1.80 0.73 / 1.46 0.65 / 1.30 0.57 / 1.14 0.49 / 0.98 0.36 / 0.72 mf-r110 1.60 / 3.20 1.43 / 2.86 1.27 / 2.54 1.10 / 2.20 0.91 / 1.82 0.85 / 1.70 0.75 / 1.50 0.67 / 1.34 0.57 / 1.14 mf-r135 1.96 / 3.92 1.76 / 3.52 1.55 / 3.10 1.35 / 2.70 1.12 / 2.24 1.04 / 2.08 0.92 / 1.84 0.82 / 1.64 0.70 / 1.40 mf-r160 2.32 / 4.64 2.08 / 4.16 1.84 / 3.68 1.60 / 3.20 1.33 / 2.66 1.23 / 2.46 1.09 / 2.18 0.98 / 1.96 0.83 / 1.66 mf-r185 2.68 / 5.36 2.41 / 4.82 2.13 / 4.26 1.85 / 3.70 1.54 / 3.08 1.42 / 2.84 1.26 / 2.52 1.13 / 2.26 0.96 / 1.92 mf-r250 3.63 / 7.26 3.25 / 6.50 2.88 / 5.76 2.50 / 5.00 2.08 / 4.16 1.93 / 3.86 1.70 / 3.40 1.53 / 3.06 1.30 / 2.60 mf-r250-0-10 3.63 / 7.26 3.25 / 6.50 2.88 / 5.76 2.50 / 5.00 2.08 / 4.16 1.93 / 3.86 1.70 / 3.40 1.53 / 3.06 1.30 / 2.60 mf-r300 4.35 / 8.70 3.90 / 7.80 3.45 / 6.90 3.00 / 6.00 2.49 / 4.98 2.31 / 4.62 2.04 / 4.08 1.83 / 3.66 1.56 / 3.12 mf-r400 5.80 / 11.6 5.20 / 10.4 4.60 / 9.20 4.00 / 8.00 3.32 / 6.64 3.08 / 6.16 2.72 / 5.44 2.44 / 4.88 2.08 / 4.16 mf-r500 7.25 / 14.5 6.50 / 13.0 5.75 / 11.5 5.00 / 10.0 4.15 / 8.30 3.85 / 7.70 3.40 / 6.80 3.05 / 6.10 2.60 / 5.20 mf-r600 8.70 / 17.4 7.80 / 15.6 6.90 / 13.8 6.00 / 12.0 4.98 / 9.96 4.62 / 9.24 4.08 / 8.16 3.66 / 7.32 3.12 / 6.24 MF-R700 10.1 / 20.3 9.10 / 18.2 8.05 / 16.1 7.00 / 14.0 5.81 / 11.6 5.39 / 10.7 4.76 / 9.52 4.27 / 9.44 3.64 / 7.28 mf-r800 11.6 / 23.2 10.4 / 20.8 9.20 / 18.4 8.00 / 16.0 6.64 / 13.2 6.16 / 12.3 5.44 / 10.8 4.88 / 9.76 4.16 / 8.32 mf-r900 13.0 / 26.1 11.7 / 23.4 10.3 / 20.7 9.00 / 18.0 7.47 / 14.9 6.93 / 12.7 6.12 / 12.2 5.49 / 10.9 4.68 / 9.36 mf-r1100 16.1 / 32.0 14.6 / 29.2 13.1 / 26.2 11.0 / 22.1 9.40 / 18.4 8.80 / 17.6 7.80 / 15.6 6.90 / 13.8 5.20 / 10.4 note: kinked lead option is available for board standoff. contact factory for details. note: also available with straight leads. contact factory for details. a e b d b d c style 1 a e b d c style 2 a e c style 3 style 4 ae b d c product dimensions (see previous page for dimensions) mf-r series - ptc resettable fuses
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. how to order mf - r 110 - 0 - 99 multifuse product designator series r = radial leaded component hold current, ihold 005-1100 (0.05 amps - 11.0 amps) packaging options - __ = bulk packaging without part number suffix option - 0-99 = bulk packaging with part number suffix option - 2 = tape and reel without part number suffix option* - 2-99 = tape and reel with part number suffix option - ap = ammo-pak* - 0-14 = kinked leads where straight leads are standard - 0-17 = straight leads where kinked leads are standard part number suffix option - 99 = as of date code april 1, 2005 all mf-r models are rohs compliant. the suffix ?99 can be used if a new part number is required to reference the rohs compliance. examples: mf-r110 ................bulk packaging mf-r110-0-99 ......bulk packaging with part number suffix option mf-r110-2 ............tape and reel packaging mf-r110-2-99 ......tape and reel packaging with part number suffix option mf-r090-0-9-99 ....bulk packaging with part number suffix option mf-r250-0-10-99 ..bulk packaging with part number suffix option *packaged per eia486-b typical time to trip at 23 c 100 10 1 0.1 0.01 0.001 0.1 1 10 100 fault current (amps) time to trip (seconds) m f-r017 m f-r040 m f-r075 m f-r020 m f-r050 m f-r065 m f-r090 m f-r025 m f-r030 m f-r010 m f-r005 mf-r series - ptc resettable fuses mf-r series, rev. u, 02/06 100 10 1 0.1 0.01 0.001 1 10 100 fault current (amps) time to trip (seconds) mf-r110 mf-r250, 250-0-10 mf-r500 mf-r135 mf-r300 mf-r400 mf-r600 MF-R700 mf-r800 mf-r900 mf-r1100 mf-r160 mf-r185 mf-r090 -0-9 typical part marking: mf-r005 - r025 represents total content. layout may vary. 025 0a part identification manufacturer's trademark date code: week 1 of 2000 = 0a (year & week) week 27 of 2000 = a0 (week & year) typical part marking: mf-r030 - r1100 represents total content. layout may vary. r250 0180t manufacturer's trademark part identification date code (first digit = last digit of year; next three digits = day of year) lot no. (t = taiwan s = china)
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. devices taped using eia468?/iec286-2 standards. see table below and figures 1 and 2 for details. iec eia dimensions dimension description mark mark dimensions tolerance carrier tape width ww hold down tape width: all others w 0 w 4 min. hold down tape no protrusion top distance between tape edges w 2 w 6 max. sprocket hole position w 1 w 5 sprocket hole diameter d 0 d 0 abscissa to plane (straight lead) hh abscissa to plane (kinked lead) h 0 h 0 abscissa to top (straight lead) h 1 h 1 max. abscissa to top (kinked lead) h 1 h 1 max. overall width w/lead protrusion (straight lead) c 1 max. overall width w/lead protrusion (kinked lead) c 1 max. overall width w/o lead protrusion (straight lead) c 2 max. overall width w/o lead protrusion (kinked lead) c 2 max. lead protrusion i 1 l 1 max. protrusion of cutout ll max. protrusion beyond hold tape i 2 i 2 not specified sprocket hole pitch p 0 p 0 pitch tolerance 20 consecutive ? device pitch: mf-r005?f-r160, mf-r/90 & mf-rx/72 device pitch: mf-r185?f-r400, mf-rx110?f-rx375 tape thickness tt max. tape thickness with splice: mf-r010?f-r160 t 1 max. tape thickness with splice: mf-r250?f-r1100 mf-rx110?f-rx375 & mf-r/90 t 1 max. splice sprocket hole alignment 0 body lateral deviation ? h ? h 0 body tape plane deviation ? p ? p 0 lead spacing ff reel width ww 2 max. reel diameter da max. space between flanges less device w 1 h mf-r, mf-rx, mf-r/90, mf-rx/72 & mf-rx/250 series tape and reel specifications 18 (.709) -0.5/+1.0 (-0.02/+.039) 9 (.354) -0.5/+0.75 (-0.02/+0.03) 4 (.157) 0.2 (.0078) 18.5 (.728) 3.0 (.118) 16 (.63) 32.2 (1.268) 38.0 (1.496) 43.2 (1.7) 55.0 (2.165) 42.5 (1.673) 54.0 (2.126) 1.0 (.039) 11 (.433) 0.5 (.02) 12.7 (0.5) 12.7 (0.5) 25.4 (1.0) 0.9 (.035) 1.5 (.059) 2.3 (.091) 5.08 (0.2) 56 (2.205) 370 (14.57) 0.3 (.012) 0.3 (.012) 1.0 (.039) 0.3 (.021) 0.2 (.008) 4.75 (.187) 3.25 (.128) 11 (.433) 3 (.118) dimensions = mm (inches)
iec eia dimensions dimension description mark mark dimensions tolerance arbor hole diameter fc core diameter: mf-r, mf-rx, mf-r/90 hn max. box: mf-r, mf-rx, mf-r/90 max. consecutive missing places: mf-r, mf-rx, mf-r/90 3 max. empty places per reel: mf-r, mf-rx, mf-r/90 not specified mf-r, mf-rx, mf-r/90, mf-rx/72 & mf-rx/250 series tape and reel specifications specifications are subject to change without notice. customers should verify actual device performance in their specific applications. t user direction of feed cross section a - b ? p ? p h h 1 reference plane w 0 h 0 w 1 w a b f d 0 p 0 i 1 i 2 l h 1 p 1 ? h ? h h w h f d reel upper side tape lower side user direction of feed reel dimensions - figure 2 taped component dimensions - figure 1 26 (1.024) 80 (3.15) 56 (2.2) 372 (14.6) 372 (14.6) 12.0 (.472) dimensions = mm (inches)


▲Up To Search▲   

 
Price & Availability of MF-R700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X