Part Number Hot Search : 
BD9300FV EH390 2720DX 10100C RD24MB LC7070NM RD24MB EH390
Product Description
Full Text Search
 

To Download GBU25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBU25005 ~ gbu2510 50 v ~ 1000 v 25.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 14-oct-2010 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? surge overload rating -350 amperes peak ? ideal for printed circuit board ? reliable low cost construction utilizing molded plastic technique ? plastic material has u/l flammability classification 94v-0 ? mounting position any maximum ratings and electrical characteristics rating at 25c ambient temperat ure unless otherwise specified. single phase, half wave , 60hz, resistive or inductive load. for capacitive load, derate current by 20% parameters symbol part numbers units gbu 25005 gbu 2501 gbu 2502 gbu 2504 gbu 2506 gbu 2508 gbu 2510 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum dc reverse current at rated dc blocking voltage @t j =25c i r 10.0 ? a @t j =125c 500 maximum average forward (with heatsink note 2) rectified current @t c =100c (without heatsink) i (av) 25.0 a 4.2 peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 350 a rating for fusing (t < 8.3ms) l 2 t 200 a 2 s maximum forward voltage @ 12.5a dc v f 1.1 v typical junction capacitance per element (note 1) c j 70 pf typical thermal resistance r jc 2.2 c / w operating and storage temperature range t j , t stg -55 ~ 150 c notes 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 100mm * 100mm * 1.6mm cu plate heatsink. a c b d g f e n p q o l h j m k gbu ref. millimete r ref. millimete r min. max. min. max. a 21.80 22.20 j 0.46 0.56 b 18.30 19.10 k 4.80 5.30 c 3.37 3.53 l 2.16 2.54 d 17.27 18.29 m 1.65 2.03 e 3.2 x 45 n 1.45 1.85 f 3.70 3.90 o 0.90 1.20 g 5.70 5.90 p 9.80 10.20 h 2.30 2.70 q 10.90 11.10
GBU25005 ~ gbu2510 50 v ~ 1000 v 25.0 amp high current glass passivated molding single-phase bridge rectifier elektronische bauelemente 14-oct-2010 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of GBU25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X