Part Number Hot Search : 
MB95116A AV21W SDR954CT 62133 TK3610M 01545 ST6218C MJD2955
Product Description
Full Text Search
 

To Download FYLS-1206BUAC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd fy fyfy fyls lsls ls C CC C1206 1206 1206 1206b bb bu uu ua aa ac cc c radiationpattern. features:  compatiblewithautomaticplacementequipment.  compatiblewithreflowsolderprocess. applications:  automotivetelecommumication.  indicators.  lcdbacklights.  illuminations. descriptions:  dicematerial:algaas.  emittingcolor:amber  lenscolor:whitediffused. absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 absolutemaximunratings(ta=25 b bb b ) )) ) parameter parameter parameter parameter max. max. max. max. unit unit unit unit powerdissipation 50 mw peakforwardcurrent(1/10dutycycle,0.1mspulse width) 100 ma continuousforwardcurrent 30 ma deratinglinearfrom25 0.4 ma/ operatingtemperaturerange 3 33 30 00 0 t tt to oo o + ++ +8 88 80 00 0 storagetemperaturerange 4 44 40 00 0 t tt to oo o + ++ + 85 8585 85 electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 electricalandopticalcharacteristics(ta=25 b bb b ) )) ) parameter symbol min. typ. max. unit testcondition luminousintensity iv 370 mcd viewingangle 21/2 25 30 35 deg peakemission wavelength p 605 610 615 nm dominantwavelength d 603 608 613 nm spectrallinehalfwidth 10 15 20 nm forwardvoltage vf 1.8 2.0 2.4 v if=20ma reversecurrent ir 10 a vr=5v relative lumionous intensity(lop @max=1)
smd ambient temperature ta( ) forward current vs forward voltage forward voltage(v) forward current derating curve forward current(ma) forward current(ma) l u m i n o u s i n t e n s i t y v s . a m b i e n t t e m p e r a t u r e ambient temperature ta( ) c c relative luminous intensity 0 1 0 2 0 3 0 4 0 5 0 6 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 1 .5 1.7 1.9 2.1 2.2 2.3 2.5 2.7 2.9 3.1 3.3 10 0 20 30 40 50 3 . 0 f o r w a r d c u r r e n t i f ( m a ) 0 2.5 2.0 1.0 1.5 0.5 0 5 0 40 30 20 10 r e l a t i v e i n t e n s i t y ( l o p @ 2 0 m a = 1 ) r e l a t i v e l u m i n o u s i n t e n s i t y v s f o r w a r d c u r r e n t 0.5 1.0 1.5 2.0 2.5 0 -40 -20 0 20 40 80 100 p e a k @ 6 1 0 n m / o r a n g e normalized response wave length(nm) spectral reduance g a p a l g a a s o r a l g a i n p typicalelectricalcharacteristicsc typicalelectricalcharacteristicsc typicalelectricalcharacteristicsc typicalelectricalcharacteristicscurves urves urves urves (25 (25(25 (25 b bb b ambienttemperatureunlessotherwisenoted) ambienttemperatureunlessotherwisenoted) ambienttemperatureunlessotherwisenoted) ambienttemperatureunlessotherwisenoted)
smd  precautionsforuse precautionsforuse precautionsforuse precautionsforuse  overcurrentproof customer must apply resistors for protection,otherw ise slight voltage shift will cause big currentchang(burnoutwillhappen)  storage 1. theoperationoftemperatureandr.hare:5 b 30 b ,r.h.60%max. 2. oncethepackageisopened,theproductsshouldbe usedwithinaweek.otherwise,they shouldbekeptinadampproofboxwithdesccatingr egent.consideringthetapelife,we suggestourcustomerstouseourproductswithin1. 5year(formproductiondate). 3. itsrecommendedtobakebeforesolderingwhenthe packageisunsealedafter72hrs.the conditionis:60 b 5 b for15hrs.  solderingiron: solderingiron: solderingiron: solderingiron:  temperatureattipofiron:300 b max.(25w max)  solderingtime:31sec.  reflowtemp./time: reflowtemp./time: reflowtemp./time: reflowtemp./time: time temperature
smd 1.6 1.6 3.2 0.8 cathode mark led die 2.0 0.5 1.1 pcb resin 0.6 0.6 2.0 soldering terminal 1.5 1.5 1.5 2.0 1.8 10 1.1 r0.45 f w cathode d0 p2 p0 b0 d 1 p1 a0 a' a' k0 t sec:a-a' 5 e 60+0.5/-0 13.50.2 90.1 120.15 1781.0  pack pack pack packagedimensionsofdevice agedimensionsofdevice agedimensionsofdevice agedimensionsofdevice  tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. tapespecification:3000pcsperreel. packingsize item w p1 e f d0 d1 p0 unit spec. 8.00 4.00 1.75 3.50 1.50 1.00 4.00 mm tolerance 0.20 0.10 0.10 0.05 +0.1/0 0.05 0.05 mm item 10p0 p2 a0 b0 k0 t unit spec. 40.00 2.00 1.85 3.45 1.52 0.22 mm tolerance 0.20 0.05 0.10 0.10 0.10 0.05 mm  packagedimensionsofreel: packagedimensionsofreel: packagedimensionsofreel: packagedimensionsofreel: unit:mm unit:mm
smd unit:mm sb sb l1 w1 desiccant antistatic bag zip-lock desiccant spec. spec. spec. 203.0. 198.0 p a r t n o . q ' t y ( p c s ) b ox dimension(cm):30 * 19* 11.5 10 reels per box c/no g . w n . w m e a s : 3 8 * 3 1 * 3 8 c m k g s k g s c arton dimension(cm):39*32*38 6boxs/carton 0603b/0603/0805: 4000pcs*10reels*6boxs 0805b/1206b/ 1206 1210 /1204: 3000pcs*10reels*6boxs* 3528:2000pcs*10reels*6boxs 5050:1000pcs*8reels*6boxs  packingandshippingspec. packingandshippingspec. packingandshippingspec. packingandshippingspec.


▲Up To Search▲   

 
Price & Availability of FYLS-1206BUAC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X