Part Number Hot Search : 
B7720 V48C1 KBU80 0402B ZFXXX TL494CPW SMA33 AD8210
Product Description
Full Text Search
 

To Download BAS40-07W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas 40-07w oct-07-1999 1 silicon schottky diode ? general-purpose diode for high-speed switching ? circuit protection ? voltage clamping ? high-level detecting and mixing vps05605 4 2 1 3 32 eha07008 1 4 type marking pin configuration package bas 40-07w 47s 1=c1 2=c2 3=a2 4=a1 sot-343 maximum ratings parameter value unit symbol v r 40 v diode reverse voltage ma 120 forward current i f surge forward current, t 10ms i fsm 200 p tot 250 total power dissipation , t s 81c mw c t j junction temperature 150 operating temperature range -55 ... 150 t op t st g -55 ... 150 storage temperature maximum ratings k/w junction - ambient 1) r thja 345 junction - soldering point r thjs 275 1) package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm 2 cu
bas 40-07w oct-07-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter values symbol unit max. typ. min. dc characteristics v - v (br) 40 breakdown voltage i (br) = 10 a - a 1 10 - - - - i r reverse current v r = 30 v v r = 40 v mv forward voltage i f = 1 ma i f = 10 ma i f = 40 ma 250 350 600 310 450 720 v f 380 500 1000 ac characteristics pf c t - diode capacitance v r = 0 v, f = 1 mhz 4 5 ps charge carrier life time i f = 25 ma 100 - - differential forward resistance i f = 10 ma, f = 10 khz r f - 10 - ?
bas 40-07w oct-07-1999 3 reverse current i r = f ( v r ) t a = parameter 0 ehb00039 bas 40... v r r 10 0 -2 10 1 10 2 10 3 10 a 10 -1 10 20 30 v 40 t a = 150 c 85 c 25 c forward current i f = f ( v f ) t a = 25c 0.0 ehb00038 bas 40... v f f 0.5 1.0 v 1.5 t a = -40 ?c 25 ?c 85 ?c 150 ?c -2 10 -1 10 ma 0 10 10 1 2 10 differential forward resistance r f = f ( i f ) f = 10 khz 0.1 ehb00041 bas 40... r f 1 10 ma 100 f ? 2 10 1 10 10 3 10 3 diode capacitance c t = f ( v r ) f = 1mhz 0 0 ehb00040 bas 40... c v r t 1 2 3 4 pf 5 10 20 v 30
bas 40-07w oct-07-1999 4 forward current i f = f ( t a *; t s) * package mounted on alumina 0? c 0 ehd07068 bar 14-1...16-1 f a t ; t s 50 100 150 20 40 60 80 100 120 140 160 ma 200 t a s t


▲Up To Search▲   

 
Price & Availability of BAS40-07W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X