|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
fixed inductors for surface mounting ? ? nz ; {????? (1) inductance is measured with a lcr meter 4284a * or equivalent. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) maximum allowable dc current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) * agilent technologies ??????x - $ 3y?? " ?hx?s ?t??b?{ v ?x?????y?? 5 3 " e w b o u f t u ?hx?s ? t??b?{ 7g?0?vxzv o t?v?v`h??????w?u s 8??? n ?b?v?v?z?hxv?vt??z?? w9su ? w??t ?^m?pb{ *?9s ??, jqb?{ * agilent technologies db320c dimensions ? ? go $ recommended patterns * ???? $ 2.6 4.1 1.0 4.0 max. 2.0 max. m2 ? direction indication 2.2 1.5 5.1 features ? ?? (unit: mm) (unit: mm) ? low profile (4.0mm max. square and 2.0mm max. height). ? magnetically shielded construction and low dc resistance. ? ideal for dc-dc converter choke coil for portable equipments (dvd, dsc, cellular phone, pda ). ? rohs compliant. ? ? ,? n n . b y z?^ n n . b y ? ??z?v ? ? ?;+ % 7 % % 4 $ $ f m m v m b s q i p o f 1 % "srw % $ % $? ??;??????t7& ? 3 p ) 4|?0 type db320c (quantity/reel; 2,000 pcs) f? ? j ?????? ?0) v ? v o t?0?v 9s ?0?v toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ? ) max. (typ.) inductance decrease current (3) (a) max. (typ.) =10% =30% ? l l ? l l temperature rise current (3) ? t=40c (a) max. (typ.) a993as-3r9m 3.9 20 0.08 (0.07) 0.86 (1.15) 1.10 (1.47) 1.38 (1.73) a993as-4r7m 4.7 20 0.10 (0.08) 0.85 (1.14) 1.08 (1.44) 1.28 (1.60) A993AS-5R6M 5.6 20 0.11 (0.09) 0.73 (0.97) 0.97 (1.29) 1.21 (1.52) a993as-6r8m 6.8 20 0.12 (0.10) 0.70 (0.93) 0.89 (1.18) 1.19 (1.49) a993as-8r2m 8.2 20 0.14 (0.12) 0.66 (0.88) 0.85 (1.14) 0.97 (1.21) a993as-100m 10.0 20 0.16 (0.13) 0.59 (0.78) 0.74 (0.99) 0.96 (1.20) a993as-120m 12.0 20 0.19 (0.16) 0.56 (0.74) 0.69 (0.92) 0.83 (1.04) a993as-150m 15.0 20 0.24 (0.20) 0.49 (0.65) 0.62 (0.82) 0.74 (0.93) a993as-180m 18.0 20 0.29 (0.24) 0.45 (0.60) 0.56 (0.74) 0.65 (0.82) a993as-220m 22.0 20 0.37 (0.31) 0.41 (0.55) 0.52 (0.69) 0.55 (0.69) a993as-270m 27.0 20 0.48 (0.40) 0.35 (0.47) 0.45 (0.60) 0.47 (0.59) inductance range: 3.9~27h selection guide for standard coils |
Price & Availability of A993AS-5R6M |