Part Number Hot Search : 
P18CA SMBJ22A PRS28G MAX2335 43000 MAZ8110 87871 UN212Y
Product Description
Full Text Search
 

To Download 90170-0040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/13/2010 please check www.molex.com for latest part information part number: 0901700040 status: active description: 2.54mm (.100") pitch qf-50?, strain relief, din 41651, standard low profile, 40 circuits documents: 3d model product specification ps-99020-0015 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family ribbon cable / wire trap connectors series 90170 component type strain relief glow-wire compliant no product name qf-50? physical circuits (loaded) n/a circuits (maximum) 40 color - resin black entry angle n/a lock to mating part yes material - resin polyester number of rows 2 pcb locator no pcb retention none packaging type bag pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm polarized to mating part no stackable no temperature range - operating -25c to +85c wire insulation diameter n/a wire size awg n/a wire/cable type ribbon cable electrical current - maximum per contact 1a voltage - maximum 250v ac/dc material info reference - drawing numbers product specification ps-99020-0015 sales drawing sd-90170 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90170 series use with 5320 , 90635 this document was generated on 04/13/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 90170-0040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X