Part Number Hot Search : 
STRPBF MJE13007 78712 1SS83 SRT400 TC7SZ00F 12864F D70F3
Product Description
Full Text Search
 

To Download 81CNQ035ASM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant electrical characteristics thermal and mechanical characteristics .015 .025 0.38 0.64 .085 .065 2.16 1.65 .260 .240 6.60 6.10 .098 .088 2.49 2.24 .370 .350 9.40 8.89 .110 .120 .100 2.54 2.79 3.04 d millimeter notes maximum minimum maximum minimum 29.97 30.35 1.180 1.195 e f g h j k l dim. inches 26.12 26.42 1.020 1.040 .695 .715 17.65 18.16 schottky power surface mount .110 2.79 fst80sm1-sm6 series 35v 40v 45v 45v 40v 35v m 1.490 1.510 37.85 38.35 n .695 .715 17.65 18.16 .027 .037 0.69 0.94 microsemi catalog catalog number working peak reverse voltage repetitive peak reverse voltage 3 2 1 m 3 pins eq sp at .200 g c h j n e 3 2 1 l 3 2 1 f a1 a2 a3 sm1 & sm2 sm3 & sm4 sm5 & sm6 b d a1 a2 a3 b c .151 .161 3.84 4.09 for sm2, sm4, & sm6 dia. typ. pin configuration d b typ. pin configuration for sm1, sm3, & sm5 k t t j stg typical thermal resistance (greased) max thermal resistance per pkg. max thermal resistance per leg operating junction temp range storage temp range r ojc 1.0c/w 0.5c/w 0.3 ounce (8.4 grams) typical weight mounting base torque -55c to 175c -55c to 175c case to sink *pulse test: pulse width 300sec, duty cycle 2% average forward current per pkg average forward current per leg maximum surge current per leg max repetitive peak reverse current per leg max peak forward voltage per leg max peak forward voltage per leg max peak reverse current per leg typical junction capacitance per leg f(av) 80 amps f(av) 40 amps fsm 800 amps r(ov) 2 amps fm 0.49 volts fm 0.68 volts rm 50 ma j 1900 pf rm 2.0 ma i i i i v v i i c c = 145c, square wave, 0jc = 0.5c/w c = 145c, square wave, 0jc = 1.0c/w 8.3 ms, half sine, j = 175c f = 1 khz, 25c, 1sec square wave fm = 40a: j = 175c* fm = 40a: j = 25c* rrm, c = 125c* rrm, j = 25c r = 5.0v, c = 25c r r v v v i i t t t t t t .230 .250 5.84 6.35 2 specify c-common cathode, a-common anode, d-doubler 10 inch pounds maximum (sm1, 2) sm1-2 sm3-4 ounce ( grams) typical ounce ( grams) typical note: 1 specify (1-6) to identify package desired fst8035sm _ _ fst8040sm _ _ fst8045sm _ _ 1 2 6.7 5.2 0.24 0.18 sm5-6 t t ojc r junction to case junction to case 0.3c/w ocs r note: baseplate common with pin 2 2-plcs. d=doubler a=common anode common cathode 1 2 1 2 1 2 3 3 3 max peak reverse current per leg industry part number 81cnq035asl 81cnq040asl 81cnq045asl 81CNQ035ASM 81cnq040asm 81cnq045asm fst8050sm _ _ 50v 50v reverse energy tested v 175c junction temperature 2 x 40 amperes avg. rrm - 35 to 50 volts guard ring protection schottky barrier rectifier january, 2010 - rev. 2 www.microsemi.com
fst80sm1 - fst80sm6 instantaneous forward current - amperes typical reverse current - mamperes reverse voltage - volts 0 75 c 25 c .01 0.1 10 20 40 30 50 typical reverse characteristics - per leg instantaneous forward voltage - volts 100 125 c 10 1.0 175 c 1000 figure 2 0 1.0 0.2 2.0 4.0 0.4 0.6 0.8 1.0 1.2 1.4 600 25 c 60 150 c 6.0 8.0 10 20 40 200 100 80 400 typical forward characteristics - per leg figure 1 800 1000 maximum allowable case temperature - c 50 50 maximum power dissipation - watts average forward current - amperes 0 5.0 0 10 10 5.0 15 35 20 25 30 40 45 maximum forward power dissipation - per leg average forward current - amperes 20 15 25 figure 5 30 35 120 0 110 130 150 140 10 0.5 15 90 60 120 180 dc 120 35 20 25 60 90 30 180 40 45 dc 100 reverse voltage - volts forward current derating - per leg 160 180 170 figure 4 0.1 0.5 1.0 junction capacitance - pf 600 200 100 400 1000 2000 4000 10 5.0 50 typical junction capacitance - per leg 6000 10000 figure 3 january, 2010 - rev. 2 www.microsemi.com


▲Up To Search▲   

 
Price & Availability of 81CNQ035ASM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X